Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF2968 Datasheet(PDF) 9 Page - RF Micro Devices

Part # RF2968
Description  BLUETOOTHTM TRANSCEIVER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2968 Datasheet(HTML) 9 Page - RF Micro Devices

Back Button RF2968 Datasheet HTML 5Page - RF Micro Devices RF2968 Datasheet HTML 6Page - RF Micro Devices RF2968 Datasheet HTML 7Page - RF Micro Devices RF2968 Datasheet HTML 8Page - RF Micro Devices RF2968 Datasheet HTML 9Page - RF Micro Devices RF2968 Datasheet HTML 10Page - RF Micro Devices RF2968 Datasheet HTML 11Page - RF Micro Devices RF2968 Datasheet HTML 12Page - RF Micro Devices RF2968 Datasheet HTML 13Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Preliminary
11-125
RF2968
Rev A13 010912
11
Detailed Functional Block Diagram
Pin Out
31
29
28
27
26
25
32
30
LO
VCO
Phase Detector/
Charge Pump
Prescaler
16/17
Synthesizer
Address 7
x2
TX
DATA
SYNC
BT = 0.5
4MHz
ICO
LOOP
FILTER
/4
1MHz
Phase
Detector /
Charge
Pump
/4
Filter
APPF
LO
Σ
Chip
Control
BDATA1
10 MHz
BPKTCTL
BXTLEN
500 kHz
23 BnPWR
24 PLLGND
22 BDCLK
Address 30
Address 31
Address 3
25-Bit Latch
16-Bit Shift
Register
(Read Only)
25-Bit Shift
Register
(Write Only)
21 BDDATA
DBus
25
5
25
20 BnDEN
7
LPO
6
VCC4
5
VCC3
8
DVDDH
4
RXIN
3
TXOUT
2
VCC2
1
VCC1
Σ
APPF
LO
1MHz IF
Transmitter
Clock / Data
Recovery
Receiver
Address 4
Address 5
Address 6
16
16
16
/2
500 kHz
1MHz
/6
/5
10 MHz
60 MHz
/60
Div R
Phase Detector/
Charge Pump
Div R
Ref. Osc.
19 OSC I
18 OSC O
17 BRCLK
LPF/
Equalizer
9
10
11
12
13
14
15
16
12 MHz
FSK Demodulator
TX DATA
9
10
11
12
13
14
15
16
24
23
22
21
20
19
18
17
32
31
30
29
28
27
26
25
8
7
6
5
4
3
2
1
PLL GND
BnPWR
BDCLK
BDDATA
BnDEN
OSC I
OSC O
BRCLK
DVDDH
LPO
VCC4
VCC3
RX IN
TX OUT
VCC2
VCC1


Similar Part No. - RF2968

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2905 RFMD-RF2905 Datasheet
490Kb / 22P
   433/868/915MHZ FM/FSK/ASK/OOK TRANSCEIVER
RF2908 RFMD-RF2908 Datasheet
534Kb / 18P
   915MHZ SPREAD SPECTRUM RECEIVER WITH PLL FREQUENCY SYNTHESIZER
RF2909 RFMD-RF2909 Datasheet
156Kb / 8P
   3V 915MHZ SPREAD-SPECTRUM TRANSMITTER IC
RF2915 RFMD-RF2915 Datasheet
386Kb / 18P
   433/868/915MHZ FSK/ASK/OOK TRANSCEIVER
RF2917 RFMD-RF2917 Datasheet
408Kb / 14P
   433/868/915MHZ FM/FSK RECEIVER
More results

Similar Description - RF2968

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLC2500C STMICROELECTRONICS-STLC2500C Datasheet
39Kb / 4P
   BluetoothTM EDR Single Chip
logo
National Semiconductor ...
LMX9830 NSC-LMX9830 Datasheet
940Kb / 46P
   BluetoothTM Serial Port Module
logo
Renesas Technology Corp
UPG2413T6M RENESAS-UPG2413T6M Datasheet
248Kb / 15P
   SP3T SWITCH FOR BluetoothTM AND 802.11b/g
logo
California Eastern Labs
UPG2150T5L CEL-UPG2150T5L_07 Datasheet
177Kb / 10P
   SP3T SWITCH FOR BluetoothTM AND 802.11b/g
UPG2314T5N_0607 CEL-UPG2314T5N_0607 Datasheet
292Kb / 10P
   POWER AMPLIFIER FOR BluetoothTM Class 1
UPG2314T5N_V1 CEL-UPG2314T5N_V1 Datasheet
533Kb / 10P
   POWER AMPLIFIER FOR BluetoothTM Class 1
logo
SiGe Semiconductor, Inc...
PA2423U-EK1 SIGE-PA2423U-EK1 Datasheet
143Kb / 8P
   RangeChargerTM 2.4 GHz BluetoothTM Power Amplifier Evaluation Kit
logo
NEC
UPG2150T5L NEC-UPG2150T5L Datasheet
90Kb / 9P
   SP3T SWITCH FOR BluetoothTM AND 802.11b/g
logo
California Eastern Labs
UPG2250T5N CEL-UPG2250T5N Datasheet
313Kb / 12P
   1.8 V, POWER AMPLIFIER FOR BluetoothTM Class 1
logo
SiGe Semiconductor, Inc...
PA2423L-EK1 SIGE-PA2423L-EK1 Datasheet
132Kb / 8P
   RangeChargerTM 2.4 GHz BluetoothTM Power Amplifier Evaluation Kit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com