Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF2908 Datasheet(PDF) 10 Page - RF Micro Devices

Part # RF2908
Description  915MHZ SPREAD SPECTRUM RECEIVER WITH PLL FREQUENCY SYNTHESIZER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2908 Datasheet(HTML) 10 Page - RF Micro Devices

Back Button RF2908 Datasheet HTML 6Page - RF Micro Devices RF2908 Datasheet HTML 7Page - RF Micro Devices RF2908 Datasheet HTML 8Page - RF Micro Devices RF2908 Datasheet HTML 9Page - RF Micro Devices RF2908 Datasheet HTML 10Page - RF Micro Devices RF2908 Datasheet HTML 11Page - RF Micro Devices RF2908 Datasheet HTML 12Page - RF Micro Devices RF2908 Datasheet HTML 13Page - RF Micro Devices RF2908 Datasheet HTML 14Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
11-94
RF2908
Rev C1 010904
11
Pin Out
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
MOUT Q-
MOUT Q+
MIX VCC
MIX GND
LNA GND
LNA IN
SW GND
LNA VCC
SW GND2
ATTN
MOUT I+
MOUT I-
RX ENABL
PLL ENABL
DO
LO OUT
RESNTR-
RESNTR+
LO OUT B
PLLD VCC
PLL GND
PLL DATA
PLL CLK
LE
48
45
46
47
44
43
42
41
40
39
38
37
13
16
15
14
17
18
19
20
21
22
23
24


Similar Part No. - RF2908

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2905 RFMD-RF2905 Datasheet
490Kb / 22P
   433/868/915MHZ FM/FSK/ASK/OOK TRANSCEIVER
RF2909 RFMD-RF2909 Datasheet
156Kb / 8P
   3V 915MHZ SPREAD-SPECTRUM TRANSMITTER IC
More results

Similar Description - RF2908

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W158 CYPRESS-W158_02 Datasheet
175Kb / 13P
   Spread Spectrum System Frequency Synthesizer
W133 CYPRESS-W133 Datasheet
146Kb / 12P
   Spread Spectrum System Frequency Synthesizer
logo
SpectraLinear Inc
W158 SPECTRALINEAR-W158 Datasheet
219Kb / 12P
   Spread Spectrum System Frequency Synthesizer
logo
Silicon Laboratories
W158 SILABS-W158 Datasheet
154Kb / 12P
   Spread Spectrum System Frequency Synthesizer
logo
Cypress Semiconductor
W158 CYPRESS-W158 Datasheet
166Kb / 12P
   Spread Spectrum System Frequency Synthesizer
W150 CYPRESS-W150 Datasheet
155Kb / 14P
   440BX AGPset Spread Spectrum Frequency Synthesizer
W144 CYPRESS-W144_04 Datasheet
159Kb / 14P
   440BX AGPset Spread Spectrum Frequency Synthesizer
W144 CYPRESS-W144 Datasheet
155Kb / 14P
   440BX AGPset Spread Spectrum Frequency Synthesizer
W149 CYPRESS-W149_02 Datasheet
158Kb / 16P
   440BX AGPset Spread Spectrum Frequency Synthesizer
logo
SpectraLinear Inc
W144 SPECTRALINEAR-W144 Datasheet
201Kb / 13P
   440BX AGPset Spread Spectrum Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com