Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0002072101-C Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0002072101-C
Description  Board-In Crimp Terminal, Series 4706, Male, Tin (Sn) Plated Brass Contact, 16-18 AWG, 11.20mm (.440
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0002072101-C Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0002072101-C Datasheet HTML 1Page - Molex Electronics Ltd. 0002072101-C Datasheet HTML 2Page - Molex Electronics Ltd. 0002072101-C Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image


Similar Part No. - 0002072101-C

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0002061101 MOLEX1-0002061101 Datasheet
144Kb / 3P
   1.57mm (.062") Diameter, Standard .062" Pin and Socket Crimp Terminal, Female, with Tin (Sn) Plated Brass Contact, 18-24 AWG, Reel
0002061101 MOLEX1-0002061101 Datasheet
30Kb / 1P
   1.57mm Diameter, Standard .062
0002061101 MOLEX1-0002061101_18 Datasheet
30Kb / 1P
   1.57mm Diameter, Standard .062
0002061104 MOLEX1-0002061104 Datasheet
29Kb / 1P
   1.57mm Diameter, Standard .062" Pin and Socket Crimp Terminal, Series 4529 Female, with Tin (Sn) Plated Phosphor Bronze Contact, 18-24 AWG, Reel
0002061131 MOLEX1-0002061131 Datasheet
131Kb / 3P
   1.57mm (.062") Diameter, Standard .062" Pin and Socket Crimp Terminal, Series 1855,Female, with Tin (Sn) Plated Brass Contact, 24-30 AWG, Reel
More results

Similar Description - 0002072101-C

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0002081102 MOLEX1-0002081102 Datasheet
172Kb / 3P
   Claspcon??Crimp Terminal Socket, Tin (Sn) Plated Brass Contact, 16-24 AWG, Bag
0002081101 MOLEX1-0002081101 Datasheet
173Kb / 3P
   Claspcon??Crimp Terminal Socket, Tin (Sn) Plated Brass Contact, 16-24 AWG, Reel
1727651122 MOLEX1-1727651122 Datasheet
40Kb / 1P
   Mini-Fit TPA2 Male Crimp Terminal, Brass, Pre-Plated Tin (Sn), 16 AWG
1727654121 MOLEX1-1727654121 Datasheet
40Kb / 2P
   Mini-Fit TPA2 Male Crimp Terminal, Brass, Pre-Plated Tin (Sn), 18-20 AWG
1727653121 MOLEX1-1727653121 Datasheet
40Kb / 2P
   Mini-Fit TPA2 Male Crimp Terminal, Brass, Pre-Plated Tin (Sn), 18-20 AWG
1727653122 MOLEX1-1727653122 Datasheet
40Kb / 1P
   Mini-Fit TPA2 Male Crimp Terminal, Brass, Pre-Plated Tin (Sn), 18-20 AWG
1727654122 MOLEX1-1727654122 Datasheet
40Kb / 1P
   Mini-Fit TPA2 Male Crimp Terminal, Brass, Pre-Plated Tin (Sn), 18-20 AWG
1730410001 MOLEX1-1730410001 Datasheet
44Kb / 1P
   ValuSeal Crimp Terminal, Male, 16-18 AWG, Tin (Sn)
0039000124 MOLEX3-0039000124 Datasheet
113Kb / 3P
   4.20mm (.165") Pitch Mini-Fit??Crimp Terminal, Male, with Tin (Sn) Plated Brass Contact, 16 AWG, Reel
0039000125 MOLEX3-0039000125 Datasheet
111Kb / 3P
   4.20mm (.165") Pitch Mini-Fit Crimp Terminal, Male, with Tin (Sn) Plated Brass Contact, 16 AWG, Bag
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com