Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A-42002-3A2A1 Datasheet(PDF) 4 Page - Molex Electronics Ltd.

Part # A-42002-3A2A1
Description  6.35mm (.250) Pitch MLX Power Connector Receptacle
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

A-42002-3A2A1 Datasheet(HTML) 4 Page - Molex Electronics Ltd.

  A-42002-3A2A1 Datasheet HTML 1Page - Molex Electronics Ltd. A-42002-3A2A1 Datasheet HTML 2Page - Molex Electronics Ltd. A-42002-3A2A1 Datasheet HTML 3Page - Molex Electronics Ltd. A-42002-3A2A1 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image


Similar Part No. - A-42002-3A2A1

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
A-42002-3A2A1 MOLEX11-A-42002-3A2A1 Datasheet
47Kb / 2P
   6.35mm Pitch MLX??Power Connector, 2.13mm Contact Diameter, Vertical, PA
More results

Similar Description - A-42002-3A2A1

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0010844022 MOLEX1-0010844022 Datasheet
373Kb / 4P
   6.35mm (.250) Pitch MLX Power Connector Receptacle, 2.13mm (.084
0010844060 MOLEX1-0010844060 Datasheet
374Kb / 4P
   6.35mm (.250) Pitch MLX??Power Connector Header
0367570144 MOLEX5-0367570144 Datasheet
373Kb / 4P
   6.35mm (.250) Pitch MLX??Power Connector Header, Vertical, 6 Circuits
0365380010 MOLEX5-0365380010 Datasheet
179Kb / 4P
   6.35mm (.250") Pitch MLX??Power Connector Header, Vertical, with Compliant Polarizing Peg, 4 Circuits
0432550099 MOLEX5-0432550099 Datasheet
285Kb / 4P
   6.35mm (.250") Pitch MLX??Power Connector Header, Vertical, with Plastic Polarizing Peg, 12 Circuits
0365380018 MOLEX5-0365380018 Datasheet
179Kb / 4P
   6.35mm (.250") Pitch MLX??Power Connector Header, Vertical, with Compliant Polarizing Peg, 15 Circuits
0432550107 MOLEX5-0432550107 Datasheet
106Kb / 3P
   6.35mm (.250") Pitch MLX??Power Connector Header, Vertical, with Plastic Polarizing Peg, 17 Circuits
0432550113 MOLEX5-0432550113 Datasheet
285Kb / 4P
   6.35mm (.250") Pitch MLX??Power Connector Header, Vertical, with Plastic Polarizing Peg, 2 Circuits
0365630019 MOLEX5-0365630019 Datasheet
186Kb / 4P
   6.35mm (.250) Pitch MLX??Power Connector Header, Vertical, without Plastic Polarizing Peg, 15 Circuits
0432550075 MOLEX5-0432550075 Datasheet
285Kb / 4P
   6.35mm (.250") Pitch MLX??Power Connector Header, Vertical, with Plastic Polarizing Peg, 4 Circuits
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com