Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF2368 Datasheet(PDF) 8 Page - RF Micro Devices

Part # RF2368
Description  DCS/PCS 2.7V LOW NOISE AMPLIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2368 Datasheet(HTML) 8 Page - RF Micro Devices

  RF2368 Datasheet HTML 1Page - RF Micro Devices RF2368 Datasheet HTML 2Page - RF Micro Devices RF2368 Datasheet HTML 3Page - RF Micro Devices RF2368 Datasheet HTML 4Page - RF Micro Devices RF2368 Datasheet HTML 5Page - RF Micro Devices RF2368 Datasheet HTML 6Page - RF Micro Devices RF2368 Datasheet HTML 7Page - RF Micro Devices RF2368 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Preliminary
4-206
RF2368
Rev A0 010503
4
S-Parameter Conditions:
All plots shown were taken at VCC =2.78V and Ambient Temperature=25°C.
Note:
All S11 and S22 plots shown were taken from an RF2368 while on a 2368310 evaluation board. The data was captured without the exter-
nal input or output tuning components in place, and the reference points at the RF IN and RF OUT pins of the device.
10.0
5.0
3.
0
4.0
-0.2
-0
.4
High Gain Mode Output Impedance (S22)
Swp Max
4GHz
Swp Min
0.01GHz
100 MHz
1.0 GHz
2.0 GHz
10.0
5.
0
3.
0
4.
0
-0
.2
-
0
.
4
High Gain Mode Input Impedance (S11)
Swp Max
4GHz
Swp Min
0.01GHz
3.0 GHz
1.0 GHz
1.5 GHz
2.0 GHz
10.0
5.0
3.
0
4.0
-0.2
-0
.4
Bypass Mode Input Impedance (S11)
Swp Max
4GHz
Swp Min
0.01GHz
3.5 GHz
1.5 GHz
3.0 GHz
2.5 GHz
1.0 GHz
2.0 GHz
10.0
5.0
3.
0
4.0
-0.2
-0
.4
Bypass Mode Output Impedance (S22)
Swp Max
4GHz
Swp Min
0.01GHz
3.0 GHz
3.7 GHz
1.0 GHz
2.0 GHz


Similar Part No. - RF2368

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2360 RFMD-RF2360 Datasheet
269Kb / 14P
   LINEAR GENERAL PURPOSE AMPLIFIER
RF2360 RFMD-RF2360 Datasheet
297Kb / 12P
   LINEAR GENERAL PURPOSE AMPLIFIER
RF2360 RFMD-RF2360 Datasheet
400Kb / 12P
   LINEAR GENERAL PURPOSE AMPLIFIER
RF2360411 RFMD-RF2360411 Datasheet
269Kb / 14P
   LINEAR GENERAL PURPOSE AMPLIFIER
RF2360411 RFMD-RF2360411 Datasheet
297Kb / 12P
   LINEAR GENERAL PURPOSE AMPLIFIER
More results

Similar Description - RF2368

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CGY2014ATW PHILIPS-CGY2014ATW Datasheet
73Kb / 12P
   GSM/DCS/PCS power amplifier
2000 Nov 28
logo
RF Micro Devices
RF2364 RFMD-RF2364 Datasheet
108Kb / 10P
   3V PCS LOW NOISE AMPLIFIER
RF2364 RFMD-RF2364_1 Datasheet
112Kb / 4P
   3V PCS LOW NOISE AMPLIFIER
RF2364 RFMD-RF2364_06 Datasheet
131Kb / 10P
   3V PCS LOW NOISE AMPLIFIER
RF2486 RFMD-RF2486 Datasheet
237Kb / 8P
   PCS LOW NOISE AMPLIFIER/MIXER
RF9986 RFMD-RF9986 Datasheet
235Kb / 8P
   PCS LOW NOISE AMPLIFIER/MIXER
RF2416 RFMD-RF2416 Datasheet
417Kb / 10P
   DUAL-BAND 2.7V LOW NOISE AMPLIFIER
logo
NXP Semiconductors
CGY2021G PHILIPS-CGY2021G Datasheet
78Kb / 12P
   DCS/PCS 2 W power amplifier
1997 Apr 03
logo
Infineon Technologies A...
BGA428 INFINEON-BGA428_07 Datasheet
399Kb / 11P
   Gain and PCS Low Noise Amplifier
Rev. 2.2, November 2007
BGA428E6327 INFINEON-BGA428E6327 Datasheet
347Kb / 11P
   Gain and PCS Low Noise Amplifier
Rev. 2.3, Sept. 2011
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com