Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC14XXXBCL Datasheet(PDF) 4 Page - Motorola, Inc

Part # MC14XXXBCL
Description  Industrial Time Base Generator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC14XXXBCL Datasheet(HTML) 4 Page - Motorola, Inc

  MC14XXXBCL Datasheet HTML 1Page - Motorola, Inc MC14XXXBCL Datasheet HTML 2Page - Motorola, Inc MC14XXXBCL Datasheet HTML 3Page - Motorola, Inc MC14XXXBCL Datasheet HTML 4Page - Motorola, Inc MC14XXXBCL Datasheet HTML 5Page - Motorola, Inc MC14XXXBCL Datasheet HTML 6Page - Motorola, Inc MC14XXXBCL Datasheet HTML 7Page - Motorola, Inc MC14XXXBCL Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MOTOROLA CMOS LOGIC DATA
MC14566B
4
NOTE: Assume
÷ 10 Counter at “6” and ÷ 5/ ÷ 6 Counter at “2” at beginning of sequence.
PROGRAMMABLE
PULSE
GENERATOR
VDD
CA
CB
RESET
÷5/÷6
B
A
CONTROL
Q0A
Q1A
Q2A
Q3A
Q0B
Q1B
Q2B
Qm
VSS
CL
CL
CL
CL
CL
CL
CL
CL
20 ns
tWH(cl)
50%
10%
÷10 OR ÷5/÷6
CLOCK AND B
RESET
Q3A OR
Q2B
Qm
tWH(Qm)
WHQm
t
50%
50%
tPLH
tTHL
tTLH
10%
90%
50%
tPHL
tPLH
tWH(R)
50%
10%
90%
20 ns
fcl
Figure 2. Switching Time Test Circuit and Waveforms
90%


Similar Part No. - MC14XXXBCL

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC14XXXBCL MOTOROLA-MC14XXXBCL Datasheet
223Kb / 6P
   QUAD 2 INPUT NAND SCHMITT TRIGGER
MC14XXXBCL MOTOROLA-MC14XXXBCL Datasheet
326Kb / 12P
   Phase Comparator and Programmable Counters
MC14XXXBCL MOTOROLA-MC14XXXBCL Datasheet
704Kb / 15P
   SYNCHRONUS PRESETTABLE 4-BIT COUNTERS
MC14XXXBCL MOTOROLA-MC14XXXBCL Datasheet
234Kb / 7P
   4x4 Multiport Register
MC14XXXBCL MOTOROLA-MC14XXXBCL Datasheet
266Kb / 8P
   24-Stage Frequency Driver
More results

Similar Description - MC14XXXBCL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC4566B STMICROELECTRONICS-HCC4566B Datasheet
202Kb / 6P
   INDUSTRIAL TIME-BASE GENERATOR
logo
Hitachi Semiconductor
HD14566B HITACHI-HD14566B Datasheet
76Kb / 5P
   Industrial Time Base Generator
logo
List of Unclassifed Man...
1823A ETC2-1823A Datasheet
950Kb / 1P
   짹1PPM Time base stability
logo
Renesas Technology Corp
ICS2008B RENESAS-ICS2008B Datasheet
733Kb / 23P
   SMPTE Time Code Receiver/Generator
2019
logo
Integrated Device Techn...
ICS2008B IDT-ICS2008B Datasheet
335Kb / 22P
   SMPTE Time Code Receiver/Generator
logo
Integrated Circuit Syst...
ICS2008B ICST-ICS2008B Datasheet
316Kb / 21P
   SMPTE Time Code Receiver/Generator
logo
List of Unclassifed Man...
CXD1132Q ETC1-CXD1132Q Datasheet
41Kb / 4P
   C-MOS TIME CODE GENERATOR / READER
logo
Cooper Bussmann, Inc.
SL-15 COOPER-SL-15 Datasheet
147Kb / 2P
   Rejection base plug fuses ??time-delay,
logo
Rohm
BM6105FW-LBZ ROHM-BM6105FW-LBZ Datasheet
1Mb / 30P
   Long Time Support Product for Industrial Applications
logo
Maxim Integrated Produc...
MAX14832 MAXIM-MAX14832 Datasheet
781Kb / 20P
   One-Time Programmable Industrial Sensor Output Driver
19-6847; Rev 4; 4/16
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com