Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC14566B Datasheet(PDF) 8 Page - Motorola, Inc

Part # MC14566B
Description  Industrial Time Base Generator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC14566B Datasheet(HTML) 8 Page - Motorola, Inc

  MC14566B Datasheet HTML 1Page - Motorola, Inc MC14566B Datasheet HTML 2Page - Motorola, Inc MC14566B Datasheet HTML 3Page - Motorola, Inc MC14566B Datasheet HTML 4Page - Motorola, Inc MC14566B Datasheet HTML 5Page - Motorola, Inc MC14566B Datasheet HTML 6Page - Motorola, Inc MC14566B Datasheet HTML 7Page - Motorola, Inc MC14566B Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
MOTOROLA CMOS LOGIC DATA
MC14566B
8
OUTLINE DIMENSIONS
D SUFFIX
PLASTIC SOIC PACKAGE
CASE 751B–05
ISSUE J
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSIONS A AND B DO NOT INCLUDE
MOLD PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.15 (0.006)
PER SIDE.
5. DIMENSION D DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR
PROTRUSION SHALL BE 0.127 (0.005) TOTAL
IN EXCESS OF THE D DIMENSION AT
MAXIMUM MATERIAL CONDITION.
1
8
16
9
SEATING
PLANE
F
J
M
R X 45
_
G
8 PL
P
–B–
–A–
M
0.25 (0.010)
B S
–T–
D
K
C
16 PL
S
B
M
0.25 (0.010)
A S
T
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
9.80
10.00
0.386
0.393
B
3.80
4.00
0.150
0.157
C
1.35
1.75
0.054
0.068
D
0.35
0.49
0.014
0.019
F
0.40
1.25
0.016
0.049
G
1.27 BSC
0.050 BSC
J
0.19
0.25
0.008
0.009
K
0.10
0.25
0.004
0.009
M
0
7
0
7
P
5.80
6.20
0.229
0.244
R
0.25
0.50
0.010
0.019
_
_
_
_
How to reach us:
USA/EUROPE/Locations Not Listed: Motorola Literature Distribution;
JAPAN: Nippon Motorola Ltd.; Tatsumi–SPD–JLDC, 6F Seibu–Butsuryu–Center,
P.O. Box 20912; Phoenix, Arizona 85036. 1–800–441–2447 or 602–303–5454
3–14–2 Tatsumi Koto–Ku, Tokyo 135, Japan. 03–81–3521–8315
MFAX: RMFAX0@email.sps.mot.com – TOUCHTONE 602–244–6609
ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park,
INTERNET: http://Design–NET.com
51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852–26629298
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding
the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit,
and specifically disclaims any and all liability, including without limitation consequential or incidental damages. “Typical” parameters which may be provided
in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters,
including “Typicals” must be validated for each customer application by customer’s technical experts. Motorola does not convey any license under its patent
rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant
into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a
situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application,
Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and
expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or
unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and
are registered
trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer.
MC14566B/D
*MC14566B/D*


Similar Part No. - MC14566B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC1456 MOTOROLA-MC1456 Datasheet
264Kb / 6P
   INTERNALLY COMPENSATED, HIGH PERFORMANCE OPERATONAL AMPLIFIER
MC1456 MOTOROLA-MC1456 Datasheet
269Kb / 6P
   SEMICONDUCTOR
MC145601 MOTOROLA-MC145601 Datasheet
45Kb / 1P
   Time Slot interchange circuit
MC14560B MOTOROLA-MC14560B Datasheet
310Kb / 13P
   NBCD Adder
MC145611 MOTOROLA-MC145611 Datasheet
45Kb / 1P
   PCM conference Circuit
More results

Similar Description - MC14566B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC4566B STMICROELECTRONICS-HCC4566B Datasheet
202Kb / 6P
   INDUSTRIAL TIME-BASE GENERATOR
logo
Hitachi Semiconductor
HD14566B HITACHI-HD14566B Datasheet
76Kb / 5P
   Industrial Time Base Generator
logo
List of Unclassifed Man...
1823A ETC2-1823A Datasheet
950Kb / 1P
   짹1PPM Time base stability
logo
Renesas Technology Corp
ICS2008B RENESAS-ICS2008B Datasheet
733Kb / 23P
   SMPTE Time Code Receiver/Generator
2019
logo
Integrated Device Techn...
ICS2008B IDT-ICS2008B Datasheet
335Kb / 22P
   SMPTE Time Code Receiver/Generator
logo
Integrated Circuit Syst...
ICS2008B ICST-ICS2008B Datasheet
316Kb / 21P
   SMPTE Time Code Receiver/Generator
logo
List of Unclassifed Man...
CXD1132Q ETC1-CXD1132Q Datasheet
41Kb / 4P
   C-MOS TIME CODE GENERATOR / READER
logo
Cooper Bussmann, Inc.
SL-15 COOPER-SL-15 Datasheet
147Kb / 2P
   Rejection base plug fuses ??time-delay,
logo
Rohm
BM6105FW-LBZ ROHM-BM6105FW-LBZ Datasheet
1Mb / 30P
   Long Time Support Product for Industrial Applications
logo
Maxim Integrated Produc...
MAX14832 MAXIM-MAX14832 Datasheet
781Kb / 20P
   One-Time Programmable Industrial Sensor Output Driver
19-6847; Rev 4; 4/16
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com