Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC14566B Datasheet(PDF) 7 Page - Motorola, Inc

Part # MC14566B
Description  Industrial Time Base Generator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC14566B Datasheet(HTML) 7 Page - Motorola, Inc

  MC14566B Datasheet HTML 1Page - Motorola, Inc MC14566B Datasheet HTML 2Page - Motorola, Inc MC14566B Datasheet HTML 3Page - Motorola, Inc MC14566B Datasheet HTML 4Page - Motorola, Inc MC14566B Datasheet HTML 5Page - Motorola, Inc MC14566B Datasheet HTML 6Page - Motorola, Inc MC14566B Datasheet HTML 7Page - Motorola, Inc MC14566B Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
MOTOROLA CMOS LOGIC DATA
7
MC14566B
OUTLINE DIMENSIONS
P SUFFIX
PLASTIC DIP PACKAGE
CASE 648–08
ISSUE R
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSION L TO CENTER OF LEADS WHEN
FORMED PARALLEL.
4. DIMENSION B DOES NOT INCLUDE MOLD FLASH.
5. ROUNDED CORNERS OPTIONAL.
–A–
B
F
C
S
H
G
D
J
L
M
16 PL
SEATING
1
8
9
16
K
PLANE
–T–
M
A
M
0.25 (0.010)
T
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.740
0.770
18.80
19.55
B
0.250
0.270
6.35
6.85
C
0.145
0.175
3.69
4.44
D
0.015
0.021
0.39
0.53
F
0.040
0.70
1.02
1.77
G
0.100 BSC
2.54 BSC
H
0.050 BSC
1.27 BSC
J
0.008
0.015
0.21
0.38
K
0.110
0.130
2.80
3.30
L
0.295
0.305
7.50
7.74
M
0
10
0
10
S
0.020
0.040
0.51
1.01
_
_
_
_
L SUFFIX
CERAMIC DIP PACKAGE
CASE 620–10
ISSUE V
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSION L TO CENTER OF LEAD WHEN
FORMED PARALLEL.
4. DIMENSION F MAY NARROW TO 0.76 (0.030)
WHERE THE LEAD ENTERS THE CERAMIC
BODY.
–A–
–B–
–T–
F
E
G
N
K
C
SEATING
PLANE
16 PL
D
S
A
M
0.25 (0.010)
T
16 PL
J
S
B
M
0.25 (0.010)
T
M
L
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.750
0.785
19.05
19.93
B
0.240
0.295
6.10
7.49
C
–––
0.200
–––
5.08
D
0.015
0.020
0.39
0.50
E
0.050 BSC
1.27 BSC
F
0.055
0.065
1.40
1.65
G
0.100 BSC
2.54 BSC
H
0.008
0.015
0.21
0.38
K
0.125
0.170
3.18
4.31
L
0.300 BSC
7.62 BSC
M
0
15
0
15
N
0.020
0.040
0.51
1.01
_
_
_
_
16
9
1
8


Similar Part No. - MC14566B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC1456 MOTOROLA-MC1456 Datasheet
264Kb / 6P
   INTERNALLY COMPENSATED, HIGH PERFORMANCE OPERATONAL AMPLIFIER
MC1456 MOTOROLA-MC1456 Datasheet
269Kb / 6P
   SEMICONDUCTOR
MC145601 MOTOROLA-MC145601 Datasheet
45Kb / 1P
   Time Slot interchange circuit
MC14560B MOTOROLA-MC14560B Datasheet
310Kb / 13P
   NBCD Adder
MC145611 MOTOROLA-MC145611 Datasheet
45Kb / 1P
   PCM conference Circuit
More results

Similar Description - MC14566B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC4566B STMICROELECTRONICS-HCC4566B Datasheet
202Kb / 6P
   INDUSTRIAL TIME-BASE GENERATOR
logo
Hitachi Semiconductor
HD14566B HITACHI-HD14566B Datasheet
76Kb / 5P
   Industrial Time Base Generator
logo
List of Unclassifed Man...
1823A ETC2-1823A Datasheet
950Kb / 1P
   짹1PPM Time base stability
logo
Renesas Technology Corp
ICS2008B RENESAS-ICS2008B Datasheet
733Kb / 23P
   SMPTE Time Code Receiver/Generator
2019
logo
Integrated Device Techn...
ICS2008B IDT-ICS2008B Datasheet
335Kb / 22P
   SMPTE Time Code Receiver/Generator
logo
Integrated Circuit Syst...
ICS2008B ICST-ICS2008B Datasheet
316Kb / 21P
   SMPTE Time Code Receiver/Generator
logo
List of Unclassifed Man...
CXD1132Q ETC1-CXD1132Q Datasheet
41Kb / 4P
   C-MOS TIME CODE GENERATOR / READER
logo
Cooper Bussmann, Inc.
SL-15 COOPER-SL-15 Datasheet
147Kb / 2P
   Rejection base plug fuses ??time-delay,
logo
Rohm
BM6105FW-LBZ ROHM-BM6105FW-LBZ Datasheet
1Mb / 30P
   Long Time Support Product for Industrial Applications
logo
Maxim Integrated Produc...
MAX14832 MAXIM-MAX14832 Datasheet
781Kb / 20P
   One-Time Programmable Industrial Sensor Output Driver
19-6847; Rev 4; 4/16
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com