Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC2530F32 Datasheet(PDF) 9 Page - Texas Instruments

Part # CC2530F32
Description  A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2530F32 Datasheet(HTML) 9 Page - Texas Instruments

Back Button CC2530F32 Datasheet HTML 5Page - Texas Instruments CC2530F32 Datasheet HTML 6Page - Texas Instruments CC2530F32 Datasheet HTML 7Page - Texas Instruments CC2530F32 Datasheet HTML 8Page - Texas Instruments CC2530F32 Datasheet HTML 9Page - Texas Instruments CC2530F32 Datasheet HTML 10Page - Texas Instruments CC2530F32 Datasheet HTML 11Page - Texas Instruments CC2530F32 Datasheet HTML 12Page - Texas Instruments CC2530F32 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
ADC CHARACTERISTICS
CC2530F32, CC2530F64, CC2530F128, CC2530F256
www.ti.com .......................................................................................................................................................... SWRS081A – APRIL 2009 – REVISED APRIL 2009
TA = 25°C and VDD = 3 V, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input voltage
VDD is voltage on AVDD5 pin
0
VDD
V
External reference voltage
VDD is voltage on AVDD5 pin
0
VDD
V
External reference voltage differential
VDD is voltage on AVDD5 pin
0
VDD
V
Input resistance, signal
Using 4-MHz clock speed
197
k
Full-scale signal(1)
Peak-to-peak, defines 0 dBFS
2.97
V
Single-ended input, 7-bit setting
5.7
Single-ended input, 9-bit setting
7.5
Single-ended input, 10-bit setting
9.3
Single-ended input, 12-bit setting
10.8
ENOB(1)
Effective number of bits
bits
Differential input, 7-bit setting
6.5
Differential input, 9-bit setting
8.3
Differential input, 10-bit setting
10.0
Differential input, 12-bit setting
11.5
Useful power bandwidth
7-bit setting, both single and differential
0–20
kHz
Single-ended input, 12-bit setting, –6 dBFS
–75.
2
THD(1)
Total harmonic distortion
dB
Differential input, 12-bit setting, –6 dBFS
–86.
6
Single-ended input, 12-bit setting
70.2
Differential input, 12-bit setting
79.3
Signal to nonharmonic ratio(1)
dB
Single-ended input, 12-bit setting, –6 dBFS
78.8
Differential input, 12-bit setting, –6 dBFS
88.9
Differential input, 12-bit setting, 1-kHz sine (0
CMRR
Common-mode rejection ratio
>84
dB
dBFS), limited by ADC resolution
Single-ended input, 12-bit setting, 1-kHz sine (0
Crosstalk
>84
dB
dBFS), limited by ADC resolution
Offset
Midscale
–3
mV
Gain error
0.68
%
12-bit setting, mean
0.05
DNL(1)
Differential nonlinearity
LSB
12-bit setting, maximum
0.9
12-bit setting, mean
4.6
INL(1)
Integral nonlinearity
LSB
12-bit setting, maximum
13.3
Single-ended input, 7-bit setting
35.4
Single-ended input, 9-bit setting
46.8
Single-ended input, 10-bit setting
57.5
Single-ended input, 12-bit setting
66.6
SINAD(1)
Signal-to-noise-and-distortion
dB
(–THD+N)
Differential input, 7-bit setting
40.7
Differential input, 9-bit setting
51.6
Differential input, 10-bit setting
61.8
Differential input, 12-bit setting
70.8
7-bit setting
20
9-bit setting
36
Conversion time
µs
10-bit setting
68
12-bit setting
132
Power consumption
1.2
mA
Internal reference voltage
1.15
V
(1)
Measured with 300-Hz sine-wave input and VDD as reference.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): CC2530F32 CC2530F64 CC2530F128 CC2530F256


Similar Part No. - CC2530F32

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
CC2530F32 APLUS-CC2530F32 Datasheet
890Kb / 31P
   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
logo
Texas Instruments
CC2530F32 TI-CC2530F32 Datasheet
856Kb / 31P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F32 TI-CC2530F32 Datasheet
716Kb / 30P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F32 TI-CC2530F32 Datasheet
648Kb / 36P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F32 TI-CC2530F32 Datasheet
771Kb / 36P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
More results

Similar Description - CC2530F32

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
CC2530F32 APLUS-CC2530F32 Datasheet
890Kb / 31P
   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
logo
Texas Instruments
CC2530F32 TI1-CC2530F32_17 Datasheet
980Kb / 36P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F32 TI-CC2530F32_11 Datasheet
648Kb / 36P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F3 TI-CC2530F3_12 Datasheet
771Kb / 36P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530ZDK TI1-CC2530ZDK Datasheet
440Kb / 34P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530 TI1-CC2530 Datasheet
771Kb / 36P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F32 TI-CC2530F32_1 Datasheet
716Kb / 30P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F32_0912 TI-CC2530F32_0912 Datasheet
856Kb / 31P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
logo
TEXAS ADVANCED OPTOELEC...
CC2430 TAOS-CC2430 Datasheet
1Mb / 212P
   A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee
logo
Texas Instruments
CC2430 TI-CC2430 Datasheet
1Mb / 234P
[Old version datasheet]   A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com