Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CA-PLCC044-Z-P-T-01 Datasheet(PDF) 1 Page - Ironwood Electronics.

Part No. CA-PLCC044-Z-P-T-01
Description  Carrier adaptor, 2 piece pluggable adaptor, PLCC ZIF socket with test probes to male PLCC plug.
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IRONWOOD [Ironwood Electronics.]
Homepage  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

CA-PLCC044-Z-P-T-01 Datasheet(HTML) 1 Page - Ironwood Electronics.

  CA-PLCC044-Z-P-T-01 Datasheet HTML 1Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Description: Carrier adaptor, 2 piece pluggable adaptor, PLCC ZIF socket with test probes to male PLCC plug.
1.600"
1.600"
0.823"
0.218"
0.018"±0.001"dia.typ.
0.050"
0.686"
0.050"
0.269"
0.457"
1.378"Assembled
Substrate: FR4/G10, 0.0625"±0.007" thick.
PLCC Socket Pins: Phosphor Bronze, finish: 150 µ" Tin/lead (93/7) over 40µ" Nickel
0.207"
Side View
Top View
CA-PLCC044-Z-P-T-01 Dwg
Rev:C
Status: Released
File:CA-PLCC044-Z-P-T-01 Dwg
ECO#
Scale:
Drawing: M Lund
Date: 8/17/94
2:1
© 1994 IRONWOOD ELECTRONICS, INC.
PO BOX 21151 ST. PAUL, MN 55121
Tele: (651) 452-8100
www.ironwoodelectronics.com


Html Pages

1 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn