Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF2352 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF2352
Description  3V CDMA DRIVER AMPLIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2352 Datasheet(HTML) 3 Page - RF Micro Devices

  RF2352 Datasheet HTML 1Page - RF Micro Devices RF2352 Datasheet HTML 2Page - RF Micro Devices RF2352 Datasheet HTML 3Page - RF Micro Devices RF2352 Datasheet HTML 4Page - RF Micro Devices RF2352 Datasheet HTML 5Page - RF Micro Devices RF2352 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Preliminary
4-179
RF2352
Rev A4 010720
4
Pin
Function
Description
Interface Schematic
1GND
Ground connection. For best performance, keep traces physically short
and connect immediately to ground plane.
2RF IN
RF input pin. It is DC-coupled and looks like 50
Ω from 824MHz to
925MHz.
3NC
Not connected.
4VREF
Provides the bias voltage for controlling the RF amplifier current drain.
This pin is typically connected through a resistor to an external regu-
lated power supply. It may be connected to the same power supply as
the VCC pin. However, if more bias control is desired, it may be con-
nected to a separate supply. With a series external resistor of 1500
and power supply of 3V applied, the amplifier current drain should be
around 14mA. By increasing the resistor, the amplifier current drain
may be dropped. Conversely, by decreasing the resistor, the amplifier
current may be increased to a maximum of 30mA.
5PD
Power down function. When 0V to 0.5V is applied, the device is in
Bypass Mode: the amplifier is shut off and the MOSFET switches are
activated. There is no DC current dissipation in this state. When 1.5V to
3V is applied, the device is switched to High Gain Mode: the amplifier is
activated and the MOSFET switches are opened. This is the normal
operating mode.
6
ATT OUT1
Output of the first MOSFET switch. DC-coupled. When the PD pin is
grounded (Bypass Mode), the MOSFET switches are shorted, sending
any signals at the RF IN pin through the first MOSFET and off the chip.
In cases where minimum RF attenuation is desired, this pin should be
shortedwith50
Ω microstrip to the ATT IN pin. This setup will yield
approximately 4dB of insertion loss. If more attenuation is desired, a
resistive pad between the ATT OUT1 and ATT IN pins can be added to
the PC board.
7NC
Not connected.
8ATT IN
Input to the second MOSFET switch. DC-coupled. When the PD pin is
grounded (Bypass Mode), the MOSFET switches are shorted. See the
ATT OUT1 pin description for setup options.
9GND
Ground connection. For best performance, keep traces physically short
and connect immediately to ground plane.
10
ATT OUT2
Output of the second MOSFET switch. DC-coupled. When the PD pin
is grounded (Bypass Mode), the MOSFET switches are shorted. This
pin should be shorted with 50
Ω microstrip to the amplifier load.
11
VCC
Provides the power supply to the logic circuitry on the IC.
12
RF OUT
Amplifier output pin. An open collector output that needs VCC applied
to it through an inductor. Typically, a shunt inductor, series capacitor
matching network is used to provide a 50
Ω output match.
13
NC
Not connected.
14
NC
Not connected.
15
RF GND
Amplifier ground. For best performance, keep traces physically short
and connect immediately to ground plane.
16
NC
Not connected.
Pkg
Base
GND
Ground connection for die flag. The backside of the package should be
soldered to a top side ground pad which is connected to the ground
plane with multiple vias.
RF OUT
RF IN
Bias
VREF
PD
RF IN
ATT OUT1
ATT OUT2
ATT IN


Similar Part No. - RF2352

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2301 RFMD-RF2301 Datasheet
198Kb / 10P
   HIGH ISOLATION BUFFER AMPLIFIER
RF2301PCBA RFMD-RF2301PCBA Datasheet
198Kb / 10P
   HIGH ISOLATION BUFFER AMPLIFIER
RF2302 RFMD-RF2302 Datasheet
164Kb / 8P
   BROADBAND LINEAR VARIABLE GAIN AMPLIFIER
RF2302PCBA-H RFMD-RF2302PCBA-H Datasheet
164Kb / 8P
   BROADBAND LINEAR VARIABLE GAIN AMPLIFIER
RF2302PCBA-L RFMD-RF2302PCBA-L Datasheet
164Kb / 8P
   BROADBAND LINEAR VARIABLE GAIN AMPLIFIER
More results

Similar Description - RF2352

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2324 RFMD-RF2324_06 Datasheet
110Kb / 6P
   PCS CDMA/TDMA 3V PA DRIVER AMPLIFIER
RF2324 RFMD-RF2324_1 Datasheet
96Kb / 4P
   PCS CDMA/TDMA 3V PA DRIVER AMPLIFIER
RF2362 RFMD-RF2362_06 Datasheet
107Kb / 6P
   PCS CDMA/TDMA 3V PA DRIVER AMPLIFIER
RF2362 RFMD-RF2362_1 Datasheet
201Kb / 10P
   PCS CDMA/TDMA 3V PA DRIVER AMPLIFIER
RF2324 RFMD-RF2324 Datasheet
102Kb / 6P
   PCS CDMA/TDMA 3V PA DRIVER AMPLIFIER
RF2362 RFMD-RF2362 Datasheet
83Kb / 6P
   PCS CDMA/TDMA 3V PA DRIVER AMPLIFIER
RF2367 RFMD-RF2367 Datasheet
93Kb / 8P
   PCS CDMA/TDMA/GSM1800 3V PA DRIVER AMPLIFIER
RF2367 RFMD-RF2367_1 Datasheet
252Kb / 10P
   PCS CDMA/TDMA/GSM1800 3V PA DRIVER AMPLIFIER
RF2367 RFMD-RF2367_06 Datasheet
118Kb / 8P
   PCS CDMA/TDMA/GSM1800 3V PA DRIVER AMPLIFIER
RF2627 RFMD-RF2627 Datasheet
112Kb / 6P
   3V CDMA RECEIVE AGC AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com