Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECQV1103JM Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ECQV1103JM
Description  Plastic Film Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECQV1103JM Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ECQV1103JM Datasheet HTML 1Page - Panasonic Semiconductor ECQV1103JM Datasheet HTML 2Page - Panasonic Semiconductor ECQV1103JM Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
Plastic Film Capacitors
❈ Refer to the page of taping specifications.
ITaping Specifications for Automatic Insertion
GTaping style
GPackaging Specifications
IRating, Dimensions & Quantity/Ammo Box or Reel
GType ECQV(L) Rated voltage : 50 VDC
0.010
7.3
3.2
5.0
9.0
5.0
5.0
0.50
0.012
7.3
3.2
5.0
9.0
5.0
5.0
0.50
0.015
7.3
3.2
5.0
9.0
5.0
5.0
0.50
0.018
7.3
3.2
5.0
9.0
5.0
5.0
0.50
0.022
7.3
3.2
5.0
9.0
5.0
5.0
0.50
0.027
7.3
3.2
5.0
9.0
5.0
5.0
0.50
0.033
7.3
3.2
5.0
9.0
5.0
5.0
0.50
0.039
7.3
3.2
5.0
9.0
5.0
5.0
0.50
0.047
7.3
3.2
5.0
9.0
5.0
5.0
0.50
0.056
7.3
3.2
5.0
9.0
5.0
5.0
0.50
0.068
7.3
3.2
5.0
9.0
5.0
5.0
0.50
0.082
7.3
3.6
5.0
9.0
5.0
5.0
0.50
0.10
7.3
4.0
5.0
9.0
5.0
5.0
0.50
0.12
7.3
4.0
5.0
9.0
5.0
5.0
0.50
0.15
7.3
4.4
5.5
9.5
5.0
5.0
0.50
0.18
7.3
4.5
5.5
9.5
5.0
5.0
0.50
0.22
7.3
4.8
5.5
9.5
5.0
5.0
0.50
0.27
7.3
4.6
7.0
11.0
5.0
5.0
0.50
0.33
7.3
5.2
7.0
11.0
5.0
5.0
0.50
0.39
7.3
5.7
7.3
11.3
5.0
5.0
0.50
0.47
7.3
6.0
7.3
11.3
5.0
5.0
0.50
0.56
7.3
5.8
10.0
14.0
5.0
5.0
0.50
0.68
7.3
6.5
10.0
14.0
5.0
5.0
0.50
0.82
7.3
6.8
10.0
14.0
5.0
5.0
0.50
1.0
7.3
8.0
11.0
15.0
5.0
5.0
0.50
1.2
10.2
6.5
10.0
14.0
7.5
5.0
0.50
1.5
10.2
7.2
10.0
14.0
7.5
5.0
0.50
1.8
10.2
7.2
12.0
16.5
7.5
5.0
0.50
2.2
10.2
7.9
12.0
16.5
7.5
5.0
0.50
Quantity
ECQV1H103JL(
)
ECQV1H123JL(
)
ECQV1H153JL(
)
ECQV1H183JL(
)
ECQV1H223JL(
)
ECQV1H273JL(
)
ECQV1H333JL(
)
ECQV1H393JL(
)
ECQV1H473JL(
)
ECQV1H563JL(
)
ECQV1H683JL(
)
ECQV1H823JL(
)
ECQV1H104JL(
)
ECQV1H124JL(
)
ECQV1H154JL(
)
ECQV1H184JL(
)
ECQV1H224JL(
)
ECQV1H274JL(
)
ECQV1H334JL(
)
ECQV1H394JL(
)
ECQV1H474JL(
)
ECQV1H564JL(
)
ECQV1H684JL(
)
ECQV1H824JL(
)
ECQV1H105JL(
)
ECQV1H125JL(
)
ECQV1H155JL(
)
ECQV1H185JL(
)
ECQV1H225JL(
)
Part No.
Cap.
(µF)
Dimensions (mm)
Lmax.
Tmax.
Hmax.
Straight Crimped lead
F
Straight
S
Crimped lead
ød
Ammo
Reel
2000
1000
1000
2000
Suffix for lead crimped or taped type
Style
AD
AS
Lead Spacing
5.0 mm
5.0 mm
GLead Spacing
Style N:0.010 µF to 1.0 µF
Style T:1.2 µF to 2.2 µF
L
❈See the column
“Rating, Dimensions
& Quantity Box” for
packing quantity.
Ammo
Ammo
Reel
Reel
Ammo
Ammo
Reel
Reel
Ammo
Ammo
Reel
Reel
0.010 to 2.2
0.010 to 1.0
0.010 to 2.2
0.010 to 1.0
0.010 to 1.0
0.010 to 0.15
0.010 to 1.0
0.010 to 0.15
0.010 to 0.47
0.010 to 0.10
0.010 to 0.47
0.010 to 0.10
Rated volt.
Type
50 VDC
ECQV (L)
ECQV (M)
Cap. range
(µF)
Taping style
Packing
JL3
JL2
JL9
JL5
JM3
JM2
JM9
JM5
JM3
JM2
JM9
JM5
suffix
63 VDC
100 VDC
AD
AS
BC
D
E


Similar Part No. - ECQV1103JM

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQV1103JM PANASONIC-ECQV1103JM Datasheet
245Kb / 9P
   Designed for application where high density insertion of components is required.
ECQV1103JM PANASONIC-ECQV1103JM Datasheet
223Kb / 9P
   Stacked Metallized Plastic Film Capacitor
ECQV1103JM PANASONIC-ECQV1103JM Datasheet
619Kb / 3P
   Stacked Metallized Plastic Film Capacitor
More results

Similar Description - ECQV1103JM

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EZPE45666MTB PANASONIC-EZPE45666MTB Datasheet
56Kb / 2P
   Plastic Film Capacitors
ECQE2474 PANASONIC-ECQE2474_16 Datasheet
57Kb / 1P
   Plastic Film Capacitors
EZTVKCTYP1HA PANASONIC-EZTVKCTYP1HA Datasheet
79Kb / 3P
   Plastic Film Capacitors
logo
Nichicon corporation
QXP2E473KRP NICHICON-QXP2E473KRP Datasheet
33Kb / 1P
   PLASTIC FILM CAPACITORS
logo
Panasonic Semiconductor
ECQB1H101KF PANASONIC-ECQB1H101KF Datasheet
133Kb / 6P
   Plastic Film Capacitors
ECQE2474 PANASONIC-ECQE2474 Datasheet
78Kb / 1P
   Plastic Film Capacitors
ECQE2W104MHR PANASONIC-ECQE2W104MHR Datasheet
86Kb / 2P
   Plastic Film Capacitors
ECQ-V1104JM3 PANASONIC-ECQ-V1104JM3 Datasheet
223Kb / 9P
   Plastic Film Capacitors
ECW-H16472JV PANASONIC-ECW-H16472JV Datasheet
214Kb / 14P
   Plastic Film Capacitors
ECQP1H471MZ PANASONIC-ECQP1H471MZ Datasheet
102Kb / 6P
   Plastic Film Capacitors
ECW-U4683V17 PANASONIC-ECW-U4683V17 Datasheet
373Kb / 8P
   Plastic Film Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com