Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECQE2124JTT Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ECQE2124JTT
Description  Plastic Film Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECQE2124JTT Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ECQE2124JTT Datasheet HTML 1Page - Panasonic Semiconductor ECQE2124JTT Datasheet HTML 2Page - Panasonic Semiconductor ECQE2124JTT Datasheet HTML 3Page - Panasonic Semiconductor ECQE2124JTT Datasheet HTML 4Page - Panasonic Semiconductor ECQE2124JTT Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
Plastic Film Capacitors
IRating, Dimensions & Quantity/Ammo Box
GRated voltage : 250 VDC, Capacitance tolerance : ±5 %(J), ±10 %(K)
Suffix for lead crimped or taped type
Cap. tol. code
Part No
Cap.
(µF)
Quantity
Dimensions (mm)
L max.
T max.
FS
G max.
Straight
Crimped lead Straight
Ammo
5 mm
Ammo
5 mm
Ammo
7.5 mm
φd
H max.
Straight
Crimped lead
ECQE2103
□T( )
0.010
10.8
4.3
7.4
12.4
7.5
7.5
1.0
0.60
ECQE2123
□T( )
0.012
10.8
4.4
7.5
12.5
7.5
7.5
1.0
0.60
ECQE2153
□T( )
0.015
10.8
4.4
7.5
12.5
7.5
7.5
1.0
0.60
ECQE2183
□T( )
0.018
10.8
4.4
7.5
12.5
7.5
7.5
1.0
0.60
ECQE2223
□T( )
0.022
10.8
4.4
7.5
12.5
7.5
7.5
1.0
0.60
ECQE2273
□T( )
0.027
10.8
4.4
7.5
12.5
7.5
7.5
1.0
0.60
ECQE2333
□T( )
0.033
10.8
4.5
7.5
12.5
7.5
7.5
1.0
0.60
ECQE2393
□T( )
0.039
10.8
4.5
7.5
12.5
7.5
7.5
1.0
0.60
ECQE2473
□T( )
0.047
10.8
4.5
7.5
12.5
7.5
7.5
1.0
0.60
ECQE2563
□T( )
0.056
10.8
4.8
7.9
12.9
7.5
7.5
1.0
0.60
ECQE2683
□T( )
0.068
10.8
4.5
7.5
12.5
7.5
7.5
1.0
0.60
ECQE2823
□T( )
0.082
10.8
4.9
8.0
13.0
7.5
7.5
1.0
0.60
ECQE2104
□T( )
0.10
10.8
5.8
8.4
13.4
7.5
7.5
1.0
0.60
ECQE2124
□T( )
0.12
10.8
6.0
9.0
14.0
7.5
7.5
1.0
0.60
ECQE2154
□T( )
0.15
10.8
6.0
10.8
15.8
7.5
7.5
1.0
0.60
ECQE2184
□T( )
0.18
12.5
5.0
10.3
15.3
10.0
10.0
1.0
0.60
ECQE2224
□T( )
0.22
12.5
5.5
10.5
15.5
10.0
10.0
1.0
0.60
ECQE2274
□T( )
0.27
12.5
6.0
11.5
16.5
10.0
10.0
1.0
0.60
ECQE2334
□T( )
0.33
12.5
6.5
12.0
17.0
10.0
10.0
1.0
0.60
ECQE2394
□T( )
0.39
19.0
4.9
12.0
17.0
15.0
10.0
1.0
0.60
ECQE2474
□T( )
0.47
19.0
5.3
12.5
17.5
15.0
10.0
1.0
0.60
ECQE2564
□T( )
0.56
19.0
5.5
13.0
18.0
15.0
10.0
1.0
0.60
ECQE2684
□T( )
0.68
19.0
6.0
13.5
18.5
15.0
10.0
1.0
0.80
ECQE2824
□T( )
0.82
19.0
6.5
14.5
19.5
15.0
10.0
1.0
0.80
ECQE2105
□T( )
1.0
19.0
7.4
15.0
20.0
15.0
10.0
1.0
0.80
ECQE2125
□T( )
1.2
19.0
8.0
15.9
20.9
15.0
10.0
1.0
0.80
ECQE2155
□T( )
1.5
19.0
9.0
16.8
21.8
15.0
10.0
1.0
0.80
ECQE2185
□T( )
1.8
26.5
7.5
15.5
20.5
22.5
15.0
1.0
0.80
ECQE2225
□T( )
2.2
26.5
8.5
16.3
21.3
22.5
15.0
1.0
0.80
ECQE2275
□T( )
2.7
26.5
9.4
17.0
22.0
22.5
15.0
1.0
0.80
ECQE2335
□T( )
3.3
26.5
10.3
18.0
23.0
22.5
15.0
1.5
0.80
ECQE2395
□T( )
3.9
26.5
11.0
20.5
25.5
22.5
15.0
1.5
0.80
ECQE2475
□T( )
4.7
26.5
12.0
21.5
26.5
22.5
15.0
1.5
0.80
ECQE2565
□T( )
5.6
31.5
11.8
21.0
26.0
27.5
22.5
1.5
0.80
ECQE2685
□T( )
6.8
31.5
13.0
22.4
27.4
27.5
22.5
1.5
0.80
ECQE2825
□T( )
8.2
31.5
14.3
23.5
28.5
27.5
22.5
1.5
0.80
ECQE2106
□T( )
10.0
31.5
15.9
25.8
30.8
27.5
22.5
1.5
0.80
1500
1000
800
700
600
800
700
800
700
600
500
400
1800
1700
1600
1700
1500
1300
1200
1400
1300
1200
1100
0700
0600
0500
0400
style D:0.010 µF to 0.33 µF
style B:0.39 µF to 10.0 µF


Similar Part No. - ECQE2124JTT

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQE2124 PANASONIC-ECQE2124 Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQE2124 PANASONIC-ECQE2124 Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQE2124 PANASONIC-ECQE2124 Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQE2124 PANASONIC-ECQE2124 Datasheet
352Kb / 19P
   Plastic Film Capacitors
ECQE2124 PANASONIC-ECQE2124 Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
More results

Similar Description - ECQE2124JTT

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EZPE45666MTB PANASONIC-EZPE45666MTB Datasheet
56Kb / 2P
   Plastic Film Capacitors
ECQE2474 PANASONIC-ECQE2474_16 Datasheet
57Kb / 1P
   Plastic Film Capacitors
EZTVKCTYP1HA PANASONIC-EZTVKCTYP1HA Datasheet
79Kb / 3P
   Plastic Film Capacitors
logo
Nichicon corporation
QXP2E473KRP NICHICON-QXP2E473KRP Datasheet
33Kb / 1P
   PLASTIC FILM CAPACITORS
logo
Panasonic Semiconductor
ECQB1H101KF PANASONIC-ECQB1H101KF Datasheet
133Kb / 6P
   Plastic Film Capacitors
ECQE2474 PANASONIC-ECQE2474 Datasheet
78Kb / 1P
   Plastic Film Capacitors
ECQE2W104MHR PANASONIC-ECQE2W104MHR Datasheet
86Kb / 2P
   Plastic Film Capacitors
ECQ-V1104JM3 PANASONIC-ECQ-V1104JM3 Datasheet
223Kb / 9P
   Plastic Film Capacitors
ECW-H16472JV PANASONIC-ECW-H16472JV Datasheet
214Kb / 14P
   Plastic Film Capacitors
ECQP1H471MZ PANASONIC-ECQP1H471MZ Datasheet
102Kb / 6P
   Plastic Film Capacitors
ECW-U4683V17 PANASONIC-ECW-U4683V17 Datasheet
373Kb / 8P
   Plastic Film Capacitors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com