Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSTUH32865 Datasheet(PDF) 19 Page - NXP Semiconductors

Part # SSTUH32865
Description  1.8 V 28-bit high output drive 1:2 registered buffer with parity for DDR2 RDIMM applications
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SSTUH32865 Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button SSTUH32865 Datasheet HTML 15Page - NXP Semiconductors SSTUH32865 Datasheet HTML 16Page - NXP Semiconductors SSTUH32865 Datasheet HTML 17Page - NXP Semiconductors SSTUH32865 Datasheet HTML 18Page - NXP Semiconductors SSTUH32865 Datasheet HTML 19Page - NXP Semiconductors SSTUH32865 Datasheet HTML 20Page - NXP Semiconductors SSTUH32865 Datasheet HTML 21Page - NXP Semiconductors SSTUH32865 Datasheet HTML 22Page - NXP Semiconductors SSTUH32865 Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
9397 750 14136
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 11 March 2005
19 of 28
Philips Semiconductors
SSTUH32865
1.8 V high output drive DDR registered buffer with parity
VID = 600 mV
VREF =VDD/2
VIH =VREF + 250 mV (AC voltage levels) for differential inputs. VIH =VDD for LVCMOS inputs.
VIL =VREF − 250 mV (AC voltage levels) for differential inputs. VIL = GND for LVCMOS inputs.
Fig 11. Voltage waveforms; setup and hold times
tPLH and tPHL are the same as tPD.
Fig 12. Voltage waveforms; propagation delay times (clock to output)
tPLH and tPHL are the same as tPD.
VIH =VREF + 250 mV (AC voltage levels) for differential inputs. VIH =VDD for LVCMOS inputs.
VIL =VREF − 250 mV (AC voltage levels) for differential inputs. VIL = GND for LVCMOS inputs.
Fig 13. Voltage waveforms; propagation delay times (reset to output)
tsu
VIH
VIL
VID
th
CK
CK
input
VREF
VREF
VICR
002aaa374
VOH
VOL
output
tPLH
002aaa375
VTT
VICR
VICR
tPHL
CK
CK
Vi(p-p)
tPHL
002aaa376
LVCMOS
RESET
output
VTT
VDD/2
VIH
VIL
VOH
VOL


Similar Part No. - SSTUH32865

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SSTUH32864 PHILIPS-SSTUH32864 Datasheet
119Kb / 20P
   1.8 V high output drive configurable registered buffer for DDR2 RDIMM applications
Rev. 01-22 April 2005
SSTUH32864EC PHILIPS-SSTUH32864EC Datasheet
119Kb / 20P
   1.8 V high output drive configurable registered buffer for DDR2 RDIMM applications
Rev. 01-22 April 2005
SSTUH32864EC/G PHILIPS-SSTUH32864EC/G Datasheet
119Kb / 20P
   1.8 V high output drive configurable registered buffer for DDR2 RDIMM applications
Rev. 01-22 April 2005
SSTUH32866 PHILIPS-SSTUH32866 Datasheet
158Kb / 28P
   1.8 V high output drive 25-bit 1 : 1 or 14-bit 1 : 2 configurable registered buffer with parity for DDR2 RDIMM applications
Rev. 01-13 May 2005
SSTUH32866EC PHILIPS-SSTUH32866EC Datasheet
158Kb / 28P
   1.8 V high output drive 25-bit 1 : 1 or 14-bit 1 : 2 configurable registered buffer with parity for DDR2 RDIMM applications
Rev. 01-13 May 2005
More results

Similar Description - SSTUH32865

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SSTU32865 PHILIPS-SSTU32865 Datasheet
157Kb / 29P
   1.8 V 28-bit 1:2 registered buffer with parity for DDR2 RDIMM
Rev. 02-28 September 2004
SSTUA32S865 NXP-SSTUA32S865 Datasheet
160Kb / 29P
   1.8 V 28-bit 1 : 2 registered buffer with parity for DDR2-667 RDIMM applications
Rev. 02-16 March 2007
SSTUB32865 NXP-SSTUB32865 Datasheet
163Kb / 28P
   1.8 V 28-bit 1 : 2 registered buffer with parity for DDR2-800 RDIMM applications
Rev. 03-27 March 2007
SSTUG32865 NXP-SSTUG32865 Datasheet
162Kb / 28P
   1.8 V 28-bit 1 : 2 registered buffer with parity for DDR2-1G RDIMM applications
Rev. 01-16 August 2007
SSTUM32865 NXP-SSTUM32865 Datasheet
152Kb / 28P
   1.8 V 28-bit 1 : 2 registered buffer with parity for DDR2-800 RDIMM applications
Rev. 01-19 September 2007
SSTUM32868 NXP-SSTUM32868 Datasheet
177Kb / 30P
   1.8 V 28-bit 1 : 2 configurable registered buffer with parity for DDR2-800 RDIMM applications
Rev. 02-2 March 2007
SSTUB32868 NXP-SSTUB32868 Datasheet
264Kb / 30P
   1.8 V 28-bit 1 : 2 configurable registered buffer with parity for DDR2-800 RDIMM applications
Rev. 04-22 April 2010
SSTUG32868 NXP-SSTUG32868 Datasheet
174Kb / 29P
   1.8 V 28-bit 1 : 2 configurable registered buffer with parity for DDR2-1G RDIMM applications
Rev. 01-23 April 2007
SSTUH32866 PHILIPS-SSTUH32866 Datasheet
158Kb / 28P
   1.8 V high output drive 25-bit 1 : 1 or 14-bit 1 : 2 configurable registered buffer with parity for DDR2 RDIMM applications
Rev. 01-13 May 2005
SSTUH32864 PHILIPS-SSTUH32864 Datasheet
119Kb / 20P
   1.8 V high output drive configurable registered buffer for DDR2 RDIMM applications
Rev. 01-22 April 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com