Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSTUH32864EC Datasheet(PDF) 5 Page - NXP Semiconductors

Part # SSTUH32864EC
Description  1.8 V high output drive configurable registered buffer for DDR2 RDIMM applications
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SSTUH32864EC Datasheet(HTML) 5 Page - NXP Semiconductors

  SSTUH32864EC Datasheet HTML 1Page - NXP Semiconductors SSTUH32864EC Datasheet HTML 2Page - NXP Semiconductors SSTUH32864EC Datasheet HTML 3Page - NXP Semiconductors SSTUH32864EC Datasheet HTML 4Page - NXP Semiconductors SSTUH32864EC Datasheet HTML 5Page - NXP Semiconductors SSTUH32864EC Datasheet HTML 6Page - NXP Semiconductors SSTUH32864EC Datasheet HTML 7Page - NXP Semiconductors SSTUH32864EC Datasheet HTML 8Page - NXP Semiconductors SSTUH32864EC Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
9397 750 14137
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 22 April 2005
5 of 20
Philips Semiconductors
SSTUH32864
1.8 V high output drive DDR registered buffer
Fig 4.
Ball mapping; 1 : 2 register A (C0 = 0, C1 = 1); top view
Fig 5.
Ball mapping; 1 : 2 register B (C0 = 1, C1 = 1); top view
DCKE
n.c.
VREF
VDD
QCKEA
QCKEB
123456
D2
DNU
GND
GND
Q2A
Q2B
A
B
D3
DNU
VDD
VDD
Q3A
Q3B
C
DODT
n.c.
GND
GND
QODTA
QODTB
D
D5
DNU
VDD
VDD
Q5A
Q5B
E
D6
DNU
GND
GND
Q6A
Q6B
F
n.c.
RESET
VDD
VDD
C1
C0
G
CK
DCS
GND
GND
QCSA
H
CK
CSR
VDD
VDD
ZOH
ZOL
J
D8
DNU
GND
GND
Q8A
Q8B
K
D9
DNU
VDD
VDD
Q9A
Q9B
L
D10
DNU
GND
GND
Q10A
Q10B
M
D11
DNU
VDD
VDD
Q11A
Q11B
N
D12
DNU
GND
GND
Q12A
Q12B
P
D13
DNU
VDD
VDD
Q13A
Q13B
R
D14
DNU
VREF
VDD
Q14A
Q14B
T
002aaa956
QCSB
D1
n.c.
VREF
VDD
Q1A
Q1B
123456
D2
DNU
GND
GND
Q2A
Q2B
A
B
D3
DNU
VDD
VDD
Q3A
Q3B
C
D4
n.c.
GND
GND
Q4A
Q4B
D
D5
DNU
VDD
VDD
Q5A
Q5B
E
D6
DNU
GND
GND
Q6A
Q6B
F
n.c.
RESET
VDD
VDD
C1
C0
G
CK
DCS
GND
GND
QCSA
H
CK
CSR
VDD
VDD
ZOH
ZOL
J
D8
DNU
GND
GND
Q8A
Q8B
K
D9
DNU
VDD
VDD
Q9A
Q9B
L
D10
DNU
GND
GND
Q10A
Q10B
M
DODT
DNU
VDD
VDD
QODTA
QODTB
N
D12
DNU
GND
GND
Q12A
Q12B
P
D13
DNU
VDD
VDD
Q13A
Q13B
R
DCKE
DNU
VREF
VDD
QCKEA
QCKEB
T
002aaa957
QCSB


Similar Part No. - SSTUH32864EC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SSTUH32865 PHILIPS-SSTUH32865 Datasheet
154Kb / 28P
   1.8 V 28-bit high output drive 1:2 registered buffer with parity for DDR2 RDIMM applications
Rev. 01-11 March 2005
SSTUH32865ET PHILIPS-SSTUH32865ET Datasheet
154Kb / 28P
   1.8 V 28-bit high output drive 1:2 registered buffer with parity for DDR2 RDIMM applications
Rev. 01-11 March 2005
SSTUH32865ET/G PHILIPS-SSTUH32865ET/G Datasheet
154Kb / 28P
   1.8 V 28-bit high output drive 1:2 registered buffer with parity for DDR2 RDIMM applications
Rev. 01-11 March 2005
SSTUH32866 PHILIPS-SSTUH32866 Datasheet
158Kb / 28P
   1.8 V high output drive 25-bit 1 : 1 or 14-bit 1 : 2 configurable registered buffer with parity for DDR2 RDIMM applications
Rev. 01-13 May 2005
SSTUH32866EC PHILIPS-SSTUH32866EC Datasheet
158Kb / 28P
   1.8 V high output drive 25-bit 1 : 1 or 14-bit 1 : 2 configurable registered buffer with parity for DDR2 RDIMM applications
Rev. 01-13 May 2005
More results

Similar Description - SSTUH32864EC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SSTU32864 PHILIPS-SSTU32864 Datasheet
127Kb / 21P
   1.8 V configurable registered buffer for DDR2 RDIMM applications
Rev. 02-22 October 2004
SSTUA32864 NXP-SSTUA32864_07 Datasheet
124Kb / 20P
   1.8 V configurable registered buffer for DDR2-667 RDIMM applications
Rev. 02-9 March 2007
SSTUB32864 NXP-SSTUB32864 Datasheet
121Kb / 19P
   1.8 V configurable registered buffer for DDR2-800 RDIMM applications
Rev. 02-26 March 2007
SSTUA32864 PHILIPS-SSTUA32864 Datasheet
112Kb / 19P
   1.8 V configurable registered buffer for DDR2-667 RDIMM applications
Rev. 01-12 May 2005
SSTUH32865 PHILIPS-SSTUH32865 Datasheet
154Kb / 28P
   1.8 V 28-bit high output drive 1:2 registered buffer with parity for DDR2 RDIMM applications
Rev. 01-11 March 2005
SSTUB32868 NXP-SSTUB32868 Datasheet
264Kb / 30P
   1.8 V 28-bit 1 : 2 configurable registered buffer with parity for DDR2-800 RDIMM applications
Rev. 04-22 April 2010
SSTUM32868 NXP-SSTUM32868 Datasheet
177Kb / 30P
   1.8 V 28-bit 1 : 2 configurable registered buffer with parity for DDR2-800 RDIMM applications
Rev. 02-2 March 2007
SSTUG32868 NXP-SSTUG32868 Datasheet
174Kb / 29P
   1.8 V 28-bit 1 : 2 configurable registered buffer with parity for DDR2-1G RDIMM applications
Rev. 01-23 April 2007
SSTUH32866 PHILIPS-SSTUH32866 Datasheet
158Kb / 28P
   1.8 V high output drive 25-bit 1 : 1 or 14-bit 1 : 2 configurable registered buffer with parity for DDR2 RDIMM applications
Rev. 01-13 May 2005
SSTUA32S865 NXP-SSTUA32S865 Datasheet
160Kb / 29P
   1.8 V 28-bit 1 : 2 registered buffer with parity for DDR2-667 RDIMM applications
Rev. 02-16 March 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com