Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD74HC4052PW Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HC4052PW
Description  High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC4052PW Datasheet(HTML) 7 Page - Texas Instruments

Back Button CD74HC4052PW Datasheet HTML 3Page - Texas Instruments CD74HC4052PW Datasheet HTML 4Page - Texas Instruments CD74HC4052PW Datasheet HTML 5Page - Texas Instruments CD74HC4052PW Datasheet HTML 6Page - Texas Instruments CD74HC4052PW Datasheet HTML 7Page - Texas Instruments CD74HC4052PW Datasheet HTML 8Page - Texas Instruments CD74HC4052PW Datasheet HTML 9Page - Texas Instruments CD74HC4052PW Datasheet HTML 10Page - Texas Instruments CD74HC4052PW Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
7
DC Electrical Specifications
PARAMETER
TEST CONDITIONS
AMBIENT TEMPERATURE, TA
UNITS
VIS
(V)
VI
(V)
VEE
(V)
VCC
(V)
25oC-40oC - 85oC-55oC - 125oC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
HC TYPES
High Level Input Voltage,
VIH
2
1.5
-
-
1.5
-
1.5
-
V
4.5
3.15
-
-
3.15
-
3.15
0
V
6
4.2
-
-
4.2
-
4.2
-
V
Low Level Input Voltage,
VIL
2
-
-
0.5
-
0.5
-
0.5
V
4.5
-
-
1.35
-
1.35
-
1.35
V
6
-
-
1.8
-
1.8
-
1.8
V
On Resistance, rON
IO = 1mA, (Figure 11)
VCC or VEE
VIL or
VIH
0
4.5
-
70
160
-
200
-
240
Ω
0
6
-
60
140
-
175
-
210
Ω
-4.5
4.5
-
40
120
-
150
-
180
Ω
VCC to VEE
0
4.5
-
90
180
-
225
-
270
Ω
0
6
-
80
160
-
200
-
240
Ω
-4.5
4.5
-
45
130
-
162
-
195
Ω
Maximum On Resistance
Between any Two
Channels,
ΔrON
0
4.5
-
10
-
----
Ω
0
6
-
8.5
-
----
Ω
-4.5
4.5
-
5
-
----
Ω
Switch On/Off Leakage
Current, IIZ
For Switch Off:
When VIS =VCC,
VOS = VEE;
When VIS =VEE,
VOS = VCC
For Switch On:
All Applicable
Combinations of
VIS and VOS
Voltage Levels
VIL or
VIH
1 and 2 Channels
0
6
-
-
±0.1
-
±1-
±1
μA
4053
-5
5
-
-
±0.1
-
±1-
±1
μA
4 Channels
0
6
-
-
±0.1
-
±1-
±1
μA
4052
-5
5
-
-
±0.2
-
±2-
±2
μA
8 Channels
0
6
-
-
±0.2
-
±2-
±2
μA
4051
-5
5
-
-
±0.4
-
±4-
±4
μA
Control Input Leakage
Current, IIL
VCC or
GND
06
-
-
±0.1
-
±1-
±1
μA
Quiescent Device
Current, ICC
IO = 0
When VIS =VEE,
VOS = VCC
VCC or
GND
06
-
-
8
-
80
-
160
μA
When VIS =VCC,
VOS = VEE
-5
5
-
-
16
-
160
-
320
μA
’HC4051, ’HCT4051, ’HC4052, CD74HCT4052, ’HC4053, CD74HCT4053
’HC4051, ’HCT4051, ’HC4052, CD74HCT4052, ’HC4053, CD74HCT4053


Similar Part No. - CD74HC4052PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC4052PW TI-CD74HC4052PW Datasheet
466Kb / 27P
[Old version datasheet]   High Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD74HC4052PW TI-CD74HC4052PW Datasheet
465Kb / 26P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD74HC4052PW TI-CD74HC4052PW Datasheet
521Kb / 30P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD74HC4052PW TI-CD74HC4052PW Datasheet
643Kb / 29P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD74HC4052PW TI-CD74HC4052PW Datasheet
784Kb / 30P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
More results

Similar Description - CD74HC4052PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC4051 TI-CD54HC4051_10 Datasheet
784Kb / 30P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051 TI-CD54HC4051_07 Datasheet
521Kb / 30P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC405 TI-CD54HC405 Datasheet
465Kb / 26P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051 TI-CD54HC4051_04 Datasheet
643Kb / 29P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051 TI-CD54HC4051 Datasheet
466Kb / 27P
[Old version datasheet]   High Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051 TI1-CD54HC4051_15 Datasheet
1Mb / 45P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers and Demultiplexers
CD54HC4351 TI-CD54HC4351_07 Datasheet
473Kb / 23P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
CD74HC4351 TI-CD74HC4351 Datasheet
96Kb / 15P
[Old version datasheet]   High Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
CD54HC4351 TI-CD54HC4351 Datasheet
319Kb / 20P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
CD54HC4351 TI-CD54HC4351_08 Datasheet
503Kb / 23P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com