Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSTUA32866 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # SSTUA32866
Description  1.8 V 25-bit 1 : 1 or 14-bit 1 : 2 configurable registered buffer with parity for DDR2-667 RDIMM applications
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSTUA32866 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button SSTUA32866 Datasheet HTML 7Page - NXP Semiconductors SSTUA32866 Datasheet HTML 8Page - NXP Semiconductors SSTUA32866 Datasheet HTML 9Page - NXP Semiconductors SSTUA32866 Datasheet HTML 10Page - NXP Semiconductors SSTUA32866 Datasheet HTML 11Page - NXP Semiconductors SSTUA32866 Datasheet HTML 12Page - NXP Semiconductors SSTUA32866 Datasheet HTML 13Page - NXP Semiconductors SSTUA32866 Datasheet HTML 14Page - NXP Semiconductors SSTUA32866 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
SSTUA32866_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 26 March 2007
11 of 28
NXP Semiconductors
SSTUA32866
1.8 V DDR2-667 configurable registered buffer with parity
10. Characteristics
Table 7.
Characteristics
At recommended operating conditions (see Table 6); unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VOH
HIGH-level output voltage
IOH = −6 mA; VDD = 1.7 V
1.2
-
-
V
VOL
LOW-level output voltage
IOL = 6 mA; VDD = 1.7 V
-
-
0.5
V
II
input current
all inputs; VI =VDD or GND; VDD = 2.0 V
-
-
±5
µA
IDD
supply current
static standby; RESET = GND;
IO = 0 mA; VDD = 2.0 V
--
2
mA
static operating; RESET = VDD;
IO = 0 mA; VDD = 2.0 V;
VI =VIH(AC) or VIL(AC)
-
-
40
mA
IDDD
dynamic operating current
per MHz
clock only; RESET = VDD;
VI =VIH(AC) or VIL(AC);
CK and CK switching at 50 % duty cycle.
IO = 0 mA; VDD = 1.8 V
-16
-
µA
per each data input, 1 : 1 mode;
RESET = VDD; VI =VIH(AC) or VIL(AC);
CK and CK switching at 50 % duty cycle.
One data input switching at half clock
frequency, 50 % duty cycle. IO = 0 mA;
VDD = 1.8 V
-11
-
µA
per each data input, 1 : 2 mode;
RESET = VDD; VI =VIH(AC) or VIL(AC);
CK and CK switching at 50 % duty cycle.
One data input switching at half clock
frequency, 50 % duty cycle. IO = 0 mA;
VDD = 1.8 V
-19
-
µA
Ci
input capacitance
data and CSR inputs; VI =Vref ± 250 mV;
VDD = 1.8 V
2.5
-
3.5
pF
CK and CK inputs; VICR = 0.9 V;
Vi(p-p) = 600 mV; VDD = 1.8 V
2-
3pF
RESET input; VI =VDD or GND;
VDD = 1.8 V
3-
4pF


Similar Part No. - SSTUA32866

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SSTUA32866 PHILIPS-SSTUA32866 Datasheet
143Kb / 27P
   1.8 V 25-bit 1 : 1 or 14-bit 1 : 2 configurable registered buffer with parity for DDR2-667 RDIMM applications
Rev. 01-15 July 2005
SSTUA32866EC PHILIPS-SSTUA32866EC Datasheet
143Kb / 27P
   1.8 V 25-bit 1 : 1 or 14-bit 1 : 2 configurable registered buffer with parity for DDR2-667 RDIMM applications
Rev. 01-15 July 2005
SSTUA32866EC-G PHILIPS-SSTUA32866EC-G Datasheet
143Kb / 27P
   1.8 V 25-bit 1 : 1 or 14-bit 1 : 2 configurable registered buffer with parity for DDR2-667 RDIMM applications
Rev. 01-15 July 2005
More results

Similar Description - SSTUA32866

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SSTUA32866 PHILIPS-SSTUA32866 Datasheet
143Kb / 27P
   1.8 V 25-bit 1 : 1 or 14-bit 1 : 2 configurable registered buffer with parity for DDR2-667 RDIMM applications
Rev. 01-15 July 2005
SSTU32866 PHILIPS-SSTU32866 Datasheet
166Kb / 29P
   1.8 V 25-bit 1:1 or 14-bit 1:2 configurable registered buffer with parity for DDR2 RDIMM applications
Rev. 02-11 November 2004
SSTUM32866 NXP-SSTUM32866 Datasheet
158Kb / 28P
   1.8 V 25-bit 1 : 1 or 14-bit 1 : 2 configurable registered buffer with parity for DDR2-1G RDIMM applications
Rev. 01-29 June 2007
SSTUB32866 PHILIPS-SSTUB32866 Datasheet
154Kb / 29P
   1.8 V 25-bit 1 : 1 or 14-bit 1 : 2 configurable registered buffer with parity for DDR2-800 RDIMM applications
Rev. 02-9 October 2006
SSTUB32866 NXP-SSTUB32866_10 Datasheet
248Kb / 30P
   1.8 V 25-bit 1 : 1 or 14-bit 1 : 2 configurable registered buffer with parity for DDR2-800 RDIMM applications
Rev. 04-15 April 2010
SSTUA32S865 NXP-SSTUA32S865 Datasheet
160Kb / 29P
   1.8 V 28-bit 1 : 2 registered buffer with parity for DDR2-667 RDIMM applications
Rev. 02-16 March 2007
SSTUH32866 PHILIPS-SSTUH32866 Datasheet
158Kb / 28P
   1.8 V high output drive 25-bit 1 : 1 or 14-bit 1 : 2 configurable registered buffer with parity for DDR2 RDIMM applications
Rev. 01-13 May 2005
SSTUB32868 NXP-SSTUB32868 Datasheet
264Kb / 30P
   1.8 V 28-bit 1 : 2 configurable registered buffer with parity for DDR2-800 RDIMM applications
Rev. 04-22 April 2010
SSTUM32868 NXP-SSTUM32868 Datasheet
177Kb / 30P
   1.8 V 28-bit 1 : 2 configurable registered buffer with parity for DDR2-800 RDIMM applications
Rev. 02-2 March 2007
SSTUG32868 NXP-SSTUG32868 Datasheet
174Kb / 29P
   1.8 V 28-bit 1 : 2 configurable registered buffer with parity for DDR2-1G RDIMM applications
Rev. 01-23 April 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com