Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WPMM1A05A Datasheet(PDF) 8 Page - Honeywell Solid State Electronics Center

Part # WPMM1A05A
Description  Wireless Panel-Mount Monitor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

WPMM1A05A Datasheet(HTML) 8 Page - Honeywell Solid State Electronics Center

  WPMM1A05A Datasheet HTML 1Page - Honeywell Solid State Electronics Center WPMM1A05A Datasheet HTML 2Page - Honeywell Solid State Electronics Center WPMM1A05A Datasheet HTML 3Page - Honeywell Solid State Electronics Center WPMM1A05A Datasheet HTML 4Page - Honeywell Solid State Electronics Center WPMM1A05A Datasheet HTML 5Page - Honeywell Solid State Electronics Center WPMM1A05A Datasheet HTML 6Page - Honeywell Solid State Electronics Center WPMM1A05A Datasheet HTML 7Page - Honeywell Solid State Electronics Center WPMM1A05A Datasheet HTML 8Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Limitless™ Series
Sensing and Control
Honeywell
1985 Douglas Drive North
Golden Valley, MN 55422
www.honeywell.com
002318-1-EN IL50 GLO Printed in USA
May 2010
Copyright © 2010 Honeywell International Inc. All rights reserved.
WARNING
PERSONAL INJURY
DO NOT USE these products as safety or emergency stop
devices or in any other application where failure of the
product could result in personal injury.
Failure to comply with these instructions could result in
death or serious injury.
WARNING
MISUSE OF DOCUMENTATION
• The information presented in this product sheet is for
reference only. Do not use this document as a product
installation guide.
• Complete installation, operation, and maintenance
information is provided in the instructions supplied with
each product.
Failure to comply with these instructions could result in
death or serious injury.
WARNING
Honeywell does not recommend using devices for critical
control applications where there is, or may be, a single point
of failure or where single points of failure may result in an
unsafe condition. It is up to the end-user to weigh the risks
and benefits to determine if the products are appropriate for
the application based on security, safety and performance.
Additionally, it is up to the end-user to ensure that the
control strategy results in a safe operating condition if any
crucial segment of the control solution fails.
Failure to comply with these instructions could result in
death or serious injury.
1B
WARRANTY/REMEDY
Honeywell warrants goods of its manufacture as being free of defective
materials and faulty workmanship. Honeywell’s standard product
warranty applies unless agreed to otherwise by Honeywell in writing;
please refer to your order acknowledgement or consult your local sales
office for specific warranty details. If warranted goods are returned to
Honeywell during the period of coverage, Honeywell will repair or
replace, at its option, without charge those items it finds defective.
The
foregoing is buyer’s sole remedy and is in lieu of all other
warranties, expressed or implied, including those of
merchantability and fitness for a particular purpose. In no event
shall Honeywell be liable for consequential, special, or indirect
damages.
While we provide application assistance personally, through our
literature and the Honeywell web site, it is up to the customer to
determine the suitability of the product in the application.
Specifications may change without notice. The information we supply
is believed to be accurate and reliable as of this printing. However, we
assume no responsibility for its use.
SALES AND SERVICE
Honeywell serves its customers through a worldwide network of sales
offices, representatives and distributors. For application assistance,
current specifications, pricing or name of the nearest Authorized
Distributor, contact your local sales office or:
E-mail: info.sc@honeywell.com
Internet: www.honeywell.com/sensing
Phone and Fax:
Asia Pacific
+65 6355-2828
+65 6445-3033 Fax
Europe
+44 (0) 1698 481481
+44 (0) 1698 481676 Fax
Latin America +1-305-805-8188
+1-305-883-8257 Fax
USA/Canada +1-800-537-6945
+1-815-235-6847
+1-815-235-6545 Fax


Similar Part No. - WPMM1A05A

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
WPMM1A05A HONEYWELL-ACC-WPMM1A05A Datasheet
1Mb / 8P
   Limitless??Single Switch Adapter
More results

Similar Description - WPMM1A05A

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
VUE-2101 ADVANTECH-VUE-2101 Datasheet
318Kb / 2P
   10.1 Panel Mount Monitor
20-Sep-2022
VUE-2156 ADVANTECH-VUE-2156 Datasheet
323Kb / 2P
   15.6 Panel Mount Monitor
20-Sep-2022
VUE-2238 ADVANTECH-VUE-2238 Datasheet
404Kb / 2P
   23.8 Panel Mount Monitor
20-Sep-2022
IDS-3221W ADVANTECH-IDS-3221W Datasheet
500Kb / 2P
   21.5 FHD Panel Mount Monitor
24-Jul-2020
IDS-3218W ADVANTECH-IDS-3218W Datasheet
459Kb / 2P
   18.5 HD Panel Mount Monitor
24-Jul-2020
IDS-3210 ADVANTECH-IDS-3210_V01 Datasheet
422Kb / 2P
   10.4 Industrial Panel Mount Monitor
22-Apr-2019
IDS-3206 ADVANTECH-IDS-3206_14 Datasheet
1Mb / 2P
   6.5" VGA Industrial Panel Mount Monitor
IDS-3215 ADVANTECH-IDS-3215_14 Datasheet
394Kb / 2P
   15" XGA Industrial Panel Mount Monitor
IDS-3215 ADVANTECH-IDS-3215 Datasheet
724Kb / 2P
   15' XGA Industrial Panel Mount Monitor
IDS-3219 ADVANTECH-IDS-3219 Datasheet
456Kb / 2P
   19 SXGA Industrial Panel Mount Monitor
24-Jul-2020
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com