Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ALVCH32501 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74ALVCH32501
Description  36-bit universal bus transceiver with direction pin; 3-state
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVCH32501 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74ALVCH32501_04 Datasheet HTML 5Page - NXP Semiconductors 74ALVCH32501_04 Datasheet HTML 6Page - NXP Semiconductors 74ALVCH32501_04 Datasheet HTML 7Page - NXP Semiconductors 74ALVCH32501_04 Datasheet HTML 8Page - NXP Semiconductors 74ALVCH32501_04 Datasheet HTML 9Page - NXP Semiconductors 74ALVCH32501_04 Datasheet HTML 10Page - NXP Semiconductors 74ALVCH32501_04 Datasheet HTML 11Page - NXP Semiconductors 74ALVCH32501_04 Datasheet HTML 12Page - NXP Semiconductors 74ALVCH32501_04 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
2004 Oct 13
9
Philips Semiconductors
Product specification
36-bit universal bus transceiver with direction pin;
3-state
74ALVCH32501
Notes
1. All typical values are measured at VCC = 2.5 V and Tamb =25 °C.
2. All typical values are measured at Tamb =25 °C.
3. All typical values are measured at VCC = 3.3 V and Tamb =25 °C.
th
hold time
nAn after nCPAB↑ or nBn after nCPBA
see Figs 7 and 8 50 pF
1.6
0.3
ns
hold time CP HIGH or LOW
nAn after nLEAB↓ or nBn after nLEBA
see Figs 7 and 8 50 pF
1.5
0.1
ns
fmax
maximum clock frequency
see Figs 5 and 8 50 pF
150
333
MHz
VCC = 3.0 V to 3.6 V; tr =tf ≤ 2.5 ns; note 3
tPHL/tPLH
propagation delay
nAn to nBn; nBn to nAn
see Figs 4 and 8 50 pF
1.0
3.0
4.2
ns
nLEBA to nAn; nLEAB to nBn
see Figs 5 and 8 50 pF
1.3
3.4
4.8
ns
nCPBA to nAn; nCPAB to nBn
see Figs 5 and 8 50 pF
1.4
3.3
4.9
ns
tPZH/tPZL
3-state output enable time nOEAB to nBn
see Figs 6 and 8 50 pF
1.0
2.4
4.6
ns
3-state output enable time nOEBA to nAn
see Figs 6 and 8 50 pF
1.1
2.5
5.0
ns
tPHZ/tPLZ
3-state output disable time nOEAB to nBn
see Figs 6 and 8 50 pF
1.4
2.9
5.0
ns
3-state output disable time nOEBA to nAn
see Figs 6 and 8 50 pF
1.3
3.1
4.2
ns
tW
pulse width nLEAB or nLEBA HIGH
see Figs 5 and 8 50 pF
3.3
0.9
ns
pulse width nCPAB or nCPBA
HIGH or LOW
see Figs 5 and 8 50 pF
3.3
1.1
ns
tsu
set-up time
nAn before nCPAB↑ or nBn before nCPBA
see Figs 7 and 8 50 pF
+1.3
−0.3
ns
set-up time CP HIGH or LOW
nAn before nLEAB↓ or nBn before nLEBA
see Figs 7 and 8 50 pF
1.0
0.3
ns
th
hold time
nAn after nCPAB↑ or nBn after nCPBA
see Figs 7 and 8 50 pF
+1.3
−0.4
ns
hold time CP HIGH or LOW
nAn after nLEAB↓ or nBn after nLEBA
see Figs 7 and 8 50 pF
1.2
0.1
ns
fmax
maximum clock frequency
see Figs 5 and 8 50 pF
150
340
MHz
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
WAVEFORMS
CL


Similar Part No. - 74ALVCH32501_04

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVCH32501EC PHILIPS-74ALVCH32501EC Datasheet
88Kb / 16P
   36-bit universal bus transceiver with direction pin; 5 V tolerant; 3-state
2000 Mar 16
logo
Texas Instruments
74ALVCH32501ZKFR TI1-74ALVCH32501ZKFR Datasheet
788Kb / 14P
[Old version datasheet]   36-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results

Similar Description - 74ALVCH32501_04

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVCH32501 PHILIPS-74ALVCH32501 Datasheet
88Kb / 16P
   36-bit universal bus transceiver with direction pin; 5 V tolerant; 3-state
2000 Mar 16
logo
Texas Instruments
SN74ALVCH32501 TI-SN74ALVCH32501 Datasheet
160Kb / 11P
[Old version datasheet]   36-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH32501 TI1-SN74ALVCH32501_13 Datasheet
788Kb / 14P
[Old version datasheet]   36-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74ALVC16245 PHILIPS-74ALVC16245 Datasheet
91Kb / 10P
   2.5V/3.3V 16-bit bus transceiver with direction pin 3-State
1998 Jun 29
74LVC16245A PHILIPS-74LVC16245A Datasheet
107Kb / 19P
   16-bit bus transceiver with direction pin; 5V tolerant 3-State
Rev. 08-6 November 2008
logo
Nexperia B.V. All right...
74ALVC16245 NEXPERIA-74ALVC16245 Datasheet
232Kb / 13P
   16-bit transceiver with direction pin; 3-state
Rev. 6 - 5 August 2021
logo
NXP Semiconductors
74ALVC_ALVCH16245 PHILIPS-74ALVC_ALVCH16245_15 Datasheet
104Kb / 17P
   16-bit transceiver with direction pin; 3-state
Rev. 03-12 May 2004
logo
Integrated Circuit Syst...
74LVC_LVCH16245A ICST-74LVC_LVCH16245A Datasheet
107Kb / 19P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
logo
NXP Semiconductors
74LVC32245A PHILIPS-74LVC32245A_15 Datasheet
162Kb / 14P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 3-16 December 2011
74LVC32245A NXP-74LVC32245A Datasheet
88Kb / 12P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 01-20 August 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com