Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74ALVC162834A_0006 Datasheet(PDF) 7 Page - NXP Semiconductors

Part No. 74ALVC162834A_0006
Description  18-bit registered driver with inverted register enable and 30ohm termination resistors 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVC162834A_0006 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74ALVC162834A_0006 Datasheet HTML 3Page - NXP Semiconductors 74ALVC162834A_0006 Datasheet HTML 4Page - NXP Semiconductors 74ALVC162834A_0006 Datasheet HTML 5Page - NXP Semiconductors 74ALVC162834A_0006 Datasheet HTML 6Page - NXP Semiconductors 74ALVC162834A_0006 Datasheet HTML 7Page - NXP Semiconductors 74ALVC162834A_0006 Datasheet HTML 8Page - NXP Semiconductors 74ALVC162834A_0006 Datasheet HTML 9Page - NXP Semiconductors 74ALVC162834A_0006 Datasheet HTML 10Page - NXP Semiconductors 74ALVC162834A_0006 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Philips Semiconductors
Product specification
74ALVC162834A
18-bit registered driver with inverted register enable
and 30
Ω termination resistors (3-State)
2000 Jun 20
7
AC CHARACTERISTICS FOR VCC = 2.3V TO 2.7V RANGE
GND = 0 V; tr = tf ≤ 2.0 ns; CL = 30 pF
LIMITS
SYMBOL
PARAMETER
WAVEFORM
VCC = 2.3 to 2.7 V
UNIT
MIN
TYP1
MAX
Propagation delay
An to Yn
1, 7
1.0
3.5
5.2
tPHL/tPLH
Propagation delay
LE to Yn
2, 7
1.3
4.1
6.0
ns
Propagation delay
CP to Yn
4, 7
1.4
4.0
6.8
tPZH/tPZL
3-State output enable time
OE to Yn
6, 7
1.4
3.8
6.3
ns
tPHZ/tPLZ
3-State output disable time
OE to Yn
6, 7
1.0
2.6
4.4
ns
t
CP pulse width HIGH or LOW
4, 7
3.3
1.0
ns
tW
LE pulse width HIGH
2, 7
3.3
0.7
ns
tS
Set-up time An to CP
5, 7
1.0
ns
tSU
Set-up time An to LE
3, 7
1.5
ns
t
Hold time An to CP
5, 7
1.0
0.4
ns
th
Hold time An to LE
3, 7
0.5
0.1
ns
fmax
Maximum clock pulse frequency
4, 7
150
190
MHz
NOTE:
1. All typical values are at VCC = 2.5V and Tamb = 25°C.
AC CHARACTERISTICS FOR VCC = 3.0V TO 3.6V RANGE AND VCC = 2.7V
GND = 0 V; tr = tf ≤ 2.5 ns; CL = 50 pF
LIMITS
LIMITS
SYMBOL
PARAMETER
WAVEFORM
VCC = 3.3 ± 0.3 V
VCC = 2.7 V
UNIT
MIN
TYP1, 2
MAX
MIN
TYP1
MAX
Propagation delay
An to Yn
1, 7
1.0
2.9
4.2
3.3
5.0
tPHL/tPLH
Propagation delay
LE to Yn
2, 7
1.3
3.4
5.8
3.8
6.8
ns
Propagation delay
CP to Yn
4, 7
1.4
3.3
5.4
3.7
6.1
tPZH/tPZL
3-State output enable time
OE to Yn
6, 7
1.5
2.4
5.9
4.0
6.5
ns
tPHZ/tPLZ
3-State output disable time
OE to Yn
6, 7
1.8
3.0
5.0
3.2
5.2
ns
t
CP pulse width HIGH or LOW
4, 7
3.3
0.7
3.3
1.2
ns
tW
LE pulse width LOW
2, 7
3.3
0.6
3.3
0.6
ns
tS
Set-up time An to CP
5, 7
1.0
1.0
ns
tSU
Set-up time An to LE
3, 7
1.5
1.5
ns
t
Hold time An to CP
5, 7
0.9
0.7
1.2
0.4
ns
th
Hold time An to LE
3, 7
1.0
0.4
1.0
0.1
ns
fmax
Maximum clock pulse frequency
4, 7
150
240
150
190
MHz
NOTES:
1. All typical values are measured Tamb = 25°C.
2. Typical value is measured at VCC = 3.3 V.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn