Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74ALVC162834A_0006 Datasheet(PDF) 6 Page - NXP Semiconductors

Part No. 74ALVC162834A_0006
Description  18-bit registered driver with inverted register enable and 30ohm termination resistors 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVC162834A_0006 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74ALVC162834A_0006 Datasheet HTML 2Page - NXP Semiconductors 74ALVC162834A_0006 Datasheet HTML 3Page - NXP Semiconductors 74ALVC162834A_0006 Datasheet HTML 4Page - NXP Semiconductors 74ALVC162834A_0006 Datasheet HTML 5Page - NXP Semiconductors 74ALVC162834A_0006 Datasheet HTML 6Page - NXP Semiconductors 74ALVC162834A_0006 Datasheet HTML 7Page - NXP Semiconductors 74ALVC162834A_0006 Datasheet HTML 8Page - NXP Semiconductors 74ALVC162834A_0006 Datasheet HTML 9Page - NXP Semiconductors 74ALVC162834A_0006 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Philips Semiconductors
Product specification
74ALVC162834A
18-bit registered driver with inverted register enable
and 30
Ω termination resistors (3-State)
2000 Jun 20
6
DC ELECTRICAL CHARACTERISTICS
Over recommended operating conditions. Voltages are referenced to GND (ground = 0 V).
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
Temp = -40
°C to +85°C
UNIT
MIN
TYP1
MAX
V
HIGH level Input voltage
VCC = 2.3 to 2.7V
1.7
1.2
V
VIH
HIGH level Input voltage
VCC = 2.7 to 3.6V
2.0
1.5
V
V
LOW level Input voltage
VCC = 2.3 to 2.7V
1.2
0.7
V
VIL
LOW level Input voltage
VCC = 2.7 to 3.6V
1.5
0.8
V
VCC =2 3to3 6V; V =V or V ; IO = 100µA
VCC 02
VCC
VCC = 2.3 to 3.6V; VI = VIH or VIL; IO = –100µA
VCC*0.2
VCC
VCC = 2.3V; VI = VIH or VIL; IO = –4mA
VCC*0.4
VCC*0.11
VCC = 2.3V; VI = VIH or VIL; IO = –6mA
VCC*0.6
VCC*0.17
VOH
HIGH level output voltage
VCC = 2.7V; VI = VIH or VIL; IO = –4mA
VCC*0.5
VCC*0.09
V
VCC = 2.7V; VI = VIH or VIL; IO = –8mA
VCC*0.7
VCC*0.19
VCC = 3.0V; VI = VIH or VIL; IO = –6mA
VCC*0.6
VCC*0.13
VCC = 3.0V; VI = VIH or VIL; IO = –12mA
VCC*1.0
VCC*0.27
V
=2 3to3 6V; V =V
or V ; I = 100
µA
GND
020
VCC = 2.3 to 3.6V; VI = VIH or VIL; IO = 100µA
GND
0.20
VCC = 2.3V; VI = VIH or VIL; IO = 4mA
0.07
0.40
VCC = 2.3V; VI = VIH or VIL; IO = 6mA
0.11
0.55
VOL
LOW level output voltage
VCC = 2.7V; VI = VIH or VIL; IO = 4mA
0.06
0.40
V
VCC = 2.7V; VI = VIH or VIL; IO = 8mA
0.13
0.60
VCC = 3.0V; VI = VIH or VIL; IO = 6mA
0.09
0.55
VCC = 3.0V; VI = VIH or VIL; IO = 12mA
0.19
0.80
VCC =2 3to3 6V;
II
Input leakage current
VCC = 2.3 to 3.6V;
V
V
or GND
0.1
5
µA
I
g
VI = VCC or GND
µ
IOZ
3-State output OFF-state current
VCC = 2.3 to 3.6V; VI = VIH or VIL;
VO = VCC or GND
0.1
10
µA
ICC
Quiescent supply current
VCC = 2.3 to 3.6V; VI = VCC or GND; IO = 0
0.2
40
µA
∆ICC
Additional quiescent supply current
VCC = 2.3V to 3.6V; VI = VCC – 0.6V; IO = 0
150
750
µA
NOTE:
1. All typical values are at Tamb = 25°C.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn