Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC189AEVB-2 Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC189AEVB-2
Description  2.5MHz, 1.5A Synchronous Step Down Regulator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC189AEVB-2 Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC189AEVB-2 Datasheet HTML 6Page - Semtech Corporation SC189AEVB-2 Datasheet HTML 7Page - Semtech Corporation SC189AEVB-2 Datasheet HTML 8Page - Semtech Corporation SC189AEVB-2 Datasheet HTML 9Page - Semtech Corporation SC189AEVB-2 Datasheet HTML 10Page - Semtech Corporation SC189AEVB-2 Datasheet HTML 11Page - Semtech Corporation SC189AEVB-2 Datasheet HTML 12Page - Semtech Corporation SC189AEVB-2 Datasheet HTML 13Page - Semtech Corporation SC189AEVB-2 Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
www.semtech.com
© 2009 Semtech Corp.
10
SC189
Start Up (Enable)(V
OUT=1.5V)
Start Up (Power up V
IN) (VOUT=1.5V)
Start Up into Pre-Bias Output (Enable)
Start Up (Enable)(V
OUT=1.5V)
Start Up (Power up V
IN) (VOUT=1.5V)
Shutdown (Disable) (V
OUT=1.5V)
V
OUT
1V/div
100µs/div
Start Up (V
OUT=1.5V)
V
IN=5.0V
R
OUT=1k
V
EN
2V/div
V
IN
2V/div
V
OUT
500mV/div
200µs/div
Start Up (V
OUT=1.5V), EN=VIN
V
IN
2V/div
V
IN=5.0V
R
OUT=1k
V
OUT
500mV/div
200µs/div
V
IN
2V/div
V
IN=5.0V
R
OUT=1k
Start Up into Pre-Biased Output (V
OUT=1.5V) Enable
V
EN
2V/div
V
OUT
1V/div
100µs/div
Start Up (V
OUT=1.5V)
V
EN
2V/div
V
IN
2V/div
V
IN=5.0V
R
OUT=1
V
OUT
500mV/div
200µs/div
Start Up (V
OUT=1.5V), EN=VIN
V
IN
2V/div
V
IN=5.0V
R
OUT=1
50µs/div
Shutdown-Disable
V
OUT
500mV/div
V
EN
2V/div
V
IN
2V/div
V
IN=5.0V
R
OUT=1.5
Typical Waveforms (continued)
Circuit Conditions: V
OUT=1.5V (SC189HULTRT); L= 2.2uH (TOKO: 1071AS-2R2); CIN= COUT= 10uF/6.3V (Murata: GRM21BR60J106K).


Similar Part No. - SC189AEVB-2

ManufacturerPart #DatasheetDescription
logo
Semicoa Semiconductor
SC189ASK.TRT SEMICOA-SC189ASK.TRT Datasheet
1Mb / 24P
   2.5MHz, 1.5A Synchronous Step Down Regulator
More results

Similar Description - SC189AEVB-2

ManufacturerPart #DatasheetDescription
logo
Semicoa Semiconductor
SC189ASK.TRT SEMICOA-SC189ASK.TRT Datasheet
1Mb / 24P
   2.5MHz, 1.5A Synchronous Step Down Regulator
logo
Semtech Corporation
SC183C SEMTECH-SC183C Datasheet
1Mb / 20P
   2.5MHz, 2A Synchronous Step-Down Regulator
logo
Exar Corporation
XRP6670 EXAR-XRP6670 Datasheet
3Mb / 13P
   3A 300kHz-2.5MHz Synchronous Step Down Regulator
logo
ELM Technology Corporat...
ELM630BA ELM-TECH-ELM630BA Datasheet
769Kb / 7P
   1.5A 5.5V 2.5MHz Synchronous step down DC/DC converter
logo
Linear Technology
LTC1875 LINER-LTC1875_15 Datasheet
268Kb / 20P
   1.5A Monolithic Synchronous Step-Down Regulator
logo
Feeling Technology Corp...
FP6162 FEELING-FP6162 Datasheet
813Kb / 19P
   1.5MHz, 1.5A Synchronous Step-Down Regulator
logo
Semtech Corporation
SC284 SEMTECH-SC284 Datasheet
1Mb / 20P
   Dual Channel 2.5MHz, 1.8A Synchronous Step-Down Regulator
SC283 SEMTECH-SC283 Datasheet
1Mb / 20P
   Dual Channel 2.5MHz, 1.8A Synchronous Step-Down Regulator
logo
Linear Technology
LTC3601 LINER-LTC3601 Datasheet
330Kb / 24P
   1.5A, 15V Monolithic Synchronous Step-Down Regulator
logo
Semtech Corporation
SC4626CSKTRT SEMTECH-SC4626CSKTRT Datasheet
1,018Kb / 22P
   2.5MHz, 1A Synchronous Step Down Regulator in SOT23-5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com