Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC427MLTRT Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC427MLTRT
Description  10A Integrated FET Regulator with Programmable LDO
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC427MLTRT Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC427MLTRT Datasheet HTML 3Page - Semtech Corporation SC427MLTRT Datasheet HTML 4Page - Semtech Corporation SC427MLTRT Datasheet HTML 5Page - Semtech Corporation SC427MLTRT Datasheet HTML 6Page - Semtech Corporation SC427MLTRT Datasheet HTML 7Page - Semtech Corporation SC427MLTRT Datasheet HTML 8Page - Semtech Corporation SC427MLTRT Datasheet HTML 9Page - Semtech Corporation SC427MLTRT Datasheet HTML 10Page - Semtech Corporation SC427MLTRT Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
SC417/SC427
7
Electrical Characteristics (continued)
Parameter
Conditions
Min
Typ
Max
Units
Linear Regulator (LDO)
FBL Accuracy
VLDO load = 10mA
0.735
0.75
0.765
V
LDO Current Limit
Start-up and foldback, V
IN
= 12V
85
mA
Operating current limit, V
IN
= 12V
135
200
VLDO to VOUT Switch-over Threshold (3)
-140
+140
mV
VLDO to VOUT Non-switch-over Threshold (3)
-450
+450
mV
VLDO to VOUT Switch-over Resistance
V
OUT
= +5V
2
Ω
LDO Drop Out Voltage (4)
From V
IN
to V
VLDO
, V
VLDO
= +5V, I
VLDO
= 100mA
1.2
V
Notes:
(1)
V
IN
UVLO is programmable using a resistor divider from VIN to ENL to AGND. The ENL voltage is compared to an internal reference.
(2)
Guaranteed by design.
(3)
The switch-over threshold is the maximum voltage differential between the VLDO and VOUT pins which ensures that VLDO will internally
switch-over to VOUT. The non-switch-over threshold is the minimum voltage differential between the VLDO and VOUT pins which ensures
that VLDO will not switch-over to VOUT.
(4)
The LDO drop out voltage is the voltage at which the LDO output drops 2% below the nominal regulation point.


Similar Part No. - SC427MLTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC427MLTRT SEMTECH-SC427MLTRT Datasheet
546Kb / 29P
   10A Integrated FET Regulator with Programmable LDO
More results

Similar Description - SC427MLTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC417 SEMTECH-SC417 Datasheet
546Kb / 29P
   10A Integrated FET Regulator with Programmable LDO
SC402B SEMTECH-SC402B Datasheet
1Mb / 32P
   10A EcoSpeed짰 Integrated FET Regulator with Programmable LDO
SC401B SEMTECH-SC401B Datasheet
1Mb / 32P
   15A Integrated FET Regulator with Programmable LDO
SC403 SEMTECH-SC403 Datasheet
715Kb / 32P
   6A EcoSpeedTM Integrated FET Regulator with Programmable LDO
SC403B SEMTECH-SC403B Datasheet
846Kb / 32P
   6A EcoSpeed짰 Integrated FET Regulator with Programmable LDO
SC9301 SEMTECH-SC9301 Datasheet
1Mb / 29P
   10A EcoSpeed짰 Integrated FET Regulator with 5V LDO and Hiccup Restart
SC414 SEMTECH-SC414 Datasheet
506Kb / 29P
   6A Integrated FET Regulator with 5V LDO
logo
Texas Instruments
PT7602 TI-PT7602 Datasheet
162Kb / 3P
[Old version datasheet]   3.3V INPUT 10A PROGRAMMABLE INTEGRATED SWITCHING REGULATOR
logo
Vishay Siliconix
SIC417 VISHAY-SIC417_13 Datasheet
928Kb / 21P
   10-A, 28-V Integrated Buck Regulator with Programmable LDO
Rev. D, 14-Jun-10
SIC403A VISHAY-SIC403A_13 Datasheet
1Mb / 25P
   6 A microBUCK SiC403A/B Integrated Buck Regulator with Programmable LDO
Rev. A, 27-Aug-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com