Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC412A Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC412A
Description  Synchronous Buck Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC412A Datasheet(HTML) 4 Page - Semtech Corporation

  SC412A_1 Datasheet HTML 1Page - Semtech Corporation SC412A_1 Datasheet HTML 2Page - Semtech Corporation SC412A_1 Datasheet HTML 3Page - Semtech Corporation SC412A_1 Datasheet HTML 4Page - Semtech Corporation SC412A_1 Datasheet HTML 5Page - Semtech Corporation SC412A_1 Datasheet HTML 6Page - Semtech Corporation SC412A_1 Datasheet HTML 7Page - Semtech Corporation SC412A_1 Datasheet HTML 8Page - Semtech Corporation SC412A_1 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Parameter
Conditions
25°C
-40° to 85°C
Units
Min
Typ
Max
Min
Max
Logic Inputs/Outputs (continued)
EN Input Bias Current
EN = VCC or RTN
-1
+1
μA
FB Input Bias Current
FB = VCC or RTN
-1
+1
μA
Power Good Output
Low Voltage
R
PWRGD = 10kΩ to VCC
0.4
V
Gate Drivers
Shoot-Through
Protection Delay(1)
DH or DL Rising
30
ns
DL Pull-Down Resistance
DL Low
0.8
1.6
Ω
DL Sink Current
V
DL = 2.5V
3.1
A
DL Pull-Up Resistance
DL High
2
4
Ω
DL Source Current
V
DL = 2.5V
1.3
A
DH Pull-Down Resistance
DH Low, BST - LX = 5V
2
4
Ω
DH Pull-Up Resistance(2)
DH High, BST - LX = 5V
2
4
Ω
DH Sink/Source Current
V
DH = 2.5V
1.3
A
Notes:
(1) Guaranteed by design.
(2) Semtech’s SmartDriver™ FET drive first pulls DH high with a pull-up resistance of 10Ω (typical) until LX = 1.5V (typical). At this point,
an additional pull-up device is activated, reducing the resistance to 2Ω (typical). This negates the need for an external gate or boost
resistor.
4
© 2006 Semtech Corp.
www.semtech.com
SC412A
POWER MANAGEMENT
Electrical Characteristics (continued)


Similar Part No. - SC412A_1

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC412AEVB SEMTECH-SC412AEVB Datasheet
784Kb / 22P
   Synchronous Buck Controller
SC412AMLTRT SEMTECH-SC412AMLTRT Datasheet
784Kb / 22P
   Synchronous Buck Controller
More results

Similar Description - SC412A_1

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2174 MICREL-MIC2174 Datasheet
544Kb / 24P
   300kHz, Synchronous Buck Controller 300kHz, Synchronous Buck Controller
logo
Analog Devices
ADP1878 AD-ADP1878 Datasheet
2Mb / 40P
   Synchronous Buck Controller
REV. A
logo
Sipex Corporation
SP6138 SIPEX-SP6138 Datasheet
961Kb / 17P
   Synchronous Buck Controller
logo
Micro Linear Corporatio...
ML4894 MICRO-LINEAR-ML4894 Datasheet
270Kb / 10P
   Synchronous Buck Controller
logo
Sipex Corporation
SP6133 SIPEX-SP6133 Datasheet
1,022Kb / 20P
   Synchronous Buck Controller
logo
Exar Corporation
SP6136 EXAR-SP6136 Datasheet
846Kb / 18P
   Synchronous Buck Controller
logo
Texas Instruments
LM1770 TI1-LM1770 Datasheet
868Kb / 24P
[Old version datasheet]   Synchronous Buck Controller
logo
Micro Linear Corporatio...
ML4895 MICRO-LINEAR-ML4895 Datasheet
275Kb / 10P
   Synchronous Buck Controller
logo
Semtech Corporation
SC412A SEMTECH-SC412A Datasheet
784Kb / 22P
   Synchronous Buck Controller
logo
Sipex Corporation
SP6136 SIPEX-SP6136 Datasheet
826Kb / 18P
   Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com