Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC283EVB Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC283EVB
Description  Dual Channel 2.5MHz, 1.8A Synchronous Step-Down Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC283EVB Datasheet(HTML) 5 Page - Semtech Corporation

  SC283EVB Datasheet HTML 1Page - Semtech Corporation SC283EVB Datasheet HTML 2Page - Semtech Corporation SC283EVB Datasheet HTML 3Page - Semtech Corporation SC283EVB Datasheet HTML 4Page - Semtech Corporation SC283EVB Datasheet HTML 5Page - Semtech Corporation SC283EVB Datasheet HTML 6Page - Semtech Corporation SC283EVB Datasheet HTML 7Page - Semtech Corporation SC283EVB Datasheet HTML 8Page - Semtech Corporation SC283EVB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
SC283
© 2010 Semtech Corp.
Typical Characteristics
Efficiency vs. Load Current
Total Loss (Per Channel) vs. Load Current
Load Regulation
Circuit Conditions: C
IN= 10uF/6.3V; COUT= 22uF/6.3V, Unless otherwise noted, L= 2.2uH (TOKO: 1127AS-2R2M).
Dropout Voltage in 100% Duty Cycle Operation
Dropout Voltage of 100% Duty Cycle Operation
0
50
100
150
200
250
300
350
400
450
500
0.0
0.3
0.6
0.9
1.2
1.5
1.8
Output Current (A)
TA= 25°C
L= 1071AS-2R2M
(DCR= 60m
_max)
L= 1127AS-2R2M
(DCR=48m
_max)
UVLO Rising Threshold Variation
UVLO Rising Threshold Variation
-1.0%
-0.8%
-0.6%
-0.4%
-0.2%
0.0%
0.2%
0.4%
0.6%
0.8%
1.0%
-40
-15
10
35
60
85
Ambient Temperature (°C)
IOUT= 0A
UVLO Hysteresis Variation
-5%
-4%
-3%
-2%
-1%
0%
1%
2%
3%
4%
5%
-40
-15
10
35
60
85
Ambient Temperature (°C)
IOUT= 0A
UVLO Hysteresis Variation
Efficiency
60%
65%
70%
75%
80%
85%
90%
95%
100%
0.0
0.3
0.6
0.9
1.2
1.5
1.8
Output Current (A)
VIN=5.0V;VOUT=3.3V
TA=25°C
VIN=5.0V;VOUT=1.5V
VIN=3.3V;VOUT=1.5V
Total Loss
0
200
400
600
800
1000
0.0
0.3
0.6
0.9
1.2
1.5
1.8
Output Current (A)
TA=25°C
VIN=5.0V;VOUT=3.3V
VIN=5.0V;VOUT=1.5V
VIN=3.3V;VOUT=1.5V
Load Regulation
-1.0%
-0.8%
-0.6%
-0.4%
-0.2%
0.0%
0.2%
0.4%
0.6%
0.8%
1.0%
0.0
0.3
0.6
0.9
1.2
1.5
1.8
Output Current (A)
TA=25°C
VIN=5.0V;VOUT=3.3V
VIN=5.0V;VOUT=1.5V
VIN=3.3V;VOUT=1.5V
www.semtech.com
5


Similar Part No. - SC283EVB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SC28-1 ETC2-SC28-1 Datasheet
2Mb / 16P
   Drop Wire Clamps for CATV and Telephone Cable
SC28-2 ETC2-SC28-2 Datasheet
2Mb / 16P
   Drop Wire Clamps for CATV and Telephone Cable
SC28-3 ETC2-SC28-3 Datasheet
2Mb / 16P
   Drop Wire Clamps for CATV and Telephone Cable
SC28-4 ETC2-SC28-4 Datasheet
2Mb / 16P
   Drop Wire Clamps for CATV and Telephone Cable
SC28-4SCATV ETC2-SC28-4SCATV Datasheet
2Mb / 16P
   Drop Wire Clamps for CATV and Telephone Cable
More results

Similar Description - SC283EVB

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC284 SEMTECH-SC284 Datasheet
1Mb / 20P
   Dual Channel 2.5MHz, 1.8A Synchronous Step-Down Regulator
SC183C SEMTECH-SC183C Datasheet
1Mb / 20P
   2.5MHz, 2A Synchronous Step-Down Regulator
logo
Semicoa Semiconductor
SC189ASK.TRT SEMICOA-SC189ASK.TRT Datasheet
1Mb / 24P
   2.5MHz, 1.5A Synchronous Step Down Regulator
logo
Semtech Corporation
SC189 SEMTECH-SC189 Datasheet
1Mb / 23P
   2.5MHz, 1.5A Synchronous Step Down Regulator
logo
Exar Corporation
XRP6670 EXAR-XRP6670 Datasheet
3Mb / 13P
   3A 300kHz-2.5MHz Synchronous Step Down Regulator
logo
Microsemi Corporation
LX1918 MICROSEMI-LX1918 Datasheet
243Kb / 9P
   1.8A Step-Down Synchronous Converter
logo
Semtech Corporation
SC4626CSKTRT SEMTECH-SC4626CSKTRT Datasheet
1,018Kb / 22P
   2.5MHz, 1A Synchronous Step Down Regulator in SOT23-5
SC4626ASKTRT SEMTECH-SC4626ASKTRT Datasheet
1,018Kb / 22P
   2.5MHz, 1A Synchronous Step Down Regulator in SOT23-5
SC4626 SEMTECH-SC4626 Datasheet
1Mb / 21P
   2.5MHz, 1A Synchronous Step Down Regulator in SOT23-5
SC286 SEMTECH-SC286 Datasheet
1Mb / 20P
   Dual Channel 4A Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com