Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC185LULTRT Datasheet(PDF) 11 Page - Semtech Corporation

Part # SC185LULTRT
Description  4A Synchronous Step-Down Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC185LULTRT Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SC185LULTRT Datasheet HTML 7Page - Semtech Corporation SC185LULTRT Datasheet HTML 8Page - Semtech Corporation SC185LULTRT Datasheet HTML 9Page - Semtech Corporation SC185LULTRT Datasheet HTML 10Page - Semtech Corporation SC185LULTRT Datasheet HTML 11Page - Semtech Corporation SC185LULTRT Datasheet HTML 12Page - Semtech Corporation SC185LULTRT Datasheet HTML 13Page - Semtech Corporation SC185LULTRT Datasheet HTML 14Page - Semtech Corporation SC185LULTRT Datasheet HTML 15Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
SC185
© 2010 Semtech Corp.
Transient Response (V
OUT=1.5V, ISTEP=2A)
Transient Response (V
OUT=3.3V, ISTEP=2A)
Transient Response (V
IN=
5.0V, V
OUT=
3.3V)-PWM@CCDL
V
IN = 5.0V
I
OUT = 1A to 3A to 1A
Mode= Hi
Ch3
V
OUT
Ch2
I
OUT
Typical Waveforms (continued)
Output Short Circuit (V
OUT=1.5V)
Recovery from OCP (V
OUT=1.5V)
Output Short-Circuit (V
IN=
5.0V, V
OUT=
1.5V)-PWM
V
IN = 5.0V
Mode= Hi
Ch3
V
OUT
Ch1
V
LX
Ch2
I
LX
Ch4
PGood
Ch3
V
OUT
Recovery from Output Short (V
IN=
5.0V, V
OUT=
1.5V)-PWM
V
IN = 5.0V
I
OUT = 0A
Mode= Hi
Ch1
V
LX
Ch2
I
LX
Ch4
V
IN
Output Short Circuit (V
OUT=3.3V)
Recovery from OCP (V
OUT=3.3V)
Output Short-Circuit (V
IN=
5.0V, V
OUT=
3.3V)-PWM
V
IN = 5.0V
Mode= Hi
Ch3
V
OUT
Ch1
V
LX
Ch2
I
LX
Ch4
PGood
Ch3
V
OUT
Recovery from Output Short (V
IN=
5.0V, V
OUT=
3.3V)-PWM
V
IN = 5.0V
I
OUT = 0A
Mode= Hi
Ch1
V
LX
Ch2
I
LX
Ch4
V
IN
Circuit Conditions: C
IN= 22uF/6.3V, COUT= 2 x 22uF/6.3V, CSS= 10nF. Unless otherwise noted, L= 1.0uH (TOKO: FDV0530S-1R0).
Transient Response (V
IN=
5.0V, V
OUT=
1.5V)-PWM@CCDL
V
IN = 5.0V
I
OUT = 1A to 3A to 1A
Mode= Hi
Ch3
V
OUT
Ch2
I
OUT
www.semtech.com
11


Similar Part No. - SC185LULTRT

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
SC18-11EWA KINGBRIGHT-SC18-11EWA Datasheet
498Kb / 5P
   45mm (1.8inch) SINGLE DIGIT NUMERIC DISPLAYS
SC18-11EWA KINGBRIGHT-SC18-11EWA Datasheet
221Kb / 5P
   44.5mm (1.75INCH) SINGLE DIGIT NUMERIC DISPLAY
SC18-11GWA KINGBRIGHT-SC18-11GWA Datasheet
498Kb / 5P
   45mm (1.8inch) SINGLE DIGIT NUMERIC DISPLAYS
SC18-11GWA KINGBRIGHT-SC18-11GWA Datasheet
219Kb / 5P
   44.5mm (1.75INCH) SINGLE DIGIT NUMERIC DISPLAY
SC18-11SRWA KINGBRIGHT-SC18-11SRWA Datasheet
498Kb / 5P
   45mm (1.8inch) SINGLE DIGIT NUMERIC DISPLAYS
More results

Similar Description - SC185LULTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC186 SEMTECH-SC186 Datasheet
1Mb / 18P
   4A Synchronous Step-Down Regulator
logo
Linear Technology
LTC3414EFE LINER-LTC3414EFE Datasheet
284Kb / 16P
   4A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3414 LINER-LTC3414_15 Datasheet
278Kb / 16P
   4A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3414 LINER-LTC3414 Datasheet
447Kb / 16P
   4A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3414IFE LINER-LTC3414IFE Datasheet
261Kb / 16P
   4A, 4MHz, Monolithic Synchronous Step-Down Regulator
logo
Monolithic Power System...
MP2107 MPS-MP2107 Datasheet
432Kb / 14P
   4A, 6V Synchronous Step-Down Switching Regulator
logo
Semtech Corporation
SC286 SEMTECH-SC286 Datasheet
1Mb / 20P
   Dual Channel 4A Synchronous Step-Down Regulator
logo
Microsemi Corporation
LX7180A MICROSEMI-LX7180A Datasheet
581Kb / 25P
   4A Step-Down Regulator
June 2015 Rev. 1.2
logo
STMicroelectronics
L5988 STMICROELECTRONICS-L5988 Datasheet
114Kb / 10P
   4A step-down switching regulator with synchronous rectification
logo
Linear Technology
LT3690 LINER-LT3690 Datasheet
2Mb / 28P
   36V, 4A, 1.5MHz Synchronous Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com