Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF2157 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF2157
Description  PCS CDMA/TDMA 3V POWER AMPLIFIER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2157 Datasheet(HTML) 5 Page - RF Micro Devices

  RF2157 Datasheet HTML 1Page - RF Micro Devices RF2157 Datasheet HTML 2Page - RF Micro Devices RF2157 Datasheet HTML 3Page - RF Micro Devices RF2157 Datasheet HTML 4Page - RF Micro Devices RF2157 Datasheet HTML 5Page - RF Micro Devices RF2157 Datasheet HTML 6Page - RF Micro Devices RF2157 Datasheet HTML 7Page - RF Micro Devices RF2157 Datasheet HTML 8Page - RF Micro Devices RF2157 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
2-191
RF2157
Rev A19 010611
2
Application Schematic
Korea - CDMA
15
16
1
2
3
4
12
11
10
9
8
7
6
5
14
13
C24
4.7 pF
C5
15 pF
RF IN
TL
4
C14 (pF)
C30 (pF)
C1 (pF)
L1 (nH)
2.2
10
4.7
12
CDMA (Korea)
Board
C1
4.7 pF
C14
2.2 pF
C3
15 pF
RF OUT
L1
12 nH
C7
1.5 pF
C4
15 pF
C28
10 nF
* L1 is a High Q inductor (i.e., Coilcraft 0805HQ-series).
**C1 and C14 are High Q capacitors (i.e., Johanson C-series).
Pins 1 and 9 are internally grounded to the die flag.
TL
1
TL
2
CDMA (Korea)
Transmission
Line Length
TL
1
30-40 mils
150 mils
20-30 mils
TL
2
TL
3
200 mils
TL
4
C27
15 pF
R12
Jumper
VREG
R1
1k
VMODE
L4
15 nH
C13
15 pF
R11
Jumper
C6
15 pF
VCC
C30
11 pF
L2
8.2 nH
C8
10 nF
RF Choke - Bias inductor
for the amplifier interstage
Interstage tuning for centering
frequency response
Bypassing for V
CC
Matching network for
optimum load impedance
Bias return
Matching network for
optimum input return loss
Bypassing for
V
REG1 and VREG2


Similar Part No. - RF2157

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2152 RFMD-RF2152 Datasheet
251Kb / 12P
   DUAL-MODE CDMA/AMPS OR TDMA/AMPS 3V POWER AMPLIFIER
RF2152PCBA-J RFMD-RF2152PCBA-J Datasheet
251Kb / 12P
   DUAL-MODE CDMA/AMPS OR TDMA/AMPS 3V POWER AMPLIFIER
RF2152PCBA-N RFMD-RF2152PCBA-N Datasheet
251Kb / 12P
   DUAL-MODE CDMA/AMPS OR TDMA/AMPS 3V POWER AMPLIFIER
RF2153 RFMD-RF2153 Datasheet
287Kb / 12P
   CDMA/TDMA/PACS 1900MHZ 3V POWER AMPLIFIER
RF2153PCBA RFMD-RF2153PCBA Datasheet
287Kb / 12P
   CDMA/TDMA/PACS 1900MHZ 3V POWER AMPLIFIER
More results

Similar Description - RF2157

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2324 RFMD-RF2324_06 Datasheet
110Kb / 6P
   PCS CDMA/TDMA 3V PA DRIVER AMPLIFIER
RF2362 RFMD-RF2362 Datasheet
83Kb / 6P
   PCS CDMA/TDMA 3V PA DRIVER AMPLIFIER
RF2362 RFMD-RF2362_1 Datasheet
201Kb / 10P
   PCS CDMA/TDMA 3V PA DRIVER AMPLIFIER
RF2324 RFMD-RF2324 Datasheet
102Kb / 6P
   PCS CDMA/TDMA 3V PA DRIVER AMPLIFIER
RF2324 RFMD-RF2324_1 Datasheet
96Kb / 4P
   PCS CDMA/TDMA 3V PA DRIVER AMPLIFIER
RF2362 RFMD-RF2362_06 Datasheet
107Kb / 6P
   PCS CDMA/TDMA 3V PA DRIVER AMPLIFIER
RF2367 RFMD-RF2367_06 Datasheet
118Kb / 8P
   PCS CDMA/TDMA/GSM1800 3V PA DRIVER AMPLIFIER
RF2367 RFMD-RF2367_1 Datasheet
252Kb / 10P
   PCS CDMA/TDMA/GSM1800 3V PA DRIVER AMPLIFIER
RF2367 RFMD-RF2367 Datasheet
93Kb / 8P
   PCS CDMA/TDMA/GSM1800 3V PA DRIVER AMPLIFIER
RF2153 RFMD-RF2153 Datasheet
287Kb / 12P
   CDMA/TDMA/PACS 1900MHZ 3V POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com