Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EEEHA1A102P Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # EEEHA1A102P
Description  Surface Mount Type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEEHA1A102P Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EEEHA1A102P Datasheet HTML 1Page - Panasonic Semiconductor EEEHA1A102P Datasheet HTML 2Page - Panasonic Semiconductor EEEHA1A102P Datasheet HTML 3Page - Panasonic Semiconductor EEEHA1A102P Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ HA
– EE38 –
Standard Products
W.V.
Cap.
(±20 %)
Case size
Specification
Part No.
(RoHS:compliant)
Reflow
Min.
Packaging Q'ty
Dia.
Length
✽Size
Code
Ripple
Current
(120 Hz)
(+105°C)
tan
δ
(120 Hz)
(+20 °C)
Taping
(V)
(µF)
(mm)
(mm)
(mA r.m.s.)
(pcs)
6.3
22
4
5.4
B
29
0.30
EEEHA0J220R
(1)
2000
33
4
5.4
(B)
29
0.35
EEEHA0J330WR
(1)
2000
47
45.4
(B)
36
0.35
EEEHA0J470WR
(1)
2000
55.4
C
46
0.30
EEEHA0J470R
(1)
1000
100
55.4
(C)
47
0.35
EEEHA0J101WR
(1)
1000
6.3
5.4
D
71
0.30
EEEHA0J101P
(1)
1000
220
6.3
5.4
(D)
74
0.35
EEEHA0J221WP
(1)
1000
330
6.3
7.7
D8
105
0.30
EEEHA0J331XP
(1)
900
810.2
F
230
0.35
EEEHA0J331P
(2)
500
470
8
10.2
(F)
300
0.35
EEEHA0J471UP
(2)
500
1000
810.2
(F)
300
0.35
EEEHA0J102UP
(2)
500
10
10.2
G
400
0.35
EEEHA0J102P
(2)
500
1500
10
10.2
G
480
0.35
EEEHA0J152P
(2)
500
10
22
4
5.4
(B)
28
0.30
EEEHA1A220WR
(1)
2000
33
45.4
(B)
29
0.30
EEEHA1A330WR
(1)
2000
55.4
C
43
0.22
EEEHA1A330R
(1)
1000
47
5
5.4
(C)
43
0.30
EEEHA1A470WR
(1)
1000
100
6.3
5.4
(D)
71
0.30
EEEHA1A101WP
(1)
1000
86.2
E
110
0.26
EEEHA1A101P
(2)
1000
220
6.3
7.7
D8
105
0.22
EEEHA1A221XP
(1)
900
810.2
F
160
0.26
EEEHA1A221P
(2)
500
470
810.2
(F)
200
0.26
EEEHA1A471UP
(2)
500
10
10.2
G
270
0.26
EEEHA1A471P
(2)
500
1000
10
10.2
G
400
0.26
EEEHA1A102P
(2)
500
16
10
4
5.4
B
28
0.16
EEEHA1C100R
(1)
2000
22
45.4
(B)
28
0.26
EEEHA1C220WR
(1)
2000
55.4
C
39
0.16
EEEHA1C220R
(1)
1000
33
5
5.4
(C)
35
0.26
EEEHA1C330WR
(1)
1000
47
55.4
(C)
39
0.26
EEEHA1C470WR
(1)
1000
6.3
5.4
D
70
0.16
EEEHA1C470P
(1)
1000
100
6.3
5.4
(D)
70
0.26
EEEHA1C101WP
(1)
1000
220
6.3
7.7
D8
105
0.16
EEEHA1C221XP
(1)
900
810.2
(F)
150
0.20
EEEHA1C221UP
(2)
500
10
10.2
G
210
0.20
EEEHA1C221P
(2)
500
330
810.2
(F)
170
0.20
EEEHA1C331UP
(2)
500
10
10.2
G
230
0.20
EEEHA1C331P
(2)
500
470
810.2
(F)
340
0.20
EEEHA1C471UP
(2)
500
10
10.2
G
340
0.20
EEEHA1C471P
(2)
500
680
10
10.2
G
380
0.20
EEEHA1C681P
(2)
500
✽ Size code( ):Miniaturization product
The taping dimensions are explained on p.177 of our Catalog. Please use it as a reference guide.
Reflow Profile(Fig-1 to Fig-11) listed on p.175 of our Catalog.
Endurance : 105 °C 1000 h
Nov. 2008
01


Similar Part No. - EEEHA1A102P

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEEHA1A102P PANASONIC-EEEHA1A102P Datasheet
89Kb / 4P
   Aluminum Electrolytic Capacitors/ HA
EEEHA1A102P PANASONIC-EEEHA1A102P Datasheet
102Kb / 4P
   Aluminum Electrolytic Capacitors/ HA
EEEHA1A102P PANASONIC-EEEHA1A102P Datasheet
89Kb / 4P
   Aluminum Electrolytic Capacitors/ HA
EEEHA1A102P PANASONIC-EEEHA1A102P Datasheet
97Kb / 4P
   Aluminum Electrolytic Capacitors/ HA
EEEHA1A102P PANASONIC-EEEHA1A102P Datasheet
102Kb / 4P
   Aluminum Electrolytic Capacitors/ HA
More results

Similar Description - EEEHA1A102P

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ1NXX3MXSPQ SHARP-PQ1NXX3MXSPQ Datasheet
378Kb / 5P
   Compact Surface Mount Type Compact Surface Mount Type
logo
Panasonic Semiconductor
EEVEB2C100Q PANASONIC-EEVEB2C100Q Datasheet
108Kb / 2P
   Surface Mount Type
EEE-FK1E101P PANASONIC-EEE-FK1E101P Datasheet
105Kb / 4P
   Surface Mount Type
4THB330ML PANASONIC-4THB330ML Datasheet
53Kb / 1P
   Surface Mount Type
EEEHB0G470R PANASONIC-EEEHB0G470R Datasheet
162Kb / 3P
   Surface Mount Type
2R5TPG220M PANASONIC-2R5TPG220M Datasheet
46Kb / 1P
   Surface Mount Type
2R5TPU47MSI PANASONIC-2R5TPU47MSI Datasheet
47Kb / 1P
   Surface Mount Type
EEE-1EA220WAR PANASONIC-EEE-1EA220WAR Datasheet
80Kb / 3P
   Surface Mount Type
EEVMC0G330R PANASONIC-EEVMC0G330R Datasheet
56Kb / 2P
   Surface Mount Type
EEE0GS220SR PANASONIC-EEE0GS220SR Datasheet
277Kb / 5P
   Surface Mount Type
EEE-FK1E330UR PANASONIC-EEE-FK1E330UR Datasheet
105Kb / 4P
   Surface Mount Type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com