Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA35-EBTTN03 Datasheet(PDF) 2 Page - Schurter Inc.

Part # TA35-EBTTN03
Description  Thermal Circuit Breaker
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

TA35-EBTTN03 Datasheet(HTML) 2 Page - Schurter Inc.

  TA35-EBTTN03 Datasheet HTML 1Page - Schurter Inc. TA35-EBTTN03 Datasheet HTML 2Page - Schurter Inc. TA35-EBTTN03 Datasheet HTML 3Page - Schurter Inc. TA35-EBTTN03 Datasheet HTML 4Page - Schurter Inc. TA35-EBTTN03 Datasheet HTML 5Page - Schurter Inc. TA35-EBTTN03 Datasheet HTML 6Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
3
circuit breakers
TA35
www.schurter.com/pg17_18_19
Type
TA35
Rated current
<3 A (TC-1)
1, 2 pole
3 pole
Ambient temp.
+23 °C
Multiple of rated current
[ x In ]
1,05
10
8
5
4
3
2
1,35
10'000
60
2`000
1`000
500
200
100
50
20
10
[ sec ]
[ min ]
10
5
1
30
20
5
2
1
0,5
0,3
0,2
0,1
Tripping Characteristics
TheabovetrippingcharacteristicsapplytosymmetricaloverloadsonallpolesontheTA35only.
Atasymmetricoverloadsonmulti-poletypes,thetrippingcharacteristicwillchange.
– Ifa2-poletypeTA35isloadedatonepoleonly,thetrippingcurrentwillbeshiftedbyfactor
1.05(TC-2).
– Ifa3-poletypeTA35isloadedatonepoleonly,thetrippingcurrentwillbeshiftedbyfactor
1.10(TC-2).
Tomeettheabovetrippingcharacteristicatasymmetricoverloadsonmulti-poletypes,thevalueoftheratedcurrentoftheCBEhastobemultiplied
bythefactormentionedabove.
Effect of ambient temperature
Theunitiscalibratedforanambienttemperatureof+23°C.To
determinetheratedcurrentforlowerorhigherambienttemperature,
useacorrectionfactorfromthetablebelow.
Ambient
Correctionfactor
temperature[°C]
1-pole
2-pole
3-pole
–30
0.77
0.76
0.76
–20
0.81
0.81
0.81
0
0.90
0.90
0.90
+23
1.00
1.00
1.00
+40
1.03
1.03
1.06
+50
1.04
1.04
1.10
+60
1.06
1.06
1.14
Example for -pole type:
Ratedcurrentat+23°C
5.0A
Ambienttemperature
+50°C
Correctionfactor
1.04
Chosenratedcurrentat+40°C
ambienttemperature:
5 A x 1.04 = 5. A
Type
Rated current
>3–20A (TC-1)
(3 pole, max. 12A)
1,2,3 pole
Ambient temp.
+23 °
C
Multiple of rated current
[ x In ]
1,05
10
8
5
4
3
2
1,35
10'000
60
2`000
1`000
500
200
100
50
20
10
[ sec ]
[ min ]
10
5
1
30
20
5
2
1
0,5
0,3
0,2
0,1
TA35


Similar Part No. - TA35-EBTTN03

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
TA35-C123FJ10 SCHURTER-TA35-C123FJ10 Datasheet
801Kb / 7P
   IEC Appliance Inlet C14 or C18 with Circuit Breaker TA35 2-pole
TA35-C123HJ10 SCHURTER-TA35-C123HJ10 Datasheet
801Kb / 7P
   IEC Appliance Inlet C14 or C18 with Circuit Breaker TA35 2-pole
TA35-C123KJ10 SCHURTER-TA35-C123KJ10 Datasheet
801Kb / 7P
   IEC Appliance Inlet C14 or C18 with Circuit Breaker TA35 2-pole
TA35-C124FJ10 SCHURTER-TA35-C124FJ10 Datasheet
801Kb / 7P
   IEC Appliance Inlet C14 or C18 with Circuit Breaker TA35 2-pole
TA35-C124HJ10 SCHURTER-TA35-C124HJ10 Datasheet
801Kb / 7P
   IEC Appliance Inlet C14 or C18 with Circuit Breaker TA35 2-pole
More results

Similar Description - TA35-EBTTN03

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
102774 PHOENIX-102774 Datasheet
197Kb / 3P
   Thermal Circuit Breaker
11/2006
100212 PHOENIX-100212 Datasheet
175Kb / 3P
   Thermal Circuit Breaker
11/2006
logo
List of Unclassifed Man...
1140-F111-P1M1-10A ETC1-1140-F111-P1M1-10A Datasheet
116Kb / 4P
   Thermal Overcurrent Circuit Breaker
logo
Schurter Inc.
T9-311C-4A SCHURTER-T9-311C-4A Datasheet
222Kb / 4P
   Resettable Thermal Circuit Breaker
logo
Schneider Electric
HGL36070AB SCHNEIDER-HGL36070AB Datasheet
140Kb / 2P
   Circuit breaker, PowerPact H, thermal magnetic, Circuit breaker, PowerPact H, thermal magnetic,
HJA260503 SCHNEIDER-HJA260503 Datasheet
119Kb / 2P
   Circuit breaker, PowerPacT H, thermal magnetic, Circuit breaker, PowerPacT H, thermal magnetic, 80% rated
logo
PHOENIX CONTACT
0712107 PHOENIX-0712107 Datasheet
243Kb / 9P
   Thermal device circuit breaker - TCP 0.1A
15.05.2012
logo
ETAL Group
1115-F111-P1T1 ETAL-1115-F111-P1T1 Datasheet
168Kb / 2P
   Single pole thermal reset circuit breaker
1410-L210-L2F1-S02-5A ETAL-1410-L210-L2F1-S02-5A Datasheet
96Kb / 2P
   Thermal Overcurrent Circuit Breaker 1410-L/-G
logo
PHOENIX CONTACT
0700040 PHOENIX-0700040 Datasheet
410Kb / 4P
   Thermal device circuit breaker - TCP 40/DC32V
12/09/2015
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com