Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA35-EBTTN03 Datasheet(PDF) 3 Page - Schurter Inc.

Part # TA35-EBTTN03
Description  Thermal Circuit Breaker
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

TA35-EBTTN03 Datasheet(HTML) 3 Page - Schurter Inc.

  TA35-EBTTN03 Datasheet HTML 1Page - Schurter Inc. TA35-EBTTN03 Datasheet HTML 2Page - Schurter Inc. TA35-EBTTN03 Datasheet HTML 3Page - Schurter Inc. TA35-EBTTN03 Datasheet HTML 4Page - Schurter Inc. TA35-EBTTN03 Datasheet HTML 5Page - Schurter Inc. TA35-EBTTN03 Datasheet HTML 6Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
4
circuit breakers
circuit breakers
Approvals
#ofpoles
Ratedcurrents
RatedvoltageAC
RatedvoltageDC
UL
UL 1077
1
0.05…20 A
240 V
32 V
2
0.05…20 A
240 V
60 V
3
0.05…12 A
415 Y/240 V
UL
CSA C22.2 235
1
0.05…20 A
240 V
32 V
2
0.05…20 A
240 V
60 V
3
0.05…12 A
415 Y/240 V
VDE
IEC 60934
1
0.05…20 A
240 V
32 V
2
0.05…20 A
240 V
60 V
3
0.05…12 A
415 Y/240 V
CQC
GB 17701
1
0.05…20 A
240 V
32 V
2
0.05…20 A
240 V
60 V
3
0.05…12 A
415 Y/240 V
Actualinformationaboutapprovalscanbefoundon:www.schurter.com/approvals.
Standard rated currents and typical internal resistance
Code
In[A]
Ri[W]
Z05
0.05
200.0
J01
0.1
70.0
J05
0.5
2.750
J10
1.0
0.720
J15
1.5
0.340
J20
2.0
0.187
J25
2.5
0.115
J28
2.8
0.089
030
3.0
0.059
040
4.0
0.059
050
5.0
0.044
060
6.0
0.028
070
7.0
0.0142
080
8.0
0.0142
100
10.0
0.0109
120
12.0
0.0086
140
14.0
0.0072
150
15.0
0.0056
160
16.0
0.0056
180
18.0
0.0052
200
20.0
0.0052
unprotectedpoles(withoutbimetal)2.2m
W


Similar Part No. - TA35-EBTTN03

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
TA35-C123FJ10 SCHURTER-TA35-C123FJ10 Datasheet
801Kb / 7P
   IEC Appliance Inlet C14 or C18 with Circuit Breaker TA35 2-pole
TA35-C123HJ10 SCHURTER-TA35-C123HJ10 Datasheet
801Kb / 7P
   IEC Appliance Inlet C14 or C18 with Circuit Breaker TA35 2-pole
TA35-C123KJ10 SCHURTER-TA35-C123KJ10 Datasheet
801Kb / 7P
   IEC Appliance Inlet C14 or C18 with Circuit Breaker TA35 2-pole
TA35-C124FJ10 SCHURTER-TA35-C124FJ10 Datasheet
801Kb / 7P
   IEC Appliance Inlet C14 or C18 with Circuit Breaker TA35 2-pole
TA35-C124HJ10 SCHURTER-TA35-C124HJ10 Datasheet
801Kb / 7P
   IEC Appliance Inlet C14 or C18 with Circuit Breaker TA35 2-pole
More results

Similar Description - TA35-EBTTN03

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
102774 PHOENIX-102774 Datasheet
197Kb / 3P
   Thermal Circuit Breaker
11/2006
100212 PHOENIX-100212 Datasheet
175Kb / 3P
   Thermal Circuit Breaker
11/2006
logo
List of Unclassifed Man...
1140-F111-P1M1-10A ETC1-1140-F111-P1M1-10A Datasheet
116Kb / 4P
   Thermal Overcurrent Circuit Breaker
logo
Schurter Inc.
T9-311C-4A SCHURTER-T9-311C-4A Datasheet
222Kb / 4P
   Resettable Thermal Circuit Breaker
logo
Schneider Electric
HGL36070AB SCHNEIDER-HGL36070AB Datasheet
140Kb / 2P
   Circuit breaker, PowerPact H, thermal magnetic, Circuit breaker, PowerPact H, thermal magnetic,
HJA260503 SCHNEIDER-HJA260503 Datasheet
119Kb / 2P
   Circuit breaker, PowerPacT H, thermal magnetic, Circuit breaker, PowerPacT H, thermal magnetic, 80% rated
logo
PHOENIX CONTACT
0712107 PHOENIX-0712107 Datasheet
243Kb / 9P
   Thermal device circuit breaker - TCP 0.1A
15.05.2012
logo
ETAL Group
1115-F111-P1T1 ETAL-1115-F111-P1T1 Datasheet
168Kb / 2P
   Single pole thermal reset circuit breaker
1410-L210-L2F1-S02-5A ETAL-1410-L210-L2F1-S02-5A Datasheet
96Kb / 2P
   Thermal Overcurrent Circuit Breaker 1410-L/-G
logo
PHOENIX CONTACT
0700040 PHOENIX-0700040 Datasheet
410Kb / 4P
   Thermal device circuit breaker - TCP 40/DC32V
12/09/2015
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com