Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM201A Datasheet(PDF) 4 Page - Motorola, Inc

Part # LM201A
Description  Operational Amplifiers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

LM201A Datasheet(HTML) 4 Page - Motorola, Inc

  LM201A Datasheet HTML 1Page - Motorola, Inc LM201A Datasheet HTML 2Page - Motorola, Inc LM201A Datasheet HTML 3Page - Motorola, Inc LM201A Datasheet HTML 4Page - Motorola, Inc LM201A Datasheet HTML 5Page - Motorola, Inc LM201A Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
LM301A LM201A
4
MOTOROLA ANALOG IC DEVICE DATA
Figure 10. Voltage Follower Pulse Response
Figure 11. Open Loop Frequency Response
Figure 12. Large Signal Frequency Response
Figure 13. Inverter Pulse Response
Figure 14. Single–Pole Compensation
Figure 15. Feedforward Compensation
t, TIME (
µs)
t, TIME (
µs)
f, FREQUENCY (Hz)
f, FREQUENCY (Hz)
10
8.0
6.0
4.0
2.0
0
–2.0
–4.0
–6.0
–8.0
–10
0
10203040
50
607080
90
140
120
100
80
60
40
20
0
–20
10
100
1.0 k
10 k
100 k
1.0 M 10 M 100 M
10
8.0
6.0
4.0
2.0
0
–2.0
–4.0
–6.0
–8.0
–10
0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
1.0 M
10 M
100 k
0
18
16
12
8.0
4.0
225
180
135
90
45
0
Balance
1
4
VEE
R2
R1
R3
2
3
7
6
8
C1
VCC
VO
–VI
+VI
Frequency
Compensation
C2
R2
R1
VI
R3
C1
150 pF
Balance
VEE
VO
2
3
6
7
4
1
C2 =
1
2
πfoR2
fo = 3.0 MHz
+
+
C1
R1 Cs
R1 +R2
Cs = 30 pF
VCC
Single–Pole Compensation
Output
Input
Feedforward
Compensation
0
Output
Input
Feedforward
Compensation
Phase
Gain
Feedforward
Compensation


Similar Part No. - LM201A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM201A STMICROELECTRONICS-LM201A Datasheet
165Kb / 11P
   SINGLE OPERATIONAL AMPLIFIER
logo
ON Semiconductor
LM201A ONSEMI-LM201A Datasheet
94Kb / 8P
   Non Compensated Single Operational Amplifiers
July, 2005 ??Rev. 10
logo
National Semiconductor ...
LM201A NSC-LM201A Datasheet
608Kb / 20P
   Operational Amplifiers
logo
STMicroelectronics
LM201A STMICROELECTRONICS-LM201A Datasheet
226Kb / 11P
   SINGLE OPERATIONAL AMPLIFIER
LM201A STMICROELECTRONICS-LM201A Datasheet
227Kb / 11P
   SINGLE OPERATIONAL AMPLIFIERS
More results

Similar Description - LM201A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LM308A LINER-LM308A_15 Datasheet
459Kb / 8P
   OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8529 AD-AD8529_15 Datasheet
400Kb / 16P
   Operational Amplifiers
REV. D
logo
Texas Instruments
LM112 TI1-LM112_11 Datasheet
450Kb / 8P
[Old version datasheet]   Operational Amplifiers
LM107 TI1-LM107_11 Datasheet
444Kb / 12P
[Old version datasheet]   Operational Amplifiers
logo
National Semiconductor ...
LM101A NSC-LM101A_00 Datasheet
608Kb / 20P
   Operational Amplifiers
logo
Maxwell Technologies
OP284 MAXWELL-OP284 Datasheet
861Kb / 16P
   Operational Amplifiers
logo
National Semiconductor ...
LM108 NSC-LM108 Datasheet
289Kb / 10P
   Operational Amplifiers
LM107 NSC-LM107 Datasheet
194Kb / 10P
   Operational Amplifiers
logo
SG Micro Corp
SGM8535 SGMICRO-SGM8535 Datasheet
379Kb / 16P
   Operational Amplifiers
logo
Texas Instruments
LM118-N TI1-LM118-N_15 Datasheet
1Mb / 25P
[Old version datasheet]   Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com