Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0031.9014 Datasheet(PDF) 2 Page - Schurter Inc.

Part # 0031.9014
Description  Fuseholder Open Design, 5 x 20 mm, SMD, var. Covers, IEC 60335-1
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

0031.9014 Datasheet(HTML) 2 Page - Schurter Inc.

  0031.9014 Datasheet HTML 1Page - Schurter Inc. 0031.9014 Datasheet HTML 2Page - Schurter Inc. 0031.9014 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Fuseholder Blocks & Clips
OGN-SMD
www.schurter.com/pg02b
Fuses
Derating Curves for Fuseholders
With Transparent Cover
0
20
40
60
80
100
1.5
1.0
0.5
0.0
I = << In
I = 0.7 In
I = 1.0 In
2.5
2.0
Ambient Air Temperature Ta °C
0
20
40
60
80
100
I = << In
I = 0.7 In
I = 1.0 In
0.5
0.0
4.0
1.5
1.0
2.0
3.0
2.5
3.5
Ambient Air Temperature Ta °C
Variants
Holder Material
Material: Terminals
Reflow Condition
Packaging
Order Number
l
Thermoplastic
Tin-Plated Copper Alloy
(acc. to JEDEC J-STD-020C), Tp=240 +0/-5 °C, tp = 20-40 s
Bulk 128 x 91 x 60 mm(100 pcs.)
0031.8221
l
Thermoplastic
Tin-Plated Copper Alloy
(acc. to JEDEC J-STD-020C), Tp=240 +0/-5 °C, tp = 20-40 s
Blister Tape 38 cm Reel(400 pcs.)
0031.8225
l
Thermoplastic
Tin-Plated Copper Alloy
(acc. to JEDEC J-STD-020C), Tp=240 +0/-5 °C, tp = 20-40 s
Blister Tray 266 x 173 mm(500 pcs.)
0031.8222
l
Spec. Thermoplastic 2
Tin-Plated Copper Alloy
acc. to JEDEC J-STD-020C, Tp=260 +0/-5 °C, tp = 20-40 s
Bulk 128 x 91 x 60 mm(100 pcs.)
0031.8263
l
Spec. Thermoplastic 2
Tin-Plated Copper Alloy
acc. to JEDEC J-STD-020C, Tp=260 +0/-5 °C, tp = 20-40 s
Blister Tape 38 cm Reel(400 pcs.)
0031.8265
l
Spec. Thermoplastic 2
Tin-Plated Copper Alloy
acc. to JEDEC J-STD-020C, Tp=260 +0/-5 °C, tp = 20-40 s
Blister Tray 266 x 173 mm(500 pcs.)
0031.8264
l
Spec. Thermoplastic 2
Gold-Plated Copper Alloy
acc. to JEDEC J-STD-020C, Tp=260 +0/-5 °C, tp = 20-40 s
Bulk 128 x 91 x 60 mm(100 pcs.)
0031.8273
l
Spec. Thermoplastic 2
Gold-Plated Copper Alloy
acc. to JEDEC J-STD-020C, Tp=260 +0/-5 °C, tp = 20-40 s
Blister Tape 38 cm Reel(400 pcs.)
0031.8275
l
Spec. Thermoplastic 2
Gold-Plated Copper Alloy
acc. to JEDEC J-STD-020C, Tp=260 +0/-5 °C, tp = 20-40 s
Blister Tray 266 x 173 mm(500 pcs.)
0031.8274
Spec.thermoplasticmeetthenewrequirementsofIEC60335-1Ed.4.0forappliancesinunattendeduse(clause30.2.3).Thisincludestheenhancedrequirementsofglowwire
testsacc.toIEC60695-2-11to-13.
0031.8273,0031.8274and0031.8275withgold-platedclipsaremoreheatresistantthan0031.8263,0031.8264and0031.8265withtin-platedclips.
Ifreflowsolderingproblemswithstandardthermoplasticoccur,itisrecommendedtestingspec.thermoplastic2versionswithtin-platedandgold-platedclips.Iftin-platedver-
sionmeetstherequirementthenthiswouldbetherightchoicebecauseofprice.
Packaging Unit
seevariants
Accessories
Description
Covers OGN, OGN-SMD 
Cover for Holder OGN, OGN-SMD 
 
Transparent Cover
0853.0551
Reflow-Cover
0853.0571
Cover, black, meets IEC 60335-1 Ed. 4.0
0853.0575
Reflow-Cover with Clamp
0853.0576
Carriage OGN, OGN-SMD 
Fuse Carriage with Handle for OGN, OGN-SMD 
 
black
0853.1201
white
0853.1202
blue
0853.1203
brown
0853.1204


Similar Part No. - 0031.9014

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
0031.9156 SCHURTER-0031.9156 Datasheet
433Kb / 3P
   Shock-Safe Fuseholder, 5 x 20 / 6.3 x 32 mm, Slotted Cap / Fingergrip, Snap-in stepless
04.01.2022
0031.9157 SCHURTER-0031.9157 Datasheet
433Kb / 3P
   Shock-Safe Fuseholder, 5 x 20 / 6.3 x 32 mm, Slotted Cap / Fingergrip, Snap-in stepless
04.01.2022
0031.9158 SCHURTER-0031.9158 Datasheet
433Kb / 3P
   Shock-Safe Fuseholder, 5 x 20 / 6.3 x 32 mm, Slotted Cap / Fingergrip, Snap-in stepless
04.01.2022
0031.9159 SCHURTER-0031.9159 Datasheet
433Kb / 3P
   Shock-Safe Fuseholder, 5 x 20 / 6.3 x 32 mm, Slotted Cap / Fingergrip, Snap-in stepless
04.01.2022
0031.9160 SCHURTER-0031.9160 Datasheet
433Kb / 3P
   Shock-Safe Fuseholder, 5 x 20 / 6.3 x 32 mm, Slotted Cap / Fingergrip, Snap-in stepless
04.01.2022
More results

Similar Description - 0031.9014

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
OGN-SMD SCHURTER-OGN-SMD_V01 Datasheet
365Kb / 5P
   Fuseholder Open Design, 5 x 20 mm, SMD, var. Covers, IEC 60335-1
15.09.2021
OGN-SMD SCHURTER-OGN-SMD_V02 Datasheet
365Kb / 5P
   Fuseholder Open Design, 5 x 20 mm, SMD, var. Covers, IEC 60335-1
04.01.2022
OGN-SMD SCHURTER-OGN-SMD_18 Datasheet
355Kb / 5P
   Fuseholder Open Design, 5 x 20 mm, SMD, var. Covers, IEC 60335-1
OGN SCHURTER-OGN_V01 Datasheet
278Kb / 3P
   Fuseholder Open Design, 5 x 20 mm, THT, var. Covers, IEC 60335-1
00318201 SCHURTER-00318201 Datasheet
484Kb / 3P
   Fuseholder Open Design, 5 x 20 mm, THT, var. Covers, IEC 60335-1
OGN SCHURTER-OGN_V02 Datasheet
474Kb / 5P
   Fuseholder Open Design, 5 x 20 mm, THT, SMT, THR, IEC 60335-1
26.07.2022
FPG7 SCHURTER-FPG7 Datasheet
436Kb / 2P
   Shock-Safe Fuseholder, 5 x 20 mm, horizontal, Slot/Fingergrip, SMD, IEC 60335-1
FPG6 SCHURTER-FPG6 Datasheet
404Kb / 2P
   Shock-Safe Fuseholder, 5 x 20 mm, Slot, Press, IEC 60335-1
FPG5 SCHURTER-FPG5 Datasheet
472Kb / 2P
   Shock-Safe Fuseholder, 5 x 20 mm, Slot/Fingergrip, horizontal, IEC 60335-1
FPG4 SCHURTER-FPG4 Datasheet
467Kb / 2P
   Shock-Safe Fuseholder, 5 x 20 mm, Slot/Fingergrip, vertical, IEC 60335-1
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com