Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0001.2712.22 Datasheet(PDF) 2 Page - Schurter Inc.

Part # 0001.2712.22
Description  Miniature Fuse, 5 x 20 mm, Time-Lag T, H, 250 VAC, UL: 115 V - 300 VDC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

0001.2712.22 Datasheet(HTML) 2 Page - Schurter Inc.

  0001.2712.22 Datasheet HTML 1Page - Schurter Inc. 0001.2712.22 Datasheet HTML 2Page - Schurter Inc. 0001.2712.22 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Non resettable fuses
SPT 5x20
www.schurter.com/pg0_2
Fuses
Pre-Arcing Time
Rated Current In
.5 x In min. 2. x In max.
2.75 x In
min.
2.75 x In
max.
4.0 x In min. 4.0 x In max.
0.0 x In
min.
0.0 x In
max.
0.5 A - 0.8 A
60 min
30 min
250 ms
80 s
50 ms
5 s
5 ms
150 ms
1 A - 3.15 A
60 min
30 min
750 ms
80 s
95 ms
5 s
10 ms
150 ms
4 A - 6.3 A
60 min
30 min
750 ms
80 s
150 ms
5 s
10 ms
150 ms
8 A - 10 A
30 min
30 min
750 ms
80 s
150 ms
5 s
10 ms
150 ms
12.5 A - 16 A
15 min
30 min
750 ms
80 s
150 ms
5 s
20 ms
150 ms
Variants
Rated Cur-
rent [A]
Rated Vol-
tage [VAC]
Rated Vol-
tage [VDC]
Breaking
Capacity
Voltage
Drop .0 In
max. [mV]
Voltage
Drop .0 In
typ. [mV]
Power
Dissipation
.5 In max.
Power
Dissipation
.5 In typ.
Melting I²t
0.0 Intyp.
[A²s]
Order Number
0.5
250
300
1)
850
360
1600
500
0.5
l
 
l
 
 
 
0001.2501
0.63
250
300
1)
650
330
1600
500
1.55
l
 
l
 
 
 
0001.2502
0.8
250
300
1)
500
260
1600
500
2.3
l
 
l
 
 
 
0001.2503
1
250
300
1)
350
180
2500
500
1.1
l
 
l
l
l
l
0001.2504
1.25
250
300
1)
300
150
2500
500
1.86
l
 
l
l
l
l
0001.2505
1.6
250
300
1)
200
130
2500
500
4.35
l
 
l
l
l
l
0001.2506
2
250
300
1)
190
120
2500
600
9.2
l
 
l
l
l
l
0001.2507
2.5
250
300
1)
180
100
2500
600
11.7
l
 
l
l
l
l
0001.2508
3.15
250
300
1)
140
100
4000
800
33.7
l
 
l
l
l
l
0001.2509
4
250
150
2)
100
90
4000
900
62.4
l
 
l
l
l
l
0001.2510
5
250
150
2)
100
90
4000
1200
97.5
l
 
l
l
l
l
0001.2511
6.3
250
150
2)
100
70
4000
1200
171
l
 
l
l
l
l
0001.2512
8
250
150
3)
100
70
4000
1300
268
 
l
l
l
 
l
0001.2513
10
250
150
3)
100
70
4000
2100
400
 
l
l
l
 
 
0001.2514
12.5
250
125
4)
-
70
-
3100
563
 
l
l
l
 
 
0001.2515
16
250
125
4)
-
70
-
4000
1500
 
l
l
 
 
 
0001.2516
1)IEC:H=1500A@250VAC,p.f.=0.7-0.8
1)UL:10kA@125VAC,p.f.=0.7-0.8/1500A@250VAC,p.f.=0.7-0.8/1500A@300VDC
2)IEC:H=1500A@250VAC,p.f.=0.7-0.8
2)UL:10kA@125VAC,p.f.=0.7-0.8/1500A@250VAC,p.f.=0.7-0.8/1500A@150VDC
3)IEC:1000A@250VAC
3)UL:1000A@250VAC,1500A@150VDC
4)IEC:500A@250VAC
4)UL:500A@125VAC,p.f.=0.7-0.8/1000A@125VAC/500A@250VAC/1500A@125VDC
Packaging Unit
xxxx.xxxx.G
Bulk128x91x60mm(1000pcs.)


Similar Part No. - 0001.2712.22

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
0001.2712.22 SCHURTER-0001.2712.22 Datasheet
458Kb / 3P
   Surface Mount Fuse
0001.2712.22 SCHURTER-0001.2712.22 Datasheet
457Kb / 3P
   Surface Mount Fuse
More results

Similar Description - 0001.2712.22

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
SPT5X20 SCHURTER-SPT5X20 Datasheet
369Kb / 4P
   Miniature Fuse, 5 x 20 mm, Time-Lag T, H, 250 VAC, UL: 115 V - 300 VDC
SPT5X20 SCHURTER-SPT5X20_V01 Datasheet
385Kb / 4P
   Miniature Fuse, 5 x 20 mm, Time-Lag T, H, 250 VAC, UL: 115 V - 300 VDC
08.02.2022
SPT5X20PIGTAIL SCHURTER-SPT5X20PIGTAIL Datasheet
285Kb / 4P
   Miniature Fuse with Pigtail, 5.4 x 22.5 mm, Time-Lag T, H, 250 VAC, UL: 115 - 300 VDC
0001.2501.PT SCHURTER-0001.2501.PT Datasheet
252Kb / 3P
   Miniature Fuse with Pigtail, 5.4 x 22.5 mm, Time-Lag T, H, 250 VAC, UL: 115 - 300 VDC
logo
Cherry Semiconductor Co...
0001.2501.PT CHERRY-0001.2501.PT Datasheet
438Kb / 3P
   Miniature Fuse with Pigtail, 5.4 x 22.5 mm, Time-Lag T, H, 250 VAC, UL: 115 - 300 VDC
logo
Schurter Inc.
20200001 SCHURTER-20200001 Datasheet
306Kb / 2P
   Miniature Fuse, 5 x 20 mm, Time-Lag T, Telecom, H, 250 VAC
00343101 SCHURTER-00343101 Datasheet
362Kb / 3P
   Miniature Fuse, 5 x 20 mm, Time-Lag T, L, 250 VAC
FST5X20 SCHURTER-FST5X20 Datasheet
333Kb / 4P
   Miniature Fuse, 5 x 20 mm, Time-Lag T, L, 250 VAC
FST5X20 SCHURTER-FST5X20_V02 Datasheet
349Kb / 4P
   Miniature Fuse, 5 x 20 mm, Time-Lag T, L, 250 VAC
04.01.2022
00343761 SCHURTER-00343761 Datasheet
259Kb / 2P
   Miniature Fuse, 5 x 20 mm, Time-Lag T, cULus, 250 VAC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com