Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4471 Datasheet(PDF) 3 Page - Semtech Corporation

Part # 1N4471
Description  Axial Leaded, Hermetically Sealed, 1.5 WATT Voltage Regulators
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

1N4471 Datasheet(HTML) 3 Page - Semtech Corporation

  1N4471 Datasheet HTML 1Page - Semtech Corporation 1N4471 Datasheet HTML 2Page - Semtech Corporation 1N4471 Datasheet HTML 3Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
© 2010 Semtech Corp.
www.semtech.com
POWER DISCRETES
1N4460 THRU 1N4496
Semtech Corporation
Power Discretes Products Division
200 Flynn Road, Camarillo, CA 93012
Phone: (805)498-2111 FAX (805)498-3804
Contact Information
r
e
b
m
u
N
t
r
a
P
n
o
i
t
p
i
r
c
s
e
D
0
6
4
4
N
1
U
R
H
T
6
9
4
4
N
1
d
e
l
a
e
s
y
ll
a
c
i
t
e
m
r
e
h
d
e
d
a
e
l
l
a
i
x
A
)
1
(
Note:
(1) Available in bulk or tape and reel packaging. Please
consult factory for quantities.
Ordering Information
Outline Drawing
s
n
o
i
s
n
e
m
i
D
M
I
D
N
s
e
h
c
n
I
s
r
e
t
e
m
i
l
l
i
M
e
t
o
N
N
I
M
X
A
M
N
I
M
X
A
M
A
6
0
.
0
5
8
0
.
0
2
5
.
1
6
1
.
2
-
B
8
.
0
0
3
.
1
2
3
.
0
2
2
0
.
3
3
-
C
6
0
1
.
0
6
1
.
0
9
6
.
2
6
0
.
4
-
D
-
5
0
.
0
-
7
2
.
1
1
E
8
2
0
.
0
2
3
0
.
0
1
7
.
0
1
8
.
0
-
G99
Note:
(1) Lead diameter uncontrolled over this region.


Similar Part No. - 1N4471

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N4471 MICROSEMI-1N4471 Datasheet
64Kb / 2P
   1.5 WATT GLASS ZENER DIODES
logo
Central Semiconductor C...
1N4471 CENTRAL-1N4471 Datasheet
53Kb / 1P
   ZENER DIODES
1N4471 CENTRAL-1N4471 Datasheet
92Kb / 2P
   1.5 WATT ZENER DIODE
logo
EIC discrete Semiconduc...
1N4471 EIC-1N4471 Datasheet
108Kb / 2P
   SILICON ZENER DIODES
logo
Sensitron
1N4471 SENSITRON-1N4471 Datasheet
74Kb / 2P
   Zener 1.5W DIODE
More results

Similar Description - 1N4471

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N4954 SEMTECH-1N4954_10 Datasheet
42Kb / 3P
   Axial Leaded, Hermetically Sealed, 5 WATT Voltage Regulators
logo
List of Unclassifed Man...
X150FG ETC1-X150FG Datasheet
56Kb / 2P
   AXIAL LEADED HERMETICALLY SEALED
logo
Inchange Semiconductor ...
1N5915B ISC-1N5915B Datasheet
208Kb / 1P
   Axial-Leaded 1.5 Watt diodes
logo
American Microsemicondu...
1N5936B AMMSEMI-1N5936B Datasheet
208Kb / 1P
   Axial-Leaded 1.5 Watt diodes
1N5944B AMMSEMI-1N5944B Datasheet
208Kb / 1P
   Axial-Leaded 1.5 Watt diodes
1N5950B AMMSEMI-1N5950B Datasheet
208Kb / 1P
   Axial-Leaded 1.5 Watt diodes
logo
Inchange Semiconductor ...
1N5917B ISC-1N5917B Datasheet
208Kb / 1P
   Axial-Leaded 1.5 Watt diodes
1N5919B ISC-1N5919B Datasheet
208Kb / 1P
   Axial-Leaded 1.5 Watt diodes
logo
American Microsemicondu...
1N5922B AMMSEMI-1N5922B Datasheet
208Kb / 1P
   Axial-Leaded 1.5 Watt diodes
1N5932B AMMSEMI-1N5932B Datasheet
208Kb / 1P
   Axial-Leaded 1.5 Watt diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com