Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0001.1012 Datasheet(PDF) 1 Page - Schurter Inc.

Part # 0001.1012
Description  Miniature Fuse, 5 x 20 mm, Quick-Acting F, H, 250 VAC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

0001.1012 Datasheet(HTML) 1 Page - Schurter Inc.

  0001.1012 Datasheet HTML 1Page - Schurter Inc. 0001.1012 Datasheet HTML 2Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image

Non resettable fuses
SP 5x20
www.schurter.com/pg0_2
Fuses
Miniature Fuse, 5 x 20 mm, Quick-Acting F, H, 250 VAC
IEC 60127-2 · 250VAC · Quick-Acting F
Description
-IECStandardFuse
-H=HighBreakingCapacity(CeramicTube)
Standards
-IEC60127-2/1
-UL248-14
-CSAC22.2no.248.14
Approvals
-VDELicenseNumber:40009397
-ULFileNumber:E41599
Applications
-PrimaryProtectioninEquipment
References
GeneralProductInformation
PigtailTypeSP5x20Pigtail
FuseKitFuseKit5x20
Weblinks
Approvals,RoHS,CHINA-RoHS,e-Store,Distributor-Stock-Check,
Accessories,ProductChangeNotification(PCN)
Technical Data
RatedVoltage
250VAC
RatedCurrent
0.5-16A
BreakingCapacity
500A-1500A
Characteristic
Quick-ActingF
AdmissibleAmbientAirTemp. -55°Cto125°C
ClimaticCategory
55/125/21acc.toIEC60068-1
Material:Tube
Ceramic
Material:Endcaps
Nickel-PlatedCopperAlloy
UnitWeight
1.18g
StorageConditions
0°Cto60°C,max.70%r.h.
ProductMarking
,Current,Voltage,Characteristic,
BreakingCapacity,Approvals
Dimensions
20mm
 
10
20±0.5
±0.2
Pre-Arcing Time
Rated Current In
.5 x In min. 2. x In max.
2.75 x In
min.
2.75 x In
max.
4.0 x In min. 4.0 x In max.
0.0 x In
max.
0.5 A - 4 A
60 min
30 min
10 ms
2 s
3 ms
300 ms
20 ms
5 A - 6.3 A
60 min
30 min
10 ms
3 s
3 ms
300 ms
20 ms
8 A - 10 A
30 min
30 min
40 ms
20 s
10 ms
1 s
30 ms
12.5 A - 16 A12.5 
15 min
30 min
40 ms
20 s
10 ms
1 s
30 ms


Similar Part No. - 0001.1012

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
0001.1012.PT CHERRY-0001.1012.PT Datasheet
438Kb / 3P
   Miniature Fuse with Pigtail, 5.4 x 22.5 mm, Time-Lag T, H, 250 VAC, UL: 115 - 300 VDC
logo
Schurter Inc.
0001.1012.PT SCHURTER-0001.1012.PT Datasheet
252Kb / 3P
   Miniature Fuse with Pigtail, 5.4 x 22.5 mm, Quick-Acting F, H, 250 VAC
0001.1012.PT SCHURTER-0001.1012.PT Datasheet
296Kb / 4P
   Miniature Fuse with Pigtail, 5.4 x 22.5 mm, Quick-Acting F, H, 250 VAC
04.01.2022
logo
Cherry Semiconductor Co...
0001.1012.TR CHERRY-0001.1012.TR Datasheet
438Kb / 3P
   Miniature Fuse with Pigtail, 5.4 x 22.5 mm, Time-Lag T, H, 250 VAC, UL: 115 - 300 VDC
logo
Schurter Inc.
0001.1012.TR SCHURTER-0001.1012.TR Datasheet
252Kb / 3P
   Miniature Fuse with Pigtail, 5.4 x 22.5 mm, Quick-Acting F, H, 250 VAC
More results

Similar Description - 0001.1012

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
SP5X20 SCHURTER-SP5X20 Datasheet
306Kb / 3P
   Miniature Fuse, 5 x 20 mm, Quick-Acting F, H, 250 VAC
FSK5X20 SCHURTER-FSK5X20 Datasheet
184Kb / 3P
   Miniature Fuse, 5 x 20 mm, Quick-Acting F, cULus, 250 VAC
FSF5X20 SCHURTER-FSF5X20_V01 Datasheet
318Kb / 4P
   Miniature Fuse, 5 x 20 mm, Quick-Acting F, L, 250 VAC
29.09.2021
00343851 SCHURTER-00343851 Datasheet
294Kb / 3P
   Miniature Fuse, 5 x 20 mm, Quick-Acting F, cULus, 250 VAC
FSF5X20 SCHURTER-FSF5X20 Datasheet
303Kb / 4P
   Miniature Fuse, 5 x 20 mm, Quick-Acting F, L, 250 VAC
00341527 SCHURTER-00341527 Datasheet
362Kb / 3P
   Miniature Fuse, 5 x 20 mm, Quick-Acting F, L, 250 VAC
FSK5X20 SCHURTER-FSK5X20_V01 Datasheet
223Kb / 4P
   Miniature Fuse, 5 x 20 mm, Quick-Acting F, cULus, 250 VAC
29.09.2021
FSK5X20 SCHURTER-FSK5X20_V02 Datasheet
223Kb / 4P
   Miniature Fuse, 5 x 20 mm, Quick-Acting F, cULus, 250 VAC
04.01.2022
FSF5X20 SCHURTER-FSF5X20_V02 Datasheet
318Kb / 4P
   Miniature Fuse, 5 x 20 mm, Quick-Acting F, L, 250 VAC
04.01.2022
7010.3110 SCHURTER-7010.3110_V02 Datasheet
269Kb / 4P
   Miniature Fuse, 5 x 20 mm, Quick-Acting F, 220 VAC
04.01.2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com