Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF2119 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RF2119
Description  HIGH EFFICIENCY 2V POWER AMPLIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2119 Datasheet(HTML) 6 Page - RF Micro Devices

  RF2119 Datasheet HTML 1Page - RF Micro Devices RF2119 Datasheet HTML 2Page - RF Micro Devices RF2119 Datasheet HTML 3Page - RF Micro Devices RF2119 Datasheet HTML 4Page - RF Micro Devices RF2119 Datasheet HTML 5Page - RF Micro Devices RF2119 Datasheet HTML 6Page - RF Micro Devices RF2119 Datasheet HTML 7Page - RF Micro Devices RF2119 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Preliminary
2-60
RF2119
Rev A8 010720
2
Evaluation Board Schematic
824MHz to 928MHz (VCC=3.5V)
(Download Bill of Materials from www.rfmd.com.)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
C1
33 pF
C4
12pF
C5
5.6 pF
C9
3.3
µF
PACKAGE BASE
BIAS
CIRCUITS
L3
33 nH
L1
33 nH
3.9 nH
C6
33 pF
C8
1nF
C7
33 pF
C3
33 pF
P1-3
60-120 mils
L6
22 nH
L5 22nH
L4
1.8 nH
RF IN
P1-1
P1
GND
GND
1
2
3
RF OUT
P1-1
P1-1
VCC
P2
GND
VPC
1
2
3
GND
P1-3
PCB mat'l: FR-4;
Two Layer: (31 mils; w/plating)
Off of Pin 2: 60 mil microstrip line for 902
MHZ to 928 MHz and 75 mil microstrip line
for 890 MHZ to 915 MHz and 120 mil for 824
MHz to 849 MHz. Lumped element off of Pin
2 would be 1.2 nH to 2.0 nH to ground
depending on frequency band of interest.
Drawing 2119400-
L2
C2
33 pF
C10
1nF


Similar Part No. - RF2119

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2114 RFMD-RF2114 Datasheet
73Kb / 6P
   MEDIUM POWER LINEAR AMPLIFIER
RF2114PCBA RFMD-RF2114PCBA Datasheet
73Kb / 6P
   MEDIUM POWER LINEAR AMPLIFIER
RF2115 RFMD-RF2115 Datasheet
101Kb / 8P
   HIGH POWER UHF AMPLIFIER
RF2115L RFMD-RF2115L Datasheet
101Kb / 8P
   HIGH POWER UHF AMPLIFIER
RF2115LPCBA RFMD-RF2115LPCBA Datasheet
101Kb / 8P
   HIGH POWER UHF AMPLIFIER
More results

Similar Description - RF2119

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DDX-2102 ETC1-DDX-2102 Datasheet
643Kb / 17P
   All-Digital High Efficiency Power Amplifier
logo
Guerrilla RF, Inc.
GRF5529 GUERRILLA-GRF5529 Datasheet
1Mb / 16P
   HIGH EFFICIENCY POWER AMPLIFIER 2.95 GHz
January 23, 2023
logo
RF Micro Devices
TA0012 RFMD-TA0012 Datasheet
76Kb / 4P
   New High Power, High Efficiency HBT GSM Power Amplifier
logo
Microchip Technology
SST12LP20 MICROCHIP-SST12LP20 Datasheet
176Kb / 13P
   2.4 GHz High-Efficiency, High-Gain Power Amplifier
2013 05/13
SST12LP19E MICROCHIP-SST12LP19E_14 Datasheet
438Kb / 24P
   2.4 GHz High-Gain, High-Efficiency Power Amplifier
08/14
SST12CP21 MICROCHIP-SST12CP21 Datasheet
337Kb / 17P
   2.4 GHz High-Gain, High-Efficiency Power Amplifier
2014
SST12LP22 MICROCHIP-SST12LP22 Datasheet
278Kb / 17P
   2.4 GHz High-Linearity, High-Efficiency Power Amplifier
03/13/14
logo
TriQuint Semiconductor
TQP9309 TRIQUINT-TQP9309_15 Datasheet
686Kb / 8P
   High Efficiency 0.5W Small Cell Power Amplifier
logo
Microchip Technology
SST12CP11C MICROCHIP-SST12CP11C Datasheet
708Kb / 16P
   2.4 GHz High-Linearity, High-Efficiency Power Amplifier
2015
logo
Sanyo Semicon Device
STK417-090 SANYO-STK417-090 Datasheet
140Kb / 3P
   2 CHANNEL HIGH EFFICIENCY AF POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com