Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2060.0010.xx Datasheet(PDF) 2 Page - Schurter Inc.

Part # 2060.0010.xx
Description  Surface Mount Fuse, 7.4 x 3.1 mm, Quick-Acting F, Telecom
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

2060.0010.xx Datasheet(HTML) 2 Page - Schurter Inc.

  2060.0010.xx Datasheet HTML 1Page - Schurter Inc. 2060.0010.xx Datasheet HTML 2Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Telecom Fuses
OSU 25
www.schurter.com/pg0_3
Fuses
Pre-Arcing Time
Rated Current In
.0 x In min. 2.0 x In max. 4.0 x In max.
0.25 A - 3.15 A
4 h
1 s
10 ms
Variants
Rated Cur-
rent [A]
Rated Vol-
tage [VAC]
Rated Vol-
tage [VDC]
Voltage Drop
.0 In typ.
[mV]
Power Dissi-
pation .0 In
typ. [mW]
Melting I²t 4.0
In typ. [A²s]
GR-089-
CORE [A]
UL60950
ITU - Light-
ning Surge
[A]
ITU -
Power
Induc-
ITU - Power
Contact [A]
Order Number
0.25
125
125
990
250
0.0058
< 1.5
 
2.5
 
50.0
2060.0006.xx
0.35
125
125
990
350
0.0076
< 1.5
 
4
 
25.0
2060.0043.xx
0.375
125
125
990
370
0.013
< 1.5
 
4.6
l
25.0
2060.0044.xx
0.4
125
125
960
380
0.016
< 1.5
 
5.8
l
25.0
2060.0007.xx
0.5
125
125
350
180
0.01
2.5
 
7.7
l
25.0
2060.0045.xx
0.63
125
125
290
180
0.02
4.6
 
10
l
25.0
2060.0008.xx
0.75
125
125
260
200
0.031
7.0
 
13
l
25.0
2060.0046.xx
1
125
125
220
220
0.078
9.3
 
16
l
25.0
2060.0009.xx
1.25
125
125
220
280
0.14
> 14.0
 
25
l
25.0
2060.0010.xx
1.6
125
125
200
320
0.27
> 14.0
 
33
l
12.5
2060.0011.xx
2
125
125
200
400
0.44
> 14.0
 
45
l
8.3
2060.0012.xx
2.5
125
125
190
480
0.97
> 14.0
 
67
l
8.3
2060.0013.xx
3
125
125
190
570
1.3
> 14.0
 
67
l
8.3
2060.0014.xx
3.15
125
125
190
600
1.2
> 14.0
 
67
l
8.3
2060.0048.xx
1)100A@125VAC/DC
Packaging Unit
.xx=.11PlasticBag(100pcs.)
.xx=.22BlisterTape18cmReel(750pcs.)
.xx=.24BlisterTape33cmReel(3000pcs.)
[Kennlinien]
0.001
0.01
0.1
1
10
100
1000
10000
100000
1
10
≤ 5 A
6.3 A – 8A
10 A
Multiple of Rated Current In
Thespecifications,descriptionsandillustrationsindicatedinthisdocumentarebasedon
currentinformation.Allcontentissubjecttomodificationsandamendments.


Similar Part No. - 2060.0010.xx

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2060 ETC1-2060 Datasheet
295Kb / 7P
   38-mm (1 1/2-inch) 10 stage, End-Window Photomultiplier
logo
Heyco.
2060 HEYCO-2060 Datasheet
133Kb / 1P
   Snap Bushings
logo
Christian Bürkert GmbH ...
2060 BURKERT-2060 Datasheet
1Mb / 25P
   Pneumatically operated 2/2-way angle seat valve with stainless steel actuator
20.03.2024
2060 BURKERT-2060 Datasheet
2Mb / 20P
   Modular process valve cluster – distributor and collector
06.03.2024
logo
WAGO Kontakttechnik Gmb...
2060-189 WAGO-2060-189 Datasheet
388Kb / 7P
   SMD PCB terminal block; push-button; 0.75 mm²
23.05.2020
More results

Similar Description - 2060.0010.xx

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
OSU125 SCHURTER-OSU125_V01 Datasheet
216Kb / 2P
   Surface Mount Fuse, 7.4 x 3.1 mm, Quick-Acting F, Telecom
OMF63 SCHURTER-OMF63 Datasheet
295Kb / 4P
   Surface Mount Fuse, 7.4 x 3.1 mm, Quick-Acting F, 63 VAC, 63 VDC
OMF125 SCHURTER-OMF125_V02 Datasheet
336Kb / 5P
   Surface Mount Fuse, 7.4 x 3.1 mm, Quick-Acting F, 125 VAC, 125 VDC
04.01.2022
OMF63 SCHURTER-OMF63_V01 Datasheet
335Kb / 5P
   Surface Mount Fuse, 7.4 x 3.1 mm, Quick-Acting F, 63 VAC, 63 VDC
OMF125 SCHURTER-OMF125 Datasheet
463Kb / 3P
   Surface Mount Fuse, 7.4 x 3.1 mm, Quick-Acting F, 125 VAC, 125 VDC
OMF125 SCHURTER-OMF125_16 Datasheet
296Kb / 4P
   Surface Mount Fuse, 7.4 x 3.1 mm, Quick-Acting F, 125 VAC, 125 VDC
OMF125 SCHURTER-OMF125_18 Datasheet
325Kb / 5P
   Surface Mount Fuse, 7.4 x 3.1 mm, Quick-Acting F, 125 VAC, 125 VDC
OMF63 SCHURTER-OMF63_18 Datasheet
324Kb / 5P
   Surface Mount Fuse, 7.4 x 3.1 mm, Quick-Acting F, 63 VAC, 63 VDC
OMF SCHURTER-OMF Datasheet
462Kb / 3P
   Surface Mount Fuse, 7.4 x 3.1 mm, Quick-Acting F, 63 VAC, 63 VDC
OMF63 SCHURTER-OMF63_V02 Datasheet
335Kb / 5P
   Surface Mount Fuse, 7.4 x 3.1 mm, Quick-Acting F, 63 VAC, 63 VDC
04.01.2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com