Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC2800SYNEVK Datasheet(PDF) 11 Page - Motorola, Inc

Part # MC2800SYNEVK
Description  FLEX Paging RF/IF Frequency Synthesizer Receiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC2800SYNEVK Datasheet(HTML) 11 Page - Motorola, Inc

Back Button MC2800SYNEVK Datasheet HTML 3Page - Motorola, Inc MC2800SYNEVK Datasheet HTML 4Page - Motorola, Inc MC2800SYNEVK Datasheet HTML 5Page - Motorola, Inc MC2800SYNEVK Datasheet HTML 6Page - Motorola, Inc MC2800SYNEVK Datasheet HTML 7Page - Motorola, Inc MC2800SYNEVK Datasheet HTML 8Page - Motorola, Inc MC2800SYNEVK Datasheet HTML 9Page - Motorola, Inc MC2800SYNEVK Datasheet HTML 10Page - Motorola, Inc MC2800SYNEVK Datasheet HTML 11Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
MC2800SYNEVK
11
MOTOROLA RF/IF DEVICE DATA
Table 5. Quartz Crystal Specification
Part Number
1U0209450D30F5D0Z [Note]
Nominal Frequency,
fo
20.945 MHz
Holder Type
UM–1
Resonance Mode
Fundamental
Operating Temperature
–30 to 80
°C
Frequency Tolerance @ 25
°C
±20 ppm
Load Capacitance
30 pF
Equivalent Series Resistance, ESR
30
Ω max
Shunt Capacitance C0
7.0 pF
Drive Level
0.5
µW
Aging
±5.0 ppm/year
NOTE:
The quartz crystals are the products of Hong Kong X’TALS Limited. For further inquiry, please refer to the product catalog of
Hong Kong X’TALS Limited or hkxtals@HongKongCrystal.com.
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding
the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and
specifically disclaims any and all liability, including without limitation consequential or incidental damages. “Typical” parameters which may be provided in Motorola
data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including “Typicals”
must be validated for each customer application by customer’s technical experts. Motorola does not convey any license under its patent rights nor the rights of
others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other
applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury
or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola
and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees
arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that
Motorola was negligent regarding the design or manufacture of the part. Motorola and
are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal
Opportunity/Affirmative Action Employer.
Mfax is a trademark of Motorola, Inc.
How to reach us:
USA / EUROPE / Locations Not Listed: Motorola Literature Distribution;
JAPAN: Motorola Japan Ltd.; SPD, Strategic Planning Office, 141,
P.O. Box 5405, Denver, Colorado 80217. 1–303–675–2140 or 1–800–441–2447
4–32–1 Nishi–Gotanda, Shinagawa–ku, Tokyo, Japan. 81–3–5487–8488
Customer Focus Center: 1–800–521–6274
Mfax
™: RMFAX0@email.sps.mot.com – TOUCHTONE 1–602–244–6609
ASIA / PACIFIC: Motorola Semiconductors H.K. Ltd.; Silicon Harbour Centre,
Motorola Fax Back System
– US & Canada ONLY 1–800–774–1848
2, Dai King Street, Tai Po Industrial Estate, Tai Po, N.T., Hong Kong.
– http://sps.motorola.com/mfax/
852–26668334
HOME PAGE: http://motorola.com/sps/
MC2800SYNEVK/D
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC2800SYNEVK

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MC2800 ETC1-MC2800 Datasheet
1Mb / 63P
   Technical Specifications Multiple Motor Type
logo
Motorola, Inc
MC2800EVK MOTOROLA-MC2800EVK Datasheet
225Kb / 10P
   FLEX Paging RF/IF Receiver Board
More results

Similar Description - MC2800SYNEVK

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC2800EVK MOTOROLA-MC2800EVK Datasheet
225Kb / 10P
   FLEX Paging RF/IF Receiver Board
logo
Infineon Technologies A...
PMB2347 INFINEON-PMB2347 Datasheet
578Kb / 35P
   RF/IF Double PLL Frequency Synthesizer
Version 1.1 August 1999
PMB2349 INFINEON-PMB2349 Datasheet
670Kb / 35P
   Optimized RF/IF Dual PLL Frequency Synthesizer
Version 1.0 May 2000
logo
NEC
UPB1005GS NEC-UPB1005GS Datasheet
164Kb / 9P
   REFERENCE FREQUENCY 16.368 MHz, 2ND IF FREQUENCY 4.092 MHz RF/IF FREQUENCY DOWN-CONVERTER PLL FREQUENCY SYNTHESIZER IC FOR GPS RECEIVER
UPB1005K NEC-UPB1005K Datasheet
120Kb / 16P
   REFERENCE FREQUENCY 16.368 MHz, 2ND IF FREQUENCY 4.092 MHz RF/IF FREQUENCY DOWN-CONVERTER PLL FREQUENCY SYNTHESIZER IC FOR GPS RECEIVER
logo
National Semiconductor ...
LMX2364 NSC-LMX2364 Datasheet
694Kb / 39P
   2.6 GHz PLLatinum Fractional RF Frequency Synthesizer with 850 MHz Integer IF Frequency Synthesizer
logo
Fujitsu Component Limit...
MB15C101 FUJITSU-MB15C101 Datasheet
151Kb / 17P
   IF Band PLL Frequency Synthesizer
MB15C100 FUJITSU-MB15C100 Datasheet
285Kb / 28P
   IF Band PLL Frequency Synthesizer
MB15C103 FUJITSU-MB15C103 Datasheet
150Kb / 16P
   IF Band PLL Frequency Synthesizer
logo
Intersil Corporation
HFA3683A INTERSIL-HFA3683A Datasheet
187Kb / 17P
   2.4GHz RF/IF Converter and Synthesizer
June 2000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com