Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0853.1203 Datasheet(PDF) 1 Page - Schurter Inc.

Part # 0853.1203
Description  Fuseholder Open Design, 5 x 20 mm, SMD, var. Covers, IEC 60335-1
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

0853.1203 Datasheet(HTML) 1 Page - Schurter Inc.

  0853.1203 Datasheet HTML 1Page - Schurter Inc. 0853.1203 Datasheet HTML 2Page - Schurter Inc. 0853.1203 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image

Fuseholder Blocks & Clips
OGN-SMD
www.schurter.com/pg02b
Fuses
Fuseholder Open Design, 5 x 20 mm, SMD, var. Covers, IEC 60335-1
250 VAC · 4W/10A (VDE) · 500VAC/DC · 10A (UL/CSA)
Description
-MeetsthenewrequirementsofIEC60335-1Ed.4.0forappliances
inunattendeduse(clause30.2.3).Thisincludestheenhancedre-
quirementsofglowwiretestsacc.toIEC60695-2-11to-13.Order
number:0031.8263-5/0031.8273-5
-Lowprofilefuseblockwithinsulationwalls
Standards
-IEC60127-6
-UL4248-1/UL512
-CSAC22.2no.39
Approvals
-VDELicenseNumber:40001042
-ULFileNumber:E39328
Applications
-Industrialelectronic
-Householdappliances
References
GeneralProductInformation
PackagingDetails
Weblinks
Approvals,RoHS,CHINA-RoHS,e-Store,Distributor-Stock-Check,
Accessories,ProductChangeNotification(PCN)
Technical Data
Fuse-Link
5x20mm
Mounting
PCB
Terminal
SolderSMT
RatedVoltage
250VAC(VDE),500VAC/DC(UL/CSA)
RatedCurrent
10A(VDE),10A(UL/CSA)
RatedPowerAcceptanceIEC 4W/10A@Ta23°C
2.5W/10Awithtransparantcover,see
deratingcurves
DegreeofProtection
IP00/IP20
ProtectionClass
Suitableforapplianceswithprotection
class1or2acc.toIEC61140
AdmissibleAmbientAirTemp. -40°Cto85°C
ClimaticCategory
40/085/21acc.toIEC60068-1
Material:Socket
seevariants
Material:Terminals
Tin-PlatedCopperAlloy
UnitWeight(Socket/Cap)
1.7g
StorageConditions
0°Cto60°C,max.70%r.h.
ProductMarking
,Type,Voltage,PowerAcc./Current
Rating,Approvals
SolderingMethods
Reflow(seevariants)
Solderability
245°C/3secacc.toIEC60068-2-58,
TestTd
ResistancetoSolderingHeat
240-260°C/20-40secacc.toIPC/
JEDECJ-STD-020D
ContactResistance
<5m
Ωat20mV
DielectricStrength
>3kVbetweenL-N
(50Hz;1min)
ImpulseWithstandVoltage
>4kVbetweenL-N
InsulationResistance
>10M
ΩbetweenL-N
(500VDC;1min)
OvervoltageCategory
I-IIIacc.toIEC60664-1
PollutionDegree
1-3acc.toIEC60664-1
ResistancetoVibration
acc.toIEC60068-2-6,testFc
Abmessungen
22.7mm
 
22.7
10.8
25
9.6
11
6
Soldering pads


Similar Part No. - 0853.1203

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
0853.1201 SCHURTER-0853.1201 Datasheet
211Kb / 2P
   Fuse Carriage with Handle for OGN, OGN-SMD
28.10.2021
0853.1201 SCHURTER-0853.1201 Datasheet
211Kb / 2P
   Fuse Carriage with Handle for OGN, OGN-SMD
04.01.2022
0853.1201 SCHURTER-0853.1201_V01 Datasheet
211Kb / 2P
   Fuse Carriage with Handle for OGN, OGN-SMD
04.01.2022
0853.1202 SCHURTER-0853.1202 Datasheet
211Kb / 2P
   Fuse Carriage with Handle for OGN, OGN-SMD
28.10.2021
More results

Similar Description - 0853.1203

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
OGN-SMD SCHURTER-OGN-SMD_V01 Datasheet
365Kb / 5P
   Fuseholder Open Design, 5 x 20 mm, SMD, var. Covers, IEC 60335-1
15.09.2021
OGN-SMD SCHURTER-OGN-SMD_V02 Datasheet
365Kb / 5P
   Fuseholder Open Design, 5 x 20 mm, SMD, var. Covers, IEC 60335-1
04.01.2022
OGN-SMD SCHURTER-OGN-SMD_18 Datasheet
355Kb / 5P
   Fuseholder Open Design, 5 x 20 mm, SMD, var. Covers, IEC 60335-1
OGN SCHURTER-OGN_V01 Datasheet
278Kb / 3P
   Fuseholder Open Design, 5 x 20 mm, THT, var. Covers, IEC 60335-1
00318201 SCHURTER-00318201 Datasheet
484Kb / 3P
   Fuseholder Open Design, 5 x 20 mm, THT, var. Covers, IEC 60335-1
OGN SCHURTER-OGN_V02 Datasheet
474Kb / 5P
   Fuseholder Open Design, 5 x 20 mm, THT, SMT, THR, IEC 60335-1
26.07.2022
FPG7 SCHURTER-FPG7 Datasheet
436Kb / 2P
   Shock-Safe Fuseholder, 5 x 20 mm, horizontal, Slot/Fingergrip, SMD, IEC 60335-1
FPG6 SCHURTER-FPG6 Datasheet
404Kb / 2P
   Shock-Safe Fuseholder, 5 x 20 mm, Slot, Press, IEC 60335-1
FPG5 SCHURTER-FPG5 Datasheet
472Kb / 2P
   Shock-Safe Fuseholder, 5 x 20 mm, Slot/Fingergrip, horizontal, IEC 60335-1
FPG4 SCHURTER-FPG4 Datasheet
467Kb / 2P
   Shock-Safe Fuseholder, 5 x 20 mm, Slot/Fingergrip, vertical, IEC 60335-1
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com