Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

07510052 Datasheet(PDF) 1 Page - Schurter Inc.

Part # 07510052
Description  Clip, 5 x 20 mm, UR, Cover
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

07510052 Datasheet(HTML) 1 Page - Schurter Inc.

  07510052 Datasheet HTML 1Page - Schurter Inc. 07510052 Datasheet HTML 2Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image

Fuseholder Blocks & Clips
OG (Clip) 5x20
www.schurter.com/pg02b
Fuses
Clip, 5 x 20 mm, UR, Cover
Variant 2
500 VAC/DC · 6.3A (UL/CSA)
Description
-Clip-material:bronzeorbrass
-Optionalcovers,seeaccessories
Standards
-UL4248-1/UL512
Approvals
-ULFileNumber:E39328
References
GeneralProductInformation
Weblinks
Approvals,RoHS,CHINA-RoHS,e-Store,Distributor-Stock-Check,
Accessories,ProductChangeNotification(PCN)
Technical Data
Fuse-Link
5x20mm
Mounting
PCB
Terminal
SolderTHT
RatedVoltage
500VAC/DC
RatedCurrent
6.3A(UL/CSA)
DegreeofProtection
IP00
AdmissibleAmbientAirTemp. -40°Cto85°C
ClimaticCategory
40/085/21acc.toIEC60068-1
Material:Terminals
seevariants
UnitWeight(Socket/Cap)
0.55g
StorageConditions
0°Cto60°C,max.70%r.h.
ProductMarking
,Approvals
SolderingMethods
Wave
Solderability
235°C/2secacc.toIEC60068-2-20,
TestTa,method1
ResistancetoSolderingHeat
260°C/10secacc.toIEC60068-2-20,
TestTb,method1A
Abmessungen
1.1
6
5
0.4
5.2
±0.3
6.4
Variants 0751.0052 and 0751.0062
1.3
+0.1
0
15±0.1
Drilling holes variants 0751.0052 and 0751.0062


Similar Part No. - 07510052

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
07510056 SCHURTER-07510056 Datasheet
393Kb / 2P
   Clip, 5 x 20 / 6.3 x 32 mm, UR
More results

Similar Description - 07510052

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
07510056 SCHURTER-07510056 Datasheet
393Kb / 2P
   Clip, 5 x 20 / 6.3 x 32 mm, UR
0751.0056 SCHURTER-0751.0056_V01 Datasheet
230Kb / 2P
   Clip, 5 x 20 / 6.3 x 32 mm, UR
15.09.2021
231660 SCHURTER-231660 Datasheet
211Kb / 1P
   Clip, 10.3 x 38 mm, UR
231660 SCHURTER-231660_18 Datasheet
205Kb / 2P
   Clip, 10.3 x 38 mm, UR
231683 SCHURTER-231683_V01 Datasheet
206Kb / 2P
   Clip, 5 x 20 mm, Version 3
CQM SCHURTER-CQM Datasheet
319Kb / 1P
   Clip, 5 x 20 mm, Version 1
231828 SCHURTER-231828 Datasheet
196Kb / 1P
   Clip, 5 x 20 mm, Version 2
231683 SCHURTER-231683 Datasheet
195Kb / 1P
   Clip, 5 x 20 mm, Version 3
CQM SCHURTER-CQM_18 Datasheet
212Kb / 2P
   Clip, 5 x 20 mm, Version 1
0031.8001 SCHURTER-0031.8001_V01 Datasheet
226Kb / 2P
   Fuseholder Open Design, 5 x 20 mm, THT, Cover
04.01.2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com