Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EZ158xCM-X.XTRT Datasheet(PDF) 5 Page - Semtech Corporation

Part # EZ158xCM-X.XTRT
Description  Dual Input Low Dropout Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

EZ158xCM-X.XTRT Datasheet(HTML) 5 Page - Semtech Corporation

  EZ158xCM-X.XTRT Datasheet HTML 1Page - Semtech Corporation EZ158xCM-X.XTRT Datasheet HTML 2Page - Semtech Corporation EZ158xCM-X.XTRT Datasheet HTML 3Page - Semtech Corporation EZ158xCM-X.XTRT Datasheet HTML 4Page - Semtech Corporation EZ158xCM-X.XTRT Datasheet HTML 5Page - Semtech Corporation EZ158xCM-X.XTRT Datasheet HTML 6Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
 2005 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
EZ1580/EZ1581
EZ1582/EZ1583
The EZ158X is a low dropout regulator designed to power
low voltage microcontrollers, graphics ICs, sound cards
etc.
The dropout voltage is minimized by utilizing a separate
input voltage, V
CTL, which should exceed VOUT by at least
1.3V. The 2.5V (for example) power for the load can be
derived from a 3.3V system supply. Since the efficiency
of a linear regulator is the ratio of the output to the input
voltage, heat dissipation is reduced by using a 3.3V input
(versus a 5V one), thereby lowering heatsink and cooling
Applications Information
fan costs. For lower current applications, the heatsink
might be eliminated altogether. For a load of 7A at 2.5V,
the regulator would dissipate 17.5W when converting from
5V, but only 5.6W from a 3.3V input.
Remote Kelvin sensing of the output voltage can be
achieved by connecting the sense pin to the output at
the load. Remote sensing will reduce errors associated
with resistive trace losses between regulator and
processor.
Outline Drawing - TO-263-5
Outline Drawing - TO-220-5
e
H1
L
A2
D1
D
PLANE
SEATING
D2
Ø P
DIMENSIONS
INCHES
NOM
E1
aaa
ccc
bbb
ØP
Q
N
H1
L
E2
e
DIM
b
D1
D2
E
c
D
A
A2
A1
MIN
MILLIMETERS
MAX
MIN
MAX
NOM
E
E/2
A1
A
Q
E2
c
E1
5X b
.140
.031
0.80
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
0.36
.014
0.38
.015
0.25
.010
3.56
.067 BSC
5
.380
.355
.025
5
9.02
1.70 BSC
.420
9.65
.041
0.63
10.66
1.04
8.38
.330
.100
-
.500
.014
-
.080
.020
-
-
-
.120
2.54
-
3.05
-
.580
.024
12.70
0.36
.190
.115
.055
0.51
2.03
0.61
14.73
-
1.40
4.82
2.92
-
-
DIMENSIONS "D" AND "E" DO NOT INCLUDE MOLD FLASH, PROTRUSIONS
OR GATE BURRS.
CONTROLLING DIMENSIONS ARE IN INCHES.
NOTES:
1.
2.
14.22
.650
.560
-
16.51
-
.480
12.88
12.19
.507
A
bbb
B A
C
aaa
B A
B
ccc
B A
6.86
.270
.350
8.90
.030
0.76
6.86
5.84
.270
.230
.139
.156
3.53
-
3.96
.067 BSC
DETAIL
5
A
.326
.020
-
5
A
1.70 BSC
.380
8.28
.039
0.51
9.65
0.99
-
-
.070
.015
-
.000
-
-
15
-
15
.110
.029
1.78
0.38
.190
.010
0.00
0.74
2.79
-
0.25
4.83
-
-
DIMENSIONS "D" AND "E" DO NOT INCLUDE MOLD FLASH, PROTRUSIONS
OR GATE BURRS.
CONTROLLING DIMENSIONS ARE IN INCHES (ANGLES IN DEGREES).
NOTES:
1.
2.
SIDE VIEW
e
1.14
.065
.045
-
1.65
-
--
80
8
0
.245
6.22
12 3
5
4
A
aaa
BA
PLANE
SEATING
B
.380
10.67
9.65
.420
--
-
-
1.68
.066
4.06
.160
-
-
-
-
-
-
-
-
-
-
0.25
.010
-
-
.270
--
6.86
--
PLATED COPPER
HEAT SPREADER
aaa
N
01
0
D1
H
L1
L
e
E1
E
c
D
c1
b
A1
A
DIM
MILLIMETERS
INCHES
DIMENSIONS
MIN NOM MAX MIN
MAX
NOM
b X N
(L1)
E1
D1
A1
A
0
E
E/2
L1
D
01
L
SEE DETAIL
c1
c
H
.575
-
.625 14.61
-
15.88


Similar Part No. - EZ158xCM-X.XTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
EZ158XCM-X.XTRT SEMTECH-EZ158XCM-X.XTRT Datasheet
161Kb / 6P
   Dual Input Low Dropout Regulator
More results

Similar Description - EZ158xCM-X.XTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
EZ1580 SEMTECH-EZ1580 Datasheet
79Kb / 5P
   DUAL INPUT LOW DROPOUT REGULATOR
logo
Anpec Electronics Corop...
APL1582 ANPEC-APL1582_10 Datasheet
199Kb / 12P
   Dual Input Low Dropout Regulator
logo
Semtech Corporation
EZ1580 SEMTECH-EZ1580_03 Datasheet
161Kb / 6P
   Dual Input Low Dropout Regulator
logo
Anpec Electronics Corop...
APL1582 ANPEC-APL1582 Datasheet
106Kb / 13P
   DUAL INPUT LOW DROPOUT REGULATOR
APL1581 ANPEC-APL1581 Datasheet
311Kb / 17P
   DUAL INPUT LOW DROPOUT REGULATOR
logo
Semtech Corporation
EZ1580 SEMTECH-EZ1580_16 Datasheet
169Kb / 6P
   Dual Input Low Dropout Regulator
logo
Anpec Electronics Corop...
APL5330 ANPEC-APL5330 Datasheet
669Kb / 17P
   Dual Input 2A Low Dropout Regulator
logo
Taiwan Semiconductor Co...
TS1581 TSC-TS1581 Datasheet
135Kb / 7P
   5A Dual Input Low Dropout Positive Voltage Regulator
TS1583 TSC-TS1583 Datasheet
135Kb / 7P
   1.5A Dual Input Low Dropout Positive Voltage Regulator
TS1582 TSC-TS1582 Datasheet
135Kb / 7P
   3A Dual Input Low Dropout Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com