Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4303.0031 Datasheet(PDF) 1 Page - Schurter Inc.

Part # 4303.0031
Description  IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole and Voltage Selector
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

4303.0031 Datasheet(HTML) 1 Page - Schurter Inc.

  4303.0031 Datasheet HTML 1Page - Schurter Inc. 4303.0031 Datasheet HTML 2Page - Schurter Inc. 4303.0031 Datasheet HTML 3Page - Schurter Inc. 4303.0031 Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image

Power entry modules without line filter
KEC
www.schurter.com/pg05
Connectors
IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole and Voltage Selector
Fuse drawer must be ordered separately (see
accessories).
Fuse drawer must be ordered separately (see
accessories).
Standard or Medical Fuse drawer
C14
70° C
Description
-PanelMount:
Screw-onversionfromfrontorrearside,snap-inversionfromfront
side
-3Functions:
ApplianceInletProtectionclassI,Fuseholderwithinterchangeablefuse
drawerforFuse-links5x20mmor6.3x32mm1-or2-pole,withor
withoutvoltageselector(stepswitch)
-Quickconnectterminals4.8x0.8mm
-Alternative:versionwithlinefilterKFC
Approvals
-VDELicenseNumber:40012271
-ULLicenseNumber:E93617
-CSALicenseNumber:38456
Characteristics
-Availablewithorwithoutinternalconnections
-Thefusedrawer"Fingergrip"canberemovedbyhand
Foraddedsafety"Extra-Safe"fusedrawersareavailable
FusedrawermeetsrequirementsofmedicalstandardIEC/EN60601-1
Thefusedrawercanonlybeopenedwiththeaidofatool
Thefuseholderisaccessiblefromtheequipmentfront
-QualifiedforuseinequipmentaccordingIEC/EN60950
Other versions on request
-Fusedrawerwithothervoltagevalues
-ForprotectionclassII
References
GeneralProductInformation
Weblinks
Approvals,RoHS,CHINA-RoHS,MatingConnectors,e-Store,
Distributor-Stock-Check,Accessories
Technical Data
RatingsIEC
10A/250VAC;50Hz
RatingsUL/CSA
13A/125VAC;60Hz¹
DielectricStrength
>3kVACbetweenL-N
>4kVACbetweenL/N-PE
(1min/50Hz)
AllowableOperationTemp.
-25°Cto70°C
DegreeofProtection
fromfrontsideIP40acc.toIEC60529
ProtectionClass
Suitableforapplianceswithprotection
class1acc.toIEC61140
Terminal
Quickconnectterminals4.8x0.8mm
PanelThicknesss
Screw:max8mm
Mountingscrewtorquemax0.5Nm
Snap-in:1.5/2/2.5mm
Material:Housing
Thermoplastic,black,UL94V-0
ApplianceInlet
C14acc.toIEC/EN60320-1,
UL498,CSAC22.2no.42(forcold
conditions)pin-temperature70°C,10A,
ProtectionClass1
Fuseholder
1or2pole,ShocksafecategoryPC2
acc.toIEC60127-6,
forfuse-links5x20or6.3x32mm
RatedPowerAcceptance@
Ta23°C
5x20:2.5W(1pole)/2W(2-pole)per
pole
6.3x32:3.15W(1pole)/2.5W(2-pole)
perpole
PowerAcceptance@Ta>
23°C
Admissiblepoweracceptanceathig-
herambienttemperatureseederating
curves
VoltageSelectors
optional,step,2-4digits
1)UL/CSA:1-poleversion13A,2-poleversion10A
Dimensions
58mm
Screw on PCB mounting
30
55
4.8x0.8
R 4.5
R 6
R 3.1
18
27.5
27.2
27.5
+0.2
0
R 3
0
-0.2
2.2
2
M3/ø 3.6
Snap-in mounting
30
55
4.8x0.8
R 4.5
R 3.1
18
27.5
27.2
27.5
+0.2
0
R 3
0
-0.2
2.2
2
S±0.1


Similar Part No. - 4303.0031

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
4303.0031 SCHURTER-4303.0031 Datasheet
874Kb / 8P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole and Voltage Selector
08.12.2021
More results

Similar Description - 4303.0031

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
KEC SCHURTER-KEC_18 Datasheet
822Kb / 7P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole and Voltage Selector
KEC SCHURTER-KEC_V01 Datasheet
874Kb / 8P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole and Voltage Selector
08.12.2021
KE151100151 SCHURTER-KE151100151_V01 Datasheet
698Kb / 6P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole and Voltage Selector
08.12.2021
KE151100151 SCHURTER-KE151100151 Datasheet
576Kb / 4P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole and Voltage Selector
1067 SCHURTER-1067 Datasheet
377Kb / 3P
   IEC Appliance Inlet C14 or C18 with Voltage Selector and Fuseholder 1- or 2-pole
GSF2 SCHURTER-GSF2 Datasheet
426Kb / 3P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole
KEA SCHURTER-KEA Datasheet
576Kb / 4P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole
GSF1 SCHURTER-GSF1_18 Datasheet
438Kb / 6P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole
KEA SCHURTER-KEA_V01 Datasheet
757Kb / 6P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole
08.12.2021
1092 SCHURTER-1092 Datasheet
697Kb / 7P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com