Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W04L Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # W04L
Description  SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.5 Amperes)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

W04L Datasheet(HTML) 1 Page - Rectron Semiconductor

  W04L Datasheet HTML 1Page - Rectron Semiconductor W04L Datasheet HTML 2Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SINGLE-PHASE GLASS PASSIVATED
VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.5 Amperes
RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
FEATURES
* High reverse voltage to 1000V
* Surge overload ratings to 50 amperes peak
* Good for printed circuit board assembly
* Mounting position: Any
* Weight: 1.37 grams
* Silver-plated copper leads
* UL listed the recognized component directory, file #E94233
* Epoxy: Device has UL flammability classification 94V-O
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
W005L
THRU
W10L
RC-2
MAXIMUM RATINGS (At TA = 25
oC unless otherwise noted)
ELECTRICAL CHARACTERISTICS (At TA = 25
oC unless otherwise noted)
Dimensions in inches and (millimeters)
SILICON BRIDGE RECTIFIER
2001-5
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Bridge Input Voltage
Maximum DC Blocking Voltage
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Operating Temperature Range
SYMBOL
VRRM
VDC
IO
IFSM
TSTG
VRMS
Volts
Volts
Volts
Amps
1.5
50
-55 to + 150
Amps
0 C
UNITS
T J
-55 to + 125
0 C
50
100
200
400
600
800
1000
70
35
140
280
420
700
560
W005L
W01L
W02L
W04L
W06L
W08L
W10L
Maximum Average Forward Rectified Output Current at TA = 50
oC
Storage Temperature Range
50
100
200
400
600
800
1000
DC Blocking Voltage per element
CHARACTERISTICS
VF
SYMBOL
IR
UNITS
1.0
1
mAmps
uAmps
Maximum Reverse Current at Rated
Maximum Forward Voltage Drop per element at 1.5A DC
Volts
@TA = 25
oC
@TA = 100
oC
10
W005L
W01L
W02L
W04L
W06L
W08L
W10L
.032 (0.8)
.028 (0.7)
.220 (5.6)
.180 (4.6)
.220 (5.6)
.180 (4.6)
(30.5)
(25.4)
1.2
1.0
MIN.
MIN.
POS.
LEAD
.290 (7.4)
.270 (6.9)
.394 (10.0)
.374 (9.5)
MECHANICAL DATA


Similar Part No. - W04L

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
W04L BILIN-W04L Datasheet
70Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
MIC GROUP RECTIFIERS
W04L MIC-W04L Datasheet
101Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
logo
Shanghai Shunye Electro...
W04L SY-W04L Datasheet
236Kb / 2P
   SILICON BRIDGE RECTIFIERS
W04L SHUNYE-W04L Datasheet
236Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Diode Semiconductor Kor...
W04L DSK-W04L Datasheet
88Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results

Similar Description - W04L

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
RB151 RECTRON-RB151 Datasheet
22Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.5 Amperes)
DB151LS RECTRON-DB151LS Datasheet
295Kb / 4P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.5 Amperes
W005M RECTRON-W005M Datasheet
20Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER(VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.5 Amperes)
MP5005 RECTRON-MP5005 Datasheet
568Kb / 5P
   VOLTAGE RANGE 50 to 1000 Volts CURRENT 50 Amperes SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
2020-09 REV: B
MDA970G1 RECTRON-MDA970G1 Datasheet
22Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 4.0 Amperes)
MDA970G1 RECTRON-MDA970G1_07 Datasheet
236Kb / 3P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 4.0 Amperes
RBU401M RECTRON-RBU401M_10 Datasheet
243Kb / 6P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 4.0 Amperes
RS201M RECTRON-RS201M_11 Datasheet
197Kb / 5P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
RS1001M RECTRON-RS1001M_10 Datasheet
488Kb / 5P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 10 Amperes
MSB601M RECTRON-MSB601M Datasheet
117Kb / 6P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 6.0 Amperes
2020-01/47 REV:O
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com