Electronic Components Datasheet Search |
|
OSBHA0E30G3-OSK5DTS4C1A-X Datasheet(PDF) 2 Page - OptoSupply International |
|
OSBHA0E30G3-OSK5DTS4C1A-X Datasheet(HTML) 2 Page - OptoSupply International |
2 / 4 page 2 Device Selection Guide 1 Module No. Color Dom. Wavelength (Typ.) Intensity / Per LED (Typ.) OSR5RTS4C1A Red 625±5nm 1120 mcd OSO5STS4C1A Orange 605±5nm 1120 mcd OSY5RTS4C1A Yellow 590±5nm 1120 mcd OSG5DTS4C1A Green 525±5nm 3000 mcd OSB5STS4C1A Blue 470±5nm 1560mcd OSW5DTS4C1A White X=0.31;Y=0.32 7000mcd OSM5DTS4C1A Warm White X=0.49;Y=0.45 5000mcd OSK5DTS4C1A Pink X=0.49;Y=0.21 1900mcd Red 625±5nm 750mcd Green 525±5nm 1120mcd OSTFDBS4C1A Blue 470±5nm 400mcd Absolute Maximum Ratings(Ta=25℃) 1 Items Symbol Values Units Operating Supply Range(DC) Vidc 14 V Input Current (DC) Ii 0.9 A Power Dissipation Pa 12.6 W LED Light Source Temperature Tled 105 DegC Operating Temperature Tope -10 ~ +40 DegC Storage Temperature Tsto -20 ~ +80 DegC Typical Performance (Ta=25℃) 1 Items Symbol Min. Typ. Max. Units LED Module Power Pm - 7.2 12.6 w Input Voltage(DC) Vi - 12 14 V Product Input Current If - 0.6 0.9 A Beam Pattern BP - 120 - Deg Total Length of Modules (Including Pin) Lmod. - 1022 - mm Net Weight Wei. --- 30 --- g Model No. OSBHA0E30G3- XXXXS4C1A-X REV. B2 |
Similar Part No. - OSBHA0E30G3-OSK5DTS4C1A-X |
|
Similar Description - OSBHA0E30G3-OSK5DTS4C1A-X |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |