Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BP33-12 Datasheet(PDF) 1 Page - B. B. Battery Co., Ltd.

Part # BP33-12
Description  VRLA Rechargeable Battery Handle Type
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BB-BATTERY [B. B. Battery Co., Ltd.]
Direct Link  http://www.bb-battery.com
Logo BB-BATTERY - B. B. Battery Co., Ltd.

BP33-12 Datasheet(HTML) 1 Page - B. B. Battery Co., Ltd.

  BP33-12 Datasheet HTML 1Page - B. B. Battery Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Nominal Voltage
Nominal Capacity
33.0Ah @ 20 hour rate F.V.(1.75V/cell)
Terminals
9m
9.9 A
oo
o
o
Charge
0 C~40 C(32 F~104 F)
oo
o
o
Discharge
-20 C~50 C(-4 F~122 F)
oo
o
o
Storage.
-20 C~40 C(-4 F~104 F)
ABS(UL94-HB, UL94-V0 is optional)
Internal Resistance
Length
210±1.5
Width
129±1.5
Container Height
168±1.5
Total Height
OUTER DIMENSIONS
TERMINAL TYPE
12 V
Max. Charge Current
Container Material
DIMENSION(mm/inch)
11250g(24.81lbs.)
VRLA Rechargeable Battery
(BP33-12FR)
BP33-12
Technology
Measures
Innovation
Values
ISO 9001
ISO14001
UL
CE
179±2.0
B.B. Battery Co., Ltd.
Powered by
REV. Jul. 2009
A/0
APPLICATION
FEATURES
Maintenance free(no water topping-up required).
No free acid(Non-spillable battery).
Low self-discharge rate, lower than 3% capacity
loss per month.
Can be used in any orientation(excluding used inverted).
SPECIFICATIONS
IEC61056
JIS C 8702
GB/T 19639
Approx. Weight
Max. Discharge Current
495 A (5 sec.)
(Fully Charged )
Operating Temperature Range
(8.27±0.06)
(5.08±0.06)
(6.61±0.06)
(7.05±0.08)
All data shall be changed without prior notice, BB reserves the right to explain and update the information contained hereinto.
UPS
Wheelchairs
Lawn Mowers
Electronic Medical Equipment
Golf-Carts
Terminal Hardware Initial Torque: B7/I2(5.5Nm±5%)
Terminal B7
16.2(0.64)
6.2(0.24)
[M6 BOLT & NUT]
Terminal I2
[M6 BOLT]
M6x1.0
(V/cell)
F.V.
Discharge
Time
5 Min
10 Min
15 Min
30 Min
1 Hr
3 Hr
5 Hr
10 Hr
20 Hr
Unit: W
o
o
Constant power discharge characteristics at 25 C/77 F
1193
1381
1467
1533
1584
878
952
986
1009
1030
704
736
759
776
792
419
435
445
451
455
240.2
247.4
251.8
254.9
257.4
96.2
98.1
99.0
99.7
100.3
66.3
67.3
67.7
67.9
68.1
37.06
37.62
37.81
37.92
37.92
19.50
19.80
19.90
19.96
19.96
(V/cell)
F.V.
Discharge
Time
5 Min
10 Min
15 Min
30 Min
1 Hr
3 Hr
5 Hr
10 Hr
20 Hr
Unit: A
o
o
Constant current discharge characteristics at 25 C/77 F
107.5
126.7
134.6
140.7
145.3
77.3
83.8
86.8
88.9
90.6
61.2
64.0
66.0
67.5
68.9
35.5
36.8
37.7
38.2
38.6
20.18
20.79
21.16
21.42
21.63
8.02
8.18
8.25
8.31
8.36
5.53
5.61
5.64
5.66
5.68
3.09
3.13
3.15
3.16
3.16
1.63
1.65
1.66
1.66
1.66
Handle Type
195 1.5(7.68 0.06)
210 1.5(8.27 0.06)
129 1.5(5.08 0.06)
1.80V
1.75V
1.70V
1.65V
1.60V
1.80V
1.75V
1.70V
1.65V
1.60V
B7 (Fitting M6 bolt & nut) I2 is optional


Similar Part No. - BP33-12

ManufacturerPart #DatasheetDescription
logo
B. B. Battery Co., Ltd.
BP33-12 BB-BATTERY-BP33-12 Datasheet
554Kb / 1P
   VRLA Rechargeable Battery Standard Type
BP33-12-F-TYPE BB-BATTERY-BP33-12-F-TYPE Datasheet
179Kb / 1P
   VRLA Rechargeable Battery
BP33-12-H-TYPE BB-BATTERY-BP33-12-H-TYPE Datasheet
199Kb / 1P
   VRLA Rechargeable Battery
BP33-12-S-TYPE BB-BATTERY-BP33-12-S-TYPE Datasheet
164Kb / 1P
   VRLA Rechargeable Battery
BP33-12F BB-BATTERY-BP33-12F Datasheet
179Kb / 1P
   Maintenance Free(topping up not needed)
More results

Similar Description - BP33-12

ManufacturerPart #DatasheetDescription
logo
B. B. Battery Co., Ltd.
BP33-12FR BB-BATTERY-BP33-12FR Datasheet
554Kb / 1P
   VRLA Rechargeable Battery Standard Type
BP10-6 BB-BATTERY-BP10-6 Datasheet
200Kb / 1P
   VRLA Rechargeable Battery
BP10-12 BB-BATTERY-BP10-12 Datasheet
207Kb / 1P
   VRLA Rechargeable Battery
BP17-12 BB-BATTERY-BP17-12 Datasheet
216Kb / 1P
   VRLA Rechargeable Battery
BP26-12 BB-BATTERY-BP26-12 Datasheet
394Kb / 1P
   VRLA Rechargeable Battery
BP45-12 BB-BATTERY-BP45-12 Datasheet
218Kb / 1P
   VRLA Rechargeable Battery
BP55-12RT BB-BATTERY-BP55-12RT Datasheet
269Kb / 1P
   VRLA Rechargeable Battery
BP65-12 BB-BATTERY-BP65-12 Datasheet
219Kb / 1P
   VRLA Rechargeable Battery
BPL12-12 BB-BATTERY-BPL12-12 Datasheet
199Kb / 1P
   VRLA Rechargeable Battery
EB20-12 BB-BATTERY-EB20-12 Datasheet
203Kb / 1P
   VRLA Rechargeable Battery
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com