Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

444-2123LF Datasheet(PDF) 71 Page - List of Unclassifed Manufacturers

Part # 444-2123LF
Description  PC to TV Video Scan Converters
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

444-2123LF Datasheet(HTML) 71 Page - List of Unclassifed Manufacturers

Back Button 444-2123LF Datasheet HTML 67Page - List of Unclassifed Manufacturers 444-2123LF Datasheet HTML 68Page - List of Unclassifed Manufacturers 444-2123LF Datasheet HTML 69Page - List of Unclassifed Manufacturers 444-2123LF Datasheet HTML 70Page - List of Unclassifed Manufacturers 444-2123LF Datasheet HTML 71Page - List of Unclassifed Manufacturers 444-2123LF Datasheet HTML 72Page - List of Unclassifed Manufacturers 444-2123LF Datasheet HTML 73Page - List of Unclassifed Manufacturers 444-2123LF Datasheet HTML 74Page - List of Unclassifed Manufacturers 444-2123LF Datasheet HTML 75Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 104 page
background image
FS401, FS403
PRODUCT SPECIFICATION
REV. NO. 1.7
71
JANUARY 24, 2007
COPYRIGHT
© 1999 FOCUS ENHANCEMENTS, INC.
values.
Expressed as a percentage of the
horizontal total * 65536.
CCR_MIN_VAT
0x0B
R/W
16
32768
Minimum VAT (Vertical Active) value
allowed. Values of VAT lower than this will
cause the input calibration algorithm to use
the default VAT value (DEF_VAT).
Expressed as a percentage vertical total *
65536.
CCR_MAX_VAT
0x0C
R/W
16
64881
Maximum VAT (Vertical Active) value
allowed. Values of HAT higher than this
will cause the input calibration algorithm to
use the default HAT value (DEF_HAT).
Expressed as a percentage vertical total *
65536.
CCR_DEF_VAT
0x0D
R/W
16
63898
The default VAT (Vertical Active) value is
used when the internal micro-controller
has not been able to acquire a valid set of
vertical input calibration values.
Expressed as a percentage vertical total *
65536.
CCR_MIN_SVV
0x0E
R/W
16
1311
Minimum SVV (Start Vertical Video) value
allowed. Values of SVV lower than this will
cause the input calibration algorithm to use
the default SVV value (DEF_SVV).
Expressed as a percentage vertical total *
65536.
CCR_MAX_SVV
0x0F
R/W
16
32767
Maximum SVV (Start Vertical Video) value
allowed. Values of SVV higher than this
will cause the input calibration algorithm to
use the default SVV value (DEF_SVV).
Expressed as a percentage vertical total *
65536.
CCR_DEF_SVV
0x10
R/W
16
1638
The default SVV (Start Vertical Video)
value is used when the internal micro-
controller has not been able to acquire a
valid set of vertical input calibration values.
Expressed as a percentage vertical total *
65536.
CCR_COUNTER
0x11
R/W
8
0
Reads the internal micro-controller’s
counter. The counter runs at a frequency
of OSC1 / 786432. If OSC1 is 14.31mHz,
the COUNTER frequency is 18.20Hz.
CCR_PIXEL_SIZE
0x12
R/W
16
The size of 1 horizontal pixel expressed as
a percentage of the horizontal total *
65536. This value is useful in computing
offset of the manual input calibration
values.
CCR_LINE_SIZE
0x13
R/W
16
0
The size of 1 vertical line expressed as a
percentage of the vertical total * 65536.
This value is useful in computing offset of
the manual input calibration values.
CCR_MICAL_HAT
0x14
R/W
16
55706
The HAT (Horizontal Active) value is used
when the internal micro-controller is in
manual input calibration mode (DSICAL bit
in SCR is set).
Expressed as a percentage of the
horizontal total * 65536.
CCR_MICAL_VAT
0x15
R/W
16
63898
The VAT (Vertical Active) value is used


Similar Part No. - 444-2123LF

ManufacturerPart #DatasheetDescription
logo
3M Electronics
444 3M-444 Datasheet
56Kb / 4P
   Double Coated Tapes with Adhesive 300
logo
List of Unclassifed Man...
4440 ETC-4440 Datasheet
137Kb / 1P
   DELAY MODULES,TTL,SURFACE MOUNTED
logo
Heyco.
4440 HEYCO-4440 Datasheet
93Kb / 1P
   HEYConnect™ Terminal Bushings
logo
Christian Bürkert GmbH ...
444005 BURKERT-444005 Datasheet
1Mb / 20P
   Inline positive displacement (PD) flowmeter or Inline batch controller
18.12.2023
444006 BURKERT-444006 Datasheet
1Mb / 20P
   Inline positive displacement (PD) flowmeter or Inline batch controller
18.12.2023
More results

Similar Description - 444-2123LF

ManufacturerPart #DatasheetDescription
logo
AverLogic Technologies ...
AL251 AVERLOGIC-AL251 Datasheet
44Kb / 2P
   Video Scan Doubler
logo
Sony Corporation
CXD2428Q SONY-CXD2428Q Datasheet
291Kb / 16P
   Video Scan Converter
logo
AverLogic Technologies ...
AL250 AVERLOGIC-AL250 Datasheet
42Kb / 2P
   Video Scan Doubler
logo
Sanyo Semicon Device
LC74982W SANYO-LC74982W Datasheet
99Kb / 14P
   LCD TV Scan Converter IC
logo
Toshiba Semiconductor
TA1316AN TOSHIBA-TA1316AN Datasheet
1Mb / 115P
   YCbCr/YPbPr Signal and Sync Processor for Digital TV, Progressive Scan TV and Double Scan TV
TA1360AFG TOSHIBA-TA1360AFG Datasheet
1Mb / 110P
   YCbCr/YPbPr Signal and Sync Processor for Digital TV, Progressive Scan TV and Double Scan TV
TA1360AFG TOSHIBA-TA1360AFG_05 Datasheet
1Mb / 110P
   YCbCr/YPbPr Signal and Sync Processor for Digital TV, Progressive Scan TV and Double Scan TV
TA1360ANG TOSHIBA-TA1360ANG_05 Datasheet
1Mb / 108P
   YCbCr/YPbPr Signal and Sync Processor for Digital TV, Progressive Scan TV and Double Scan TV
logo
List of Unclassifed Man...
CH7013A ETC1-CH7013A Datasheet
249Kb / 46P
   Digital PC to TV Encoder
CH7003B ETC1-CH7003B Datasheet
334Kb / 50P
   Digital PC to TV Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com