Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

444-2123LF Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # 444-2123LF
Description  PC to TV Video Scan Converters
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

444-2123LF Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button 444-2123LF Datasheet HTML 16Page - List of Unclassifed Manufacturers 444-2123LF Datasheet HTML 17Page - List of Unclassifed Manufacturers 444-2123LF Datasheet HTML 18Page - List of Unclassifed Manufacturers 444-2123LF Datasheet HTML 19Page - List of Unclassifed Manufacturers 444-2123LF Datasheet HTML 20Page - List of Unclassifed Manufacturers 444-2123LF Datasheet HTML 21Page - List of Unclassifed Manufacturers 444-2123LF Datasheet HTML 22Page - List of Unclassifed Manufacturers 444-2123LF Datasheet HTML 23Page - List of Unclassifed Manufacturers 444-2123LF Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 104 page
background image
FS401, FS403
PRODUCT SPECIFICATION
REV. NO. 1.7
20
JANUARY 24, 2007
COPYRIGHT
© 1999 FOCUS ENHANCEMENTS, INC.
4.2.1.3 Input Calibration Tables
The internal micro-controller can store input calibration information for four video modes when in both
manual and auto input calibration mode. Setting the ENICTBL bit in the SCR register enables this
feature.
During a video mode change, the internal micro-controller will save the accumulated input calibration of
the last video mode and its IVC and IHC values into the input calibration table. Next, the internal micro-
controller will search the table entries for an entry that match the IHC and IVC of the new mode. If a
match is found, then the input calibration information is retrieved from the table.
Setting the RSTICAL bit in the SCR register will clear the table entry for the current mode.
The input calibration table can be read and modified by accessing the following configuration values via
the CCR and CDR registers.
CCR_ICAL_TABLE_x_IVC
CCR_ICAL_TABLE_x_IHC
CCR_ICAL_TABLE_x_HAT
CCR_ICAL_TABLE_x_SHV
CCR_ICAL_TABLE_x_VAT
CCR_ICAL_TABLE_x_SVV
x = 0, 1, 2, or 3
4.2.2 Output Calibration
The internal micro-controller needs to know the location of the first displayable pixel and line and how
many pixels and lines the output device can display. This information is referred to as the Output
Calibration.
The internal micro-controller has built-in default output calibration that works well for supported output
devices. However, an external controller can change the output calibration to suit a specific output
device.
The starting pixel and starting line locations are stored in HOHOS and HOVOS. The external controller
may read and write these registers at any time. Any changes will take effect upon the next output frame.
The number of pixels and lines that can be displayed are stored in the TVP (TV Pixels) and TVL (TV
Lines) registers. The external controller may read and write these registers at any time. Any changes will
take effect after the internal controller recalculates the low level registers.
Additionally, the FS400 is capable of display a 75% color bar pattern to assist the user in manually
adjusting the output calibration. Setting the OCAL bit in the SCR register enables the 75% color bar
pattern.
Any change to TV_CLK, PROG_INT, or PAL_NTSC fields of the HCRS register causes the internal
micro-controller to initialize the HOHOS, HOVOS, TVL, and TVP registers to defaults appropriate to the
new output mode.
4.2.3 Zoom
There are two zooming methods. The first is to set the ZOOM bit in the HCRES register for 2x-zoom.
The second is to use the HSS (Horizontal Scale Step) and the VSS (Vertical Scale Step) registers for
variable zoom.
Setting the ZOOM bit in the HCRES register causes the pixels to double in size. The HPP (Horizontal
Pan Position) and the VPP (Vertical Pan Position) are used to pan the zoomed image.


Similar Part No. - 444-2123LF

ManufacturerPart #DatasheetDescription
logo
3M Electronics
444 3M-444 Datasheet
56Kb / 4P
   Double Coated Tapes with Adhesive 300
logo
List of Unclassifed Man...
4440 ETC-4440 Datasheet
137Kb / 1P
   DELAY MODULES,TTL,SURFACE MOUNTED
logo
Heyco.
4440 HEYCO-4440 Datasheet
93Kb / 1P
   HEYConnect™ Terminal Bushings
logo
Christian Bürkert GmbH ...
444005 BURKERT-444005 Datasheet
1Mb / 20P
   Inline positive displacement (PD) flowmeter or Inline batch controller
18.12.2023
444006 BURKERT-444006 Datasheet
1Mb / 20P
   Inline positive displacement (PD) flowmeter or Inline batch controller
18.12.2023
More results

Similar Description - 444-2123LF

ManufacturerPart #DatasheetDescription
logo
AverLogic Technologies ...
AL251 AVERLOGIC-AL251 Datasheet
44Kb / 2P
   Video Scan Doubler
logo
Sony Corporation
CXD2428Q SONY-CXD2428Q Datasheet
291Kb / 16P
   Video Scan Converter
logo
AverLogic Technologies ...
AL250 AVERLOGIC-AL250 Datasheet
42Kb / 2P
   Video Scan Doubler
logo
Sanyo Semicon Device
LC74982W SANYO-LC74982W Datasheet
99Kb / 14P
   LCD TV Scan Converter IC
logo
Toshiba Semiconductor
TA1316AN TOSHIBA-TA1316AN Datasheet
1Mb / 115P
   YCbCr/YPbPr Signal and Sync Processor for Digital TV, Progressive Scan TV and Double Scan TV
TA1360AFG TOSHIBA-TA1360AFG Datasheet
1Mb / 110P
   YCbCr/YPbPr Signal and Sync Processor for Digital TV, Progressive Scan TV and Double Scan TV
TA1360AFG TOSHIBA-TA1360AFG_05 Datasheet
1Mb / 110P
   YCbCr/YPbPr Signal and Sync Processor for Digital TV, Progressive Scan TV and Double Scan TV
TA1360ANG TOSHIBA-TA1360ANG_05 Datasheet
1Mb / 108P
   YCbCr/YPbPr Signal and Sync Processor for Digital TV, Progressive Scan TV and Double Scan TV
logo
List of Unclassifed Man...
CH7013A ETC1-CH7013A Datasheet
249Kb / 46P
   Digital PC to TV Encoder
CH7003B ETC1-CH7003B Datasheet
334Kb / 50P
   Digital PC to TV Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com