Electronic Components Datasheet Search |
|
444-2123LF Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers |
|
444-2123LF Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers |
17 / 104 page FS401, FS403 PRODUCT SPECIFICATION REV. NO. 1.7 17 JANUARY 24, 2007 COPYRIGHT © 1999 FOCUS ENHANCEMENTS, INC. 4. Control Register Definitions 4.1 Control Register Functions Control register functions are summarized in Table 3. Each internal register is up to 16-bits wide. To access a register two 8-bit data words must be transferred. In the case of a write, writing the second byte loads the internal 16-bit register. Most registers have type read/write. Read only registers access the internal status of the FS400. Write-only registers initiate the transfer of data. There are two methods for an external processor to control the FS400. The first is to directly program the FS400 SIO hardware registers. The external processor would sample continuously the IHC and IVC registers to monitor the size and speed of the input video. Additionally, it would read the SHV, EHV, SVV, and EVV to determine the size of the active area of the input image (input calibration). Lastly, the external processor would have to calculate the values for the ILS, VSC, IHS, IHA, HSC, OHO, and OVO registers. The second method is to allow the FS400’s internal micro-controller to do most of the required work. The external processor writes to a set of high level registers (software registers) to direct the internal micro- controller’s actions. The internal micro-controller takes care of all the real-time sampling and calculations for the lower level registers (hardware registers). When enabled, the internal micro-controller takes control of many of the hardware registers. These registers are GPO, ILS, VSC, IVO, IHS, IHA, HSC, IHO, CR, CRE, OHO, OVO, SHV, EHV, SVV, EVV, AVT, and FLK. The external processor should not write to these registers while the internal micro- controller is enabled. The internal micro-controller also provides high level registers (software registers). These registers are described in the following sections. The interface the software registers is identical to the hardware registers via the SIO. Additionally, the external processor is allowed to write to the following hardware registers: CON, BRT, SHP, and CSC. |
Similar Part No. - 444-2123LF |
|
Similar Description - 444-2123LF |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |