Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

444-2121LF Datasheet(PDF) 97 Page - List of Unclassifed Manufacturers

Part # 444-2121LF
Description  PC to TV Video Scan Converters
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

444-2121LF Datasheet(HTML) 97 Page - List of Unclassifed Manufacturers

Back Button 444-2121LF Datasheet HTML 93Page - List of Unclassifed Manufacturers 444-2121LF Datasheet HTML 94Page - List of Unclassifed Manufacturers 444-2121LF Datasheet HTML 95Page - List of Unclassifed Manufacturers 444-2121LF Datasheet HTML 96Page - List of Unclassifed Manufacturers 444-2121LF Datasheet HTML 97Page - List of Unclassifed Manufacturers 444-2121LF Datasheet HTML 98Page - List of Unclassifed Manufacturers 444-2121LF Datasheet HTML 99Page - List of Unclassifed Manufacturers 444-2121LF Datasheet HTML 100Page - List of Unclassifed Manufacturers 444-2121LF Datasheet HTML 101Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 104 page
background image
FS401, FS403
PRODUCT SPECIFICATION
REV. NO. 1.7
97
JANUARY 24, 2007
COPYRIGHT
© 1999 FOCUS ENHANCEMENTS, INC.
7.2.6 Video Output Filters
• To reduce step noise on the D/A converter outputs, and to lower EMI, consider placing the 75
termination resistors and the first capacitor of the output filter close to the video output pins of the
FS400.
7.2.7 Analog Power Supply Bypassing, Filtering, and Isolation
• When possible, it is recommended that the analog supply voltages be fed from a linear voltage
regulator. Switching power supply noise, and noise from the digital plane can induce visible artifacts
into the displayed video. Always provide sufficient filtering and high frequency bypassing to insure that
power supply noise is minimized for visual as well as EMI reasons.
• Noise from the digital plane must be kept isolated from the analog plane. Consider using a 1
Ω to 2Ω
resistor with a 100
µF capacitor as a filter network. The voltage drop to the analog plane is minimal,
and this effectively minimizes clock noise from the digital plane.
• It is recommended that each power supply section be isolated with a ferrite bead and a 4.7
µF
capacitor. Where the power pins are so close together that the 0.1
µF bypass capacitors are adjacent,
consider changing one of the adjacent capacitors to 100 to 1000pF to reduce higher frequency noise
on the power supply.
7.2.8 Power and Ground
Within the FS400, separate power is routed to functional sections: A/D converters, phase locked loops,
D/A converters, digital processors and digital drivers. To minimize power consumption, a +3.3 volt supply
is used for the external SDRAM interface and the internal line buffers. All ground pins should be
connected to a common ground plane. Power pins should be segregated into analog and digital sections.
Clean analog power should be applied to the VDDAD, VDDPA, VDDPF, and VDDDA pins. A 0.1 µF capacitor
should be placed adjacent to each group of pins. The capacitor connected to CBYPR is critical, and it must
be connected to VDDDA to minimize noise at the D/A converter outputs. Chip capacitors are
recommended.
Digital power may be derived from system digital +3.3 volts. If necessary insert a ferrite bead in series
with the supply trace. A 47
µF capacitor should be placed across the common +3.3 VDC for V
DD, VDDAD
and VDDDA to act as a reservoir for heavy currents drawn by D/A converters and memory. At least one 0.1
µF capacitor should be located adjacent to V
DD pins along each side of the FS400 to supply transient
currents.


Similar Part No. - 444-2121LF

ManufacturerPart #DatasheetDescription
logo
3M Electronics
444 3M-444 Datasheet
56Kb / 4P
   Double Coated Tapes with Adhesive 300
logo
List of Unclassifed Man...
4440 ETC-4440 Datasheet
137Kb / 1P
   DELAY MODULES,TTL,SURFACE MOUNTED
logo
Heyco.
4440 HEYCO-4440 Datasheet
93Kb / 1P
   HEYConnect™ Terminal Bushings
logo
Christian Bürkert GmbH ...
444005 BURKERT-444005 Datasheet
1Mb / 20P
   Inline positive displacement (PD) flowmeter or Inline batch controller
18.12.2023
444006 BURKERT-444006 Datasheet
1Mb / 20P
   Inline positive displacement (PD) flowmeter or Inline batch controller
18.12.2023
More results

Similar Description - 444-2121LF

ManufacturerPart #DatasheetDescription
logo
AverLogic Technologies ...
AL251 AVERLOGIC-AL251 Datasheet
44Kb / 2P
   Video Scan Doubler
logo
Sony Corporation
CXD2428Q SONY-CXD2428Q Datasheet
291Kb / 16P
   Video Scan Converter
logo
AverLogic Technologies ...
AL250 AVERLOGIC-AL250 Datasheet
42Kb / 2P
   Video Scan Doubler
logo
Sanyo Semicon Device
LC74982W SANYO-LC74982W Datasheet
99Kb / 14P
   LCD TV Scan Converter IC
logo
Toshiba Semiconductor
TA1316AN TOSHIBA-TA1316AN Datasheet
1Mb / 115P
   YCbCr/YPbPr Signal and Sync Processor for Digital TV, Progressive Scan TV and Double Scan TV
TA1360AFG TOSHIBA-TA1360AFG Datasheet
1Mb / 110P
   YCbCr/YPbPr Signal and Sync Processor for Digital TV, Progressive Scan TV and Double Scan TV
TA1360AFG TOSHIBA-TA1360AFG_05 Datasheet
1Mb / 110P
   YCbCr/YPbPr Signal and Sync Processor for Digital TV, Progressive Scan TV and Double Scan TV
TA1360ANG TOSHIBA-TA1360ANG_05 Datasheet
1Mb / 108P
   YCbCr/YPbPr Signal and Sync Processor for Digital TV, Progressive Scan TV and Double Scan TV
logo
List of Unclassifed Man...
CH7013A ETC1-CH7013A Datasheet
249Kb / 46P
   Digital PC to TV Encoder
CH7003B ETC1-CH7003B Datasheet
334Kb / 50P
   Digital PC to TV Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com