Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KD11.4199.151 Datasheet(PDF) 3 Page - Schurter Inc.

Part # KD11.4199.151
Description  IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole, Bowden-Line Switch 2-pole and Voltage Selector
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

KD11.4199.151 Datasheet(HTML) 3 Page - Schurter Inc.

  KD11.4199.151 Datasheet HTML 1Page - Schurter Inc. KD11.4199.151 Datasheet HTML 2Page - Schurter Inc. KD11.4199.151 Datasheet HTML 3Page - Schurter Inc. KD11.4199.151 Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image

Power entry modules without line filter
KD-Bowdencable
www.schurter.com/pg05
Connectors
Derating Curves
Fuses
5 x 20 mm (1-pole)
1.5
1.0
0.5
0.0
2.5
2.0
0
20
40
60
80
100
I = << In
I = 0.7 In
I = 1.0 In
Ambient air temperature Ta °C
Fuses
5 x 20 mm (2-pole, per pole)
0
20
40
60
80
100
I = << In
I = 0.7 In
I = 1.0 In
2.0
1.5
1.0
0.5
0.0
Ambient air temperature Ta °C
Fuses
6.3 x 32 mm (1-pole)
0
20
40
60
80
100
1.5
1.0
0.5
0.0
2.5
3.15
2.0
I = << In
I = 0.7 In
I = 1.0 In
Ambient air temperature Ta °C
Fuses
6.3 x 32 mm (2-pole, per pole)
1.5
1.0
0.5
0.0
2.5
2.0
0
20
40
60
80
100
I = << In
I = 0.7 In
I = 1.0 In
Ambient air temperature Ta °C
Bowdencablemustbeorderedseparately
Type
Panel mounting
Panel Thickness
s [mm]
Fuseholder
Line Switch
Voltage selector max.
4 pos*
Order Number
KD-Bowdencable
Screw
-
1-pole
Switch for bowdencable
without
KD11.4199.151
KD-Bowdencable
Screw
-
2-pole
Switch for bowdencable
without
KD14.4199.151
KD-Bowdencable
Snap-in
1.5
1-pole
Switch for bowdencable
without
KD11.4199.105
KD-Bowdencable
Snap-in
2
1-pole
Switch for bowdencable
without
KD11.4199.107
KD-Bowdencable
Snap-in
2.5
1-pole
Switch for bowdencable
without
KD11.4199.109
KD-Bowdencable
Snap-in
1.5
2-pole
Switch for bowdencable
without
KD14.4199.105
KD-Bowdencable
Snap-in
2
2-pole
Switch for bowdencable
without
KD14.4199.107
KD-Bowdencable
Snap-in
2.5
2-pole
Switch for bowdencable
without
KD14.4199.109
Packaging unit
10Pcs


Similar Part No. - KD11.4199.151

ManufacturerPart #DatasheetDescription
logo
SanRex Corporation
KD110F SANREX-KD110F Datasheet
107Kb / 2P
   DIODE MODULE
More results

Similar Description - KD11.4199.151

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
KG156199151 SCHURTER-KG156199151 Datasheet
493Kb / 4P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole, Bowden-Line Switch 2-pole and Voltage Selector
KD-BOWDENCABLE SCHURTER-KD-BOWDENCABLE Datasheet
556Kb / 5P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole, Bowden-Line Switch 2-pole and Voltage Selector
20.08.2020
KG-BOWDENCABLE SCHURTER-KG-BOWDENCABLE Datasheet
424Kb / 5P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole, Bowden-Line Switch 2-pole and Voltage Selector
20.08.2020
KD13.1101.105 SCHURTER-KD13.1101.105_V01 Datasheet
686Kb / 6P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole, Line Switch 2-pole and Voltage Selector
08.12.2021
KG16.5101.105 SCHURTER-KG16.5101.105 Datasheet
582Kb / 6P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole, Line Switch 2-pole and Voltage Selector
08.12.2021
KG165101151 SCHURTER-KG165101151 Datasheet
568Kb / 4P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole, Line Switch 1- or 2-pole and Voltage Selector
KD134101151 SCHURTER-KD134101151 Datasheet
586Kb / 4P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole, Line Switch 1- or 2-pole and Voltage Selector
GRM1 SCHURTER-GRM1 Datasheet
413Kb / 3P
   IEC Appliance Inlet C14 with Fuseholder 2-pole, Line Switch 2-pole and Voltage Selector
GRM1 SCHURTER-GRM1_V01 Datasheet
417Kb / 3P
   IEC Appliance Inlet C14 with Fuseholder 2-pole, Line Switch 2-pole and Voltage Selector
01.03.2013
DD11 SCHURTER-DD11_18 Datasheet
386Kb / 5P
   IEC Appliance Inlet C14 with Line Switch 2-pole, Fuseholder 1- or 2-pole
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com